Moteur de recherche de fiches techniques de composants électroniques |
|
FC4L64R020DER Fiches technique(PDF) 1 Page - Ohmite Mfg. Co. |
|
FC4L64R020DER Fiches technique(HTML) 1 Page - Ohmite Mfg. Co. |
1 / 2 page 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com 8 FC4L Series FC4L Four Terminal Current Sense Metal Foil Construction Ohmite extends its FC4L Series with this 4-terminal Kelvin type FC4L derivative in 2 watt and 5 watt package sizes. Employing the same Ni-Cu-Mn resistive element this prod- uct affords the user an added advantage of a built in 4-ter- minal design with 2 larger electrodes for current manage- ment and 2 smaller electrodes for current measurement. Power Resistance TCR Weight Series Rating Range Tol. (ppm/°C) (g) FC4L16 0.25W 5m, 10m, 20m, ±1% ±50 0.004 50mΩ ~ 100mΩ FC4L32 1W 1mΩ ±5% ±100 0.015 2mΩ ±2% ±100 3mΩ ±1% ±100 4mΩ ~ 500mΩ ±1% ±50 Fea ture S •FoilConstructionensuresaverystableTCR (TemperatureCoefficientofResistance) •Designedforautomaticinsertion •Industrystandardsizes •Highheatresistantuse •Lowheatelectromotiveuse •Color:white(top)andgreen(bottom) 100 Ambient FC4L16 Others Temperature, °C 60 20 0 80 40 0 50 100 125 155 70 -55 S er I e S SP e CIFIC at IONS C hara C ter IS t ICS Test Condition Maximum ∆R Max. temperature for rated power 70°C Operating temperature range -55°C ~ +155°C (FC4L16: -40°C ~ +125°C) Rated voltage √(Rated power x Resistance value) V Overload (FC4L16 only) Rated power x 1.5 for 5s ±(0.5%+0.0005Ω) In-rush current Rated current 10 msec ON, 60 sec OFF, 10 cycles. Power Resistance In-rush Max. Series Rating Range Power Current FC4L16 0.25 watt 5m, 10mΩ 2.5W 5A FC4L32 1 watt 1mΩ~9mΩ 25W 45A 10mΩ~500mΩ 12.5W 24A FC4L64 2 watt 1mΩ~9mΩ 100W 85A 10mΩ~100mΩ 50W 35A FC4L110 5 watt 1mΩ~50mΩ 100W 100A In-rush current = √(in-rush power/resistance value), or max. current, whichever is smaller ±(1.0% +0.0005Ω) Rapid change of temperature -55°C (30min.)/+155°C (30min.), 100 cycles 1000 cycles, FC4L16 only ±(1.0% +0.0005Ω) ±(2.0%+0.0005Ω) Solderability 245°C ±5°C for 3 ±0.5 sec. Min. 90% coverage Endurance at 70°C 70°C ±3°C, Rated voltage 1.5h ON, 0.5h OFF, 1000h ±(1.0% +0.0005Ω) Resistance to soldering heat 260°C ±5°C for 10 ±1 sec. ±(1.0% +0.0005Ω) (±0.5% FC4L16) Moisture resistance 60°C ±2°C, 90~95% RH, Rated voltage 1.5h ON, 0.5h OFF, 1000h ±(2.0% +0.0005Ω) (±1.0% FC4L16) Derating Power Resistance TCR Weight Series Rating Range Tol. (ppm/°C) (g) FC4L64 2W 1mΩ ±5% ±100 0.038 2mΩ ±2% ±100 3mΩ ±1% ±100 4m ~ 100mΩ ±1% ±50 10m ~ 50mΩ ±0.5% ±50 FC4L110 5W 1mΩ ±5% ±100 0.110 2mΩ ±2% ±50 3mΩ ~ 100mΩ ±1% ±50 10m ~ 50mΩ ±0.5% ±50 Recommended Reflow Temperature Profile For lead free soldering (Sn-Ag-Cu solder) Preheating: 130°~180° 60s~90s Heating: Over220° 30s~90s Peak: 240°~260° Max.10s Max.numberofreflow:2 Time (sec.) Preheating 130 ~ 180℃ 60 ~ 90 sec. Heating Peak 200 50 300 250 100 150 Over 220℃ 30s ~ 90s 240 ~ 260℃ Max. 10s |
Numéro de pièce similaire - FC4L64R020DER |
|
Description similaire - FC4L64R020DER |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |