Moteur de recherche de fiches techniques de composants électroniques |
|
TMP411CD Fiches technique(PDF) 4 Page - Texas Instruments |
|
|
TMP411CD Fiches technique(HTML) 4 Page - Texas Instruments |
4 / 33 page TMP411 SBOS383C − DECEMBER 2006 − REVISED MAY 2008 www.ti.com 4 TYPICAL CHARACTERISTICS At TA = +25°C and VS = 5.0V, unless otherwise noted. Figure 1. 3 2 1 0 −1 −2 −3 REMOTE TEMPERATURE ERROR vs TMP411 AMBIENT TEMPERATURE Ambient Temperature, T A (_ C) −50 −25 125 100 75 50 25 0 V S =3.3V T DIODE =+25_ C (temperature at remote diode) 30 Typical Units Shown η =1.008 Figure 2. LOCAL TEMPERATURE ERROR vs TMP411 AMBIENT TEMPERATURE Ambient Temperature, T A (_C) 3.0 2.0 1.0 0 −1.0 −2.0 −3.0 −50 125 −25 0 25 50 75 100 50 Units Shown V S =3.3V 60 40 20 0 −20 −40 −60 REMOTE TEMPERATURE ERROR vs LEAKAGE RESISTANCE Leakage Resistance (M Ω) 0 5 10 15 20 25 30 R−GND R−V S Figure 3. Figure 4. REMOTE TEMPERATURE ERROR vs SERIES RESISTANCE (Diode−Connected Transistor, 2N3906 PNP) R S ( Ω) 2.0 1.5 1.0 0.5 0 −0.5 −1.0 −1.5 −2.0 03500 500 1000 1500 2000 2500 3000 V S =2.7V V S =5.5V (see Figure 11) Figure 5. REMOTE TEMPERATURE ERROR vs SERIES RESISTANCE (GND Collector−Connected Transistor, 2N3906 PNP) R S ( Ω) 2.0 1.5 1.0 0.5 0 −0.5 −1.0 −1.5 −2.0 03500 500 1000 1500 2000 2500 3000 V S =2.7V V S =5.5V (see Figure 11) 3 2 1 0 −1 −2 −3 REMOTE TEMPERATURE ERROR vs DIFFERENTIAL CAPACITANCE Capacitance (nF) 0 0.5 1.0 1.5 2.0 2.5 3.0 Figure 6. |
Numéro de pièce similaire - TMP411CD |
|
Description similaire - TMP411CD |