Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP422-Q1 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMP422-Q1
Description  Remote and Local Temperature Sensor
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TMP422-Q1 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TMP422-Q1 Datasheet HTML 4Page - Texas Instruments TMP422-Q1 Datasheet HTML 5Page - Texas Instruments TMP422-Q1 Datasheet HTML 6Page - Texas Instruments TMP422-Q1 Datasheet HTML 7Page - Texas Instruments TMP422-Q1 Datasheet HTML 8Page - Texas Instruments TMP422-Q1 Datasheet HTML 9Page - Texas Instruments TMP422-Q1 Datasheet HTML 10Page - Texas Instruments TMP422-Q1 Datasheet HTML 11Page - Texas Instruments TMP422-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
R (W)
S
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
0
3500
500
1000
1500
2000
2500
3000
V+=2.7V
V+=5.5V
3
2
1
0
-1
-2
-3
Capacitance(nF)
0
0.5
1.0
1.5
2.0
2.5
3.0
R
W
( )
S
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
0
3500
500
1000
1500
2000
2500
3000
V+=2.7V
V+=5.5V
60
40
20
0
-20
-40
-60
LeakageResistance(M )
W
0
5
10
15
20
25
30
R
GND
-
R
V+
-
AmbientTemperature,T (
A °C)
3
2
1
0
-1
-2
-3
-50
125
-25
0
25
50
75
100
50UnitsShown
V+=3.3V
3
2
1
0
-
1
-
2
-
3
AmbientTemperature,T ( C)
°
A
-
50
-
25
125
100
75
50
25
0
V+=3.3V
T
=+25 C
REMOTE
°
30TypicalUnitsShown
h
=1.008
8
TMP421-Q1, TMP422-Q1, TMP423-Q1
SBOS821 – NOVEMBER 2016
www.ti.com
Product Folder Links: TMP421-Q1 TMP422-Q1 TMP423-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.7 Typical Characteristics
at TA = 25°C and V+ = 5 V (unless otherwise noted)
Figure 2. Remote Temperature Error vs Temperature
Figure 3. Local Temperature Error vs Temperature
Figure 4. Remote Temperature Error vs Leakage Resistance
Figure 5. Remote Temperature Error vs Series Resistance
(Diode-Connected Transistor, 2N3906 PNP)
Figure 6. Remote Temperature Error vs Series Resistance
(GND Collector-Connected Transistor, 2N3906 PNP)
Figure 7. Remote Temperature Error vs Differential
Capacitance


Numéro de pièce similaire - TMP422-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP422-EP TI1-TMP422-EP Datasheet
380Kb / 28P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
TMP422-EP TI1-TMP422-EP Datasheet
885Kb / 31P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
More results

Description similaire - TMP422-Q1

FabricantNo de pièceFiches techniqueDescription
logo
uPI Group Inc.
US5004 UPI-US5004 Datasheet
876Kb / 15P
   Digital Remote and Local Temperature Sensor
logo
Texas Instruments
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
TMP421 TI1-TMP421_12 Datasheet
904Kb / 34P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
logo
Maxim Integrated Produc...
MAX1668 MAXIM-MAX1668_00 Datasheet
224Kb / 16P
   Multichannel Remote/Local Temperature Sensor
Rev 0; 8/00
logo
Texas Instruments
TMP461-SP TI1-TMP461-SP Datasheet
115Kb / 5P
[Old version datasheet]   Radiation Hardened Remote and Local Digital Temperature Sensor
TMP461-SP TI1-TMP461-SP_18 Datasheet
528Kb / 34P
[Old version datasheet]   Radiation Hardened Remote and Local Digital Temperature Sensor
TMP421 TI-TMP421 Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
Burr-Brown (TI)
TMP421 BURR-BROWN-TMP421 Datasheet
575Kb / 26P
   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
Global Mixed-mode Techn...
G788 GMT-G788 Datasheet
45Kb / 1P
   Remote and Local Temperature Sensor with SMBus Serial Interface
Ver: 0.4 Oct 16, 2013
logo
Texas Instruments
TMP422-EP TI1-TMP422-EP Datasheet
380Kb / 28P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com