Moteur de recherche de fiches techniques de composants électroniques |
|
3-1393809-2 Fiches technique(PDF) 5 Page - TE Connectivity Ltd |
|
3-1393809-2 Fiches technique(HTML) 5 Page - TE Connectivity Ltd |
5 / 10 page 07-2012, Rev. 0712 www.te.com © 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 5 AXICOM Signal Relays Cradle N Relay V23154/V23162 (Continued) Product code structure Typical product code V23154 -D0 721 -B1 10 Type V23154 Cradle N Relay, dust protected V23162 Cradle N Relay, hermetically sealed Version V23154 types C0 Size I, for plug-in and screw fixing, hand solder terminals silver-plated, with earth terminal, dust-protected (V23154) D0 Size II, for plug-in and screw fixing, hand solder terminals silver-plated, with earth terminal, dust-protected (V23154) M0 Size I, for printed circuit mounting, with earth terminal, dust-protected (V23154) M4 Size I, for printed circuit mounting, without earth terminal, dust-protected (V23154) N0 Size II, for printed circuit mounting, with earth terminal, dust-protected (V23154) N4 Size II, for printed circuit mounting, without earth terminal, dust-protected (V23154) V23162 types A0 Size I, for plug-in and screw fixing, hand solder terminals tinned, hermetically sealed (V23162) B0 Size II, for plug-in and screw fixing, hand solder terminals tinned, hermetically sealed (V23162) H0 Size II, for plug-in and screw, fixing, hand solder terminals, gold-plated, hermetically sealed (V23162) Coils Coil code: please refer to coil versions table Contact style B1 Single contacts B6 Single contacts F1 Single contacts C1 Bifurcated contacts C4 Bifurcated contacts Contact arrangement 04 2 form C, 2 CO 05 2 form A, 1 NO 06 1 form A+ 1 form B, 1 NO+ 1 NC 07 2 form B, 2 NC 10 4 form C, 4 CO 12 6 form A, 6 NO Other types on request Product code Version Coil Operate/Lim.Arrangement Contacts Terminals Enclosure PartNumber V23154-C0XX, standard, size I V23154-C0711-B104 Standard, size I 5VDC 1.8/7.2VDC 2 form C (2 CO) Single Plug-in/solder Dust protected 5-1393806-3 V23154-C0711-B604 Standard, size I 5VDC 1.8/7.2VDC 2 form C (2 CO) Single Plug-in/solder Dust protected 5-1393806-4 V23154-C0712-B104 Standard, size I 7VDC 2.7/10.5VDC 2 form C (2 CO) Single Plug-in/solder Dust protected 5-1393806-5 V23154-C0712-B604 Standard, size I 7VDC 2.7/10.5VDC 2 form C (2 CO) Single Plug-in/solder Dust protected 5-1393806-6 V23154-C0430-B104 Standard, size I 10VDC 7.1/16VDC 2 form C (2 CO) Single Plug-in/solder Dust protected 2-1393806-0 V23154-C0418-B104 Standard, size I 12VDC 6.6/20.5VDC 2 form C (2 CO) Single Plug-in/solder Dust protected 1393806-8 V23154-C0717-B104 Standard, size I 12VDC 5.3/20VDC 2 form C (2 CO) Single Plug-in/solder Dust protected 6-1393806-7 V23154-C0717-C104 Standard, size I 12VDC 7.1/20VDC 2 form C (2 CO) Bifurcated Plug-in/solder Dust protected 6-1393806-8 V23154-C0719-B104 Standard, size I 15VDC 6.8/24.5VDC 2 form C (2 CO) Single Plug-in/solder Dust protected 7-1393806-1 V23154-C0719-B604 Standard, size I 15VDC 6.8/24.5VDC 2 form C (2 CO) Single Plug-in/solder Dust protected 7-1393806-2 V23154-C0719-C104 Standard, size I 15VDC 9.1/24.5VDC 2 form C (2 CO) Bifurcated Plug-in/solder Dust protected 7-1393806-3 V23154-C0719-C404 Standard, size I 15VDC 9.1/24.5VDC 2 form C (2 CO) Bifurcated Plug-in/solder Dust protected 7-1393806-4 V23154-C0720-B104 Standard, size I 20VDC 8.9/32VDC 2 form C (2 CO) Single Plug-in/solder Dust protected 7-1393806-8 V23154-C0720-B604 Standard, size I 20VDC 8.9/32VDC 2 form C (2 CO) Single Plug-in/solder Dust protected 7-1393806-9 V23154-C0720-C104 Standard, size I 20VDC 11.9/32VDC 2 form C (2 CO) Bifurcated Plug-in/solder Dust protected 8-1393806-1 V23154-C0421-B104 Standard, size I 24VDC 11.2/36VDC 2 form C (2 CO) Single Plug-in/solder Dust protected 1-1393806-1 V23154-C0721-B104 Standard, size I 24VDC 11/40VDC 2 form C (2 CO) Single Plug-in/solder Dust protected 8-1393806-6 V23154-C0721-B604 Standard, size I 24VDC 11/40VDC 2 form C (2 CO) Single Plug-in/solder Dust protected 8-1393806-7 V23154-C0721-C104 Standard, size I 24VDC 14.5/40VDC 2 form C (2 CO) Bifurcated Plug-in/solder Dust protected 8-1393806-8 V23154-C0721-C404 Standard, size I 24VDC 14.5/40VDC 2 form C (2 CO) Bifurcated Plug-in/solder Dust protected 8-1393806-9 V23154-C0496-C104 Standard, size I 25VDC 20.8/36.3VDC 2 form C (2 CO) Bifurcated Plug-in/solder Dust protected 2-1393806-5 V23154-C0722-B104 Standard, size I 32VDC 16.9/54VDC 2 form C (2 CO) Single Plug-in/solder Dust protected 9-1393806-4 V23154-C0722-B604 Standard, size I 32VDC 16.9/54VDC 2 form C (2 CO) Single Plug-in/solder Dust protected 9-1393806-5 V23154-C0722-C104 Standard, size I 32VDC 22.6/54VDC 2 form C (2 CO) Bifurcated Plug-in/solder Dust protected 9-1393806-7 V23154-C0722-C404 Standard, size I 32VDC 22.6/54VDC 2 form C (2 CO) Bifurcated Plug-in/solder Dust protected 9-1393806-8 V23154-C0726-B104 Standard, size I 48VDC 23/75VDC 2 form C (2 CO) Single Plug-in/solder Dust protected 1393807-6 V23154-C0726-B604 Standard, size I 48VDC 23/75VDC 2 form C (2 CO) Single Plug-in/solder Dust protected 1393807-7 V23154-C0726-C104 Standard, size I 48VDC 30/75VDC 2 form C (2 CO) Bifurcated Plug-in/solder Dust protected 1393807-8 V23154-C0726-C404 Standard, size I 48VDC 30/75VDC 2 form C (2 CO) Bifurcated Plug-in/solder Dust protected 1393807-9 V23154-C0734-B104 Standard, size I 60VDC 27/92VDC 2 form C (2 CO) Single Plug-in/solder Dust protected 1-1393807-4 V23154-C0404-B104 Standard, size I 72VDC 36/100VDC 2 form C (2 CO) Single Plug-in/solder Dust protected 1393806-2 V23154-C0704-B104 Standard, size I 72VDC 36.2/114VDC 2 form C (2 CO) Single Plug-in/solder Dust protected 4-1393806-3 V23154-C0704-B604 Standard, size I 72VDC 36.2/114VDC 2 form C (2 CO) Single Plug-in/solder Dust protected 4-1393806-5 V23154-C0704-C104 Standard, size I 72VDC 48.4/114VDC 2 form C (2 CO) Bifurcated Plug-in/solder Dust protected 4-1393806-6 V23154-C0704-C404 Standard, size I 72VDC 48.4/114VDC 2 form C (2 CO) Bifurcated Plug-in/solder Dust protected 4-1393806-7 V23154-C0735-B104 Standard, size I 110VDC 49/164VDC 2 form C (2 CO) Single Plug-in/solder Dust protected 1-1393807-6 V23154-C0703-B104 Standard, size I 125VDC 61/190VDC 2 form C (2 CO) Single Plug-in/solder Dust protected 3-1393806-6 |
Numéro de pièce similaire - 3-1393809-2 |
|
Description similaire - 3-1393809-2 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |