Moteur de recherche de fiches techniques de composants électroniques |
|
8-1393813-2 Fiches technique(PDF) 7 Page - TE Connectivity Ltd |
|
8-1393813-2 Fiches technique(HTML) 7 Page - TE Connectivity Ltd |
7 / 7 page 03-2012, Rev. 0312 www.te.com © 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 7 AXICOM Signal Relays Cradle S Relay V23054/V23062 (Continued) Product code Version Coil Operate/Lim. Arrangement Contacts Enclosure PartNumber V23054-EXXXX, 5A, size III V23054-E1003-F110 5A, size III 220VDC 118/240VDC 4 form C, 4 CO Single Dust protected 5-1393813-9 V23054-E1004-F110 5A, size III 110VDC 66/145VDC 4 form C, 4 CO Single Dust protected 6-1393813-0 V23054-E1011-F110 5A, size III 6VDC 3.5/9VDC 4 form C, 4 CO Single Dust protected 6-1393813-1 V23054-E1015-F110 5A, size III 12VDC 7/18VDC 4 form C, 4 CO Single Dust protected 6-1393813-3 V23054-E1016-F110 5A, size III 12.5VDC 8.1/21.5VDC 4 form C, 4 CO Single Dust protected 6-1393813-6 V23054-E1017-F110 5A, size III 16VDC 10.5/25.5VDC 4 form C, 4 CO Single Dust protected 6-1393813-8 V23054-E1019-F110 5A, size III 20VDC 13/31VDC 4 form C, 4 CO Single Dust protected 7-1393813-2 V23054-E1020-F110 5A, size III 24VDC 15.5/39VDC 4 form C, 4 CO Single Dust protected 7-1393813-6 V23054-E1021-F110 5A, size III 32VDC 21/50VDC 4 form C, 4 CO Single Dust protected 8-1393813-1 V23054-E1022-F110 5A, size III 45VDC 29/66VDC 4 form C, 4 CO Single Dust protected 8-1393813-2 V23054-E1026-F110 5A, size III 60VDC 43/94VDC 4 form C, 4 CO Single Dust protected 8-1393813-5 V23054-E3020-F110 5A, size III 24VDC 15.5/39VDC 4 form C, 4 CO Single Dust protected 1-1393814-0 V23062-AXXXX, standard, size I V23062-A0014-C404 Standard, size I 76VDC 32/110VDC 2 form C, 2 CO Bifurcated Herm. sealed 1393815-1 V23062-A0025-C104 Standard, size I 28VDC 15/40VDC 2 form C, 2 CO Bifurcated Herm. sealed 1393815-2 V23062-A0046-C104 Standard, size I 29VDC 13/43VDC 2 form C, 2 CO Bifurcated Herm. sealed 1393815-3 V23062-BXXXX, standard, size II V23062-B0019-C410 Standard, size II 20VDC 13/31VDC 4 form C, 4 CO Bifurcated Herm. sealed 1393815-4 V23062-B0020-C110 Standard, size II 24VDC 15.5/39VDC 4 form C, 4 CO Bifurcated Herm. sealed 1393815-5 V23062-B0022-C110 Standard, size II 45VDC 29/66VDC 4 form C, 4 CO Bifurcated Herm. sealed 1393815-7 V23062-B0026-B610 Standard, size II 60VDC 29/94VDC 4 form C, 4 CO Single Herm. sealed 1393815-8 V23062-BXXXX, 5A, size II V23062-B1004-F104 5A, size II 110VDC 53.5/145VDC 2 form C, 2 CO Single Herm. sealed 1-1393815-1 V23062-B1026-F104 5A, size II 60VDC 36/94VDC 2 form C, 2 CO Single Herm. sealed 1-1393815-7 |
Numéro de pièce similaire - 8-1393813-2 |
|
Description similaire - 8-1393813-2 |