Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

X-NUCLEO-IDS01A4 Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce X-NUCLEO-IDS01A4
Description  Getting started with the Sub-1 GHz expansion board based on SPSGRF-868 and SPSGRF-915 modules for STM32 Nucleo
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X-NUCLEO-IDS01A4 Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button X-NUCLEO-IDS01A4 Datasheet HTML 6Page - STMicroelectronics X-NUCLEO-IDS01A4 Datasheet HTML 7Page - STMicroelectronics X-NUCLEO-IDS01A4 Datasheet HTML 8Page - STMicroelectronics X-NUCLEO-IDS01A4 Datasheet HTML 9Page - STMicroelectronics X-NUCLEO-IDS01A4 Datasheet HTML 10Page - STMicroelectronics X-NUCLEO-IDS01A4 Datasheet HTML 11Page - STMicroelectronics X-NUCLEO-IDS01A4 Datasheet HTML 12Page - STMicroelectronics X-NUCLEO-IDS01A4 Datasheet HTML 13Page - STMicroelectronics X-NUCLEO-IDS01A4 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Hardware description
UM1872
10/21
DocID027622 Rev 2
Figure 3. X-NUCLEO-IDS01Ax component placement details


Numéro de pièce similaire - X-NUCLEO-IDS01A4

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
X-NUCLEO-IDB04A1 STMICROELECTRONICS-X-NUCLEO-IDB04A1 Datasheet
237Kb / 5P
   Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
May 2015
X-NUCLEO-IDB05A1 STMICROELECTRONICS-X-NUCLEO-IDB05A1 Datasheet
560Kb / 7P
   Bluetooth Low Energy expansion board based on the SPBTLE- RF module for STM32 Nucleo
X-NUCLEO-IDB05A2 STMICROELECTRONICS-X-NUCLEO-IDB05A2 Datasheet
1Mb / 8P
   Bluetooth low energy expansion board based on the BLUENRG-M0 module for STM32 Nucleo
April 2020
X-NUCLEO-IDW01M1 STMICROELECTRONICS-X-NUCLEO-IDW01M1 Datasheet
848Kb / 8P
   Wi-Fi expansion board based on SPWF01SA module for STM32 Nucleo
June 2016
X-NUCLEO-IDW04A1 STMICROELECTRONICS-X-NUCLEO-IDW04A1 Datasheet
401Kb / 7P
   Wi-Fi expansion board based on SPWF04SA module for STM32 Nucleo
May 2017
More results

Description similaire - X-NUCLEO-IDS01A4

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
UM1955 STMICROELECTRONICS-UM1955 Datasheet
874Kb / 28P
   Getting started with the multifunctional expansion board based on operational amplifiers for STM32 Nucleo
October 2015 Rev 1
UM1943 STMICROELECTRONICS-UM1943 Datasheet
1Mb / 28P
   Getting started with the X-NUCLEO-IHM07M1 motor driver expansion board based on the L6230 for STM32 Nucleo
September 2015 Rev 1
UM1900 STMICROELECTRONICS-UM1900 Datasheet
1Mb / 19P
   Getting started with the digital MEMS microphones expansion board based on MP34DT01-M for STM32 Nucleo
July 2016 Rev 3
UM1910 STMICROELECTRONICS-UM1910 Datasheet
1Mb / 12P
   Getting started with the high power stepper motor driver expansion board based on powerSTEP01 for STM32 Nucleo
July 2015 Rev 1
UM1975 STMICROELECTRONICS-UM1975 Datasheet
1Mb / 20P
   Getting started with X-NUCLEO-IDW01M1 Wi-Fi expansion board based on SPWF01SA module for STM32 Nucleo
November 2015 Rev 1
UM1970 STMICROELECTRONICS-UM1970 Datasheet
1Mb / 19P
   Getting started with the X-NUCLEO-IHM09M1 motor control connector expansion board for STM32 Nucleo
October 2015 Rev 1
UM2209 STMICROELECTRONICS-UM2209 Datasheet
828Kb / 17P
   Getting Started with X-NUCLEO-OUT01A1 industrial digital output expansion board for STM32 Nucleo
June 2017 Rev 1
UM2082 STMICROELECTRONICS-UM2082 Datasheet
665Kb / 14P
   Getting started with X-NUCLEO-IHM06A1 low voltage stepper motor driver expansion board based on STSPIN220 for STM32 Nucleo
July 2016 Rev 1
X-NUCLEO-S2868A2 STMICROELECTRONICS-X-NUCLEO-S2868A2 Datasheet
1Mb / 5P
   Sub-1 GHz 868 MHz RF expansion board based on S2-LP radio for STM32 Nucleo
December 2019
X-NUCLEO-S2915A1 STMICROELECTRONICS-X-NUCLEO-S2915A1 Datasheet
176Kb / 5P
   Sub-1 GHz 915 MHz RF expansion board based on S2-LP radio for STM32 Nucleo
November 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com