Moteur de recherche de fiches techniques de composants électroniques |
|
F0122PA050SC01 Fiches technique(PDF) 5 Page - Vincotech |
|
F0122PA050SC01 Fiches technique(HTML) 5 Page - Vincotech |
5 / 15 page FZ12 / F0122PA050SC01 preliminary datasheet Figure 5 Output inverter IGBT Figure 6 Output inverter IGBT Typical switching energy losses Typical switching energy losses as a function of collector current as a function of gate resistor E = f(IC) E = f(RG) With an inductive load at With an inductive load at Tj = 25/150 °C Tj = 25/150 °C VCE = 600 V VCE = 600 V VGE = ±15 V VGE = ±15 V Rgon = 8 Ω IC = 50 A Rgoff = 8 Ω Figure 7 Output inverter IGBT Figure 8 Output inverter IGBT Typical reverse recovery energy loss Typical reverse recovery energy loss as a function of collector current as a function of gate resistor Erec = f(IC)Erec = f(RG) With an inductive load at With an inductive load at Tj = 25/150 °C Tj = 25/150 °C VCE = 600 V VCE = 600 V VGE = ±15 V VGE = ±15 V Rgon = 8 Ω IC = 50 A Output Inverter Eon High T Eoff High T Eon Low T Eoff Low T 0 1,5 3 4,5 6 7,5 9 0 2040 6080 100 I C (A) Eoff High T Eon High T Eon Low T Eoff Low T 0 1,5 3 4,5 6 7,5 9 0 8 16 24 32 40 R G ( Ω ) Tj = Tjmax -25°C Erec Tj = 25°C Erec 0 1 2 3 4 5 0 2040 6080 100 I C (A) Tj = Tjmax -25°C Erec Tj = 25°C Erec 0 1 2 3 4 5 0 8 16 24 32 40 R G ( Ω ) 5 Revision: 1 Copyright by Vincotech |
Numéro de pièce similaire - F0122PA050SC01 |
|
Description similaire - F0122PA050SC01 |