Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL431ZLS Fiches technique(PDF) 1 Page - IK Semicon Co., Ltd

No de pièce TL431ZLS
Description  Programmable Precision Reference
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IKSEMICON [IK Semicon Co., Ltd]
Site Internet  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

TL431ZLS Fiches technique(HTML) 1 Page - IK Semicon Co., Ltd

  TL431ZLS Datasheet HTML 1Page - IK Semicon Co., Ltd TL431ZLS Datasheet HTML 2Page - IK Semicon Co., Ltd TL431ZLS Datasheet HTML 3Page - IK Semicon Co., Ltd TL431ZLS Datasheet HTML 4Page - IK Semicon Co., Ltd TL431ZLS Datasheet HTML 5Page - IK Semicon Co., Ltd TL431ZLS Datasheet HTML 6Page - IK Semicon Co., Ltd TL431ZLS Datasheet HTML 7Page - IK Semicon Co., Ltd TL431ZLS Datasheet HTML 8Page - IK Semicon Co., Ltd TL431ZLS Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TECHNICAL DATA
2011, January, rev. 03
Programmable Precision Reference
Description
The TL431Z is a three-terminal adjustable
regulator series with a guaranteed thermal
stability over applicable temperature ranges.
The output voltage may be set to any value
between Vref (approximately 2.5 volts) and 40
volts with two external resistors. These devices
have a typical dynamic output impedance of
0.2
Ω. Active output circuitry provides a very
sharp turn-on characteristic, making these
devices
excellent
replacement
for
zener
diodes in many applications.The TL431Z is
characterized for operation from -40
oC to
+125
oC.
Pin Connections
TO-92
SOT-89
CATHODE
ANODE
REFERENCE
SOT-23
Features
• Programmable Output Voltage to 40V
• Low Dynamic Output Impedance 0.2Ω
• Sink Current Capability of 0.1 mA to 100 mA
• Equivalent Full-Range Temperature Coefficient
of 50 ppm/
oC
• Temperature Compensated for Operation over
Full Rated Operating Temperature Range
• Low Output Noise Voltage
• Fast Turn on Response
• TO-92, SOT-89, SOT-23 packages
Ordering Information
Product Number
Reference Input Voltage
Package
TL431ZCLF
TL431ZCLS
0.5%
TO-92
TL431ZCS
SOT-23
TL431ZCP
SOT-89
TL431ZALF
TL431ZALS
1%
TO-92
TL431ZAS
SOT-23
TL431ZAP
SOT-89
TL431ZLF
TL431ZLS
2%
TO-92
TL431ZS
SOT-23
TL431ZP
SOT-89
TL431Z


Numéro de pièce similaire - TL431ZLS

FabricantNo de pièceFiches techniqueDescription
logo
IK Semicon Co., Ltd
TL431ZLS IKSEMICON-TL431ZLS Datasheet
569Kb / 14P
   Programmable Precision Reference
More results

Description similaire - TL431ZLS

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com