Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

6N65 Fiches technique(PDF) 7 Page - DIYI Electronic Technology Co., Ltd.

No de pièce 6N65
Description  650V N-Channel Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DYELEC [DIYI Electronic Technology Co., Ltd.]
Site Internet  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

6N65 Fiches technique(HTML) 7 Page - DIYI Electronic Technology Co., Ltd.

  6N65 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. 6N65 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. 6N65 Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. 6N65 Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd. 6N65 Datasheet HTML 5Page - DIYI Electronic Technology Co., Ltd. 6N65 Datasheet HTML 6Page - DIYI Electronic Technology Co., Ltd. 6N65 Datasheet HTML 7Page - DIYI Electronic Technology Co., Ltd. 6N65 Datasheet HTML 8Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
6N65
650V N-Channel Power MOSFET
7 / 8
May,2015-REV.00
www.dyelec.com
TO-262 Mechanical Drawing
TO-263 Mechanical Drawing


Numéro de pièce similaire - 6N65

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
6N65 UTC-6N65 Datasheet
252Kb / 6P
   6.2A, 650V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
6N65 ISC-6N65 Datasheet
136Kb / 2P
   Drain Current ID= 6.2A@ TC=25C
logo
Zibo Seno Electronic En...
6N65 ZSELEC-6N65 Datasheet
460Kb / 6P
   N-CHANNEL POWER MOSFET
logo
SUNMATE electronic Co.,...
6N65 SUNMATE-6N65 Datasheet
2Mb / 7P
   N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
6N65-C UTC-6N65-C Datasheet
200Kb / 6P
   N-CHANNEL POWER MOSFET
More results

Description similaire - 6N65

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TSM7N65A TSC-TSM7N65A Datasheet
514Kb / 6P
   650V N-Channel Power MOSFET
logo
Microdiode Electronics ...
10N65F CHENDA-10N65F Datasheet
527Kb / 4P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
7N65 DYELEC-7N65 Datasheet
2Mb / 9P
   650V N-Channel Power MOSFET
8N65 DYELEC-8N65 Datasheet
1Mb / 9P
   650V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM12N65 TSC-TSM12N65 Datasheet
474Kb / 8P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
4N65 DYELEC-4N65 Datasheet
2Mb / 10P
   650V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM7N65 TSC-TSM7N65_12 Datasheet
408Kb / 9P
   650V N-Channel Power MOSFET
TSM12N65 TSC-TSM12N65_15 Datasheet
844Kb / 8P
   650V N-Channel Power MOSFET
TSM7N65 TSC-TSM7N65 Datasheet
404Kb / 9P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
12N65 DYELEC-12N65 Datasheet
2Mb / 9P
   650V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com