Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1703401026 Fiches technique(PDF) 2 Page - Molex Electronics Ltd.

No de pièce 1703401026
Description  Impact 85 Ohm Plus 4 Pair, Right Angle Daughtercard, Unguided
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOLEX11 [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1703401026 Fiches technique(HTML) 2 Page - Molex Electronics Ltd.

  1703401026 Datasheet HTML 1Page - Molex Electronics Ltd. 1703401026 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical
Current - Maximum per Contact
0.75A
Data Rate
25.0 Gbps
Impedance
85Ω
Shield Type
N/A
Shielded
No
Voltage - Maximum
30V AC (RMS)/DC
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Application Specification
AS-76060-990-001
Electrical Model Document
EE-170340-001
Packaging Specification
PK-70873-610
Product Specification
PS-170540-999-001
S-Parameter Model
SP-170340-001
Sales Drawing
SD-170340-0001
Symbol/Footprint Data
SYM-170340-1026
This document was generated on 11/18/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Numéro de pièce similaire - 1703401026

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
1703401026 MOLEX11-1703401026_17 Datasheet
49Kb / 2P
   Impact 85 Ohm Plus 4 Pair, Right Angle Daughtercard, Unguided, 16 Columns
More results

Description similaire - 1703401026

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
1703401024 MOLEX11-1703401024 Datasheet
50Kb / 2P
   Impact 85 Ohm Plus 4 Pair, Right Angle Daughtercard, Unguided
1705301022 MOLEX11-1705301022 Datasheet
52Kb / 2P
   Impact 85 Ohm Plus 3 Pair Right Angle Daughtercard, Unguided
1705301038 MOLEX11-1705301038 Datasheet
46Kb / 2P
   Impact 85 Ohm Plus 3 Pair Right Angle Daughtercard, Unguided
1704801020 MOLEX11-1704801020 Datasheet
42Kb / 2P
   Impact 85 Ohm Plus 5 Pair Right Angle Daughtercard, Unguided
1704801022 MOLEX11-1704801022 Datasheet
46Kb / 2P
   Impact 85 Ohm Plus 5 Pair Right Angle Daughtercard, Unguided
1705301026 MOLEX11-1705301026 Datasheet
52Kb / 2P
   Impact 85 Ohm Plus 3 Pair Right Angle Daughtercard, Unguided
1705401020 MOLEX11-1705401020 Datasheet
50Kb / 2P
   Impact 85 Ohm Plus 6 Pair Right Angle Daughtercard, Unguided
1705401026 MOLEX11-1705401026 Datasheet
47Kb / 2P
   Impact 85 Ohm Plus 6 Pair Right Angle Daughtercard, Unguided
1704801026 MOLEX11-1704801026 Datasheet
47Kb / 2P
   Impact 85 Ohm Plus 5 Pair Right Angle Daughtercard, Unguided
1705301020 MOLEX11-1705301020 Datasheet
48Kb / 2P
   Impact 85 Ohm Plus 3 Pair Right Angle Daughtercard, Unguided
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com