Moteur de recherche de fiches techniques de composants électroniques |
|
UF4001 Fiches technique(PDF) 1 Page - DIYI Electronic Technology Co., Ltd. |
|
UF4001 Fiches technique(HTML) 1 Page - DIYI Electronic Technology Co., Ltd. |
1 / 2 page Lead Free: For RoHS/Lead Free Version Typical Junction Capacitance (Note 3) Maximum Reverse Recovery Time (Note2) · Low loss. · High current capability · High reliability · High surge current capability Mechanical Data · Case: Molded plastic DO-41 · Terminals: Plated leads solderable per MIL-STD-202,Method 208 guaranteed · Polarity: Color band dentes cathode end · Mounting Position: Any · Making: Type Number · Rating at 25℃ ambient temperature unless otherwise specified Single phase,half wave,60Hz,resistive or inductive load UF4001 THRU UF4007 Features Maximum Ratings and Electrical Characteristics 1.0 AMP. Ultra Fast Rectifiers Dimensions in inches and (millimeters) Single phase,half wave,60Hz,resistive or inductive load For capacitive load derate current by 20% SYMBOL UF 4001 UF 4002 UF 4003 UF 4004 UF 4005 UF 4006 UF 4007 Unit VRRM 50 100 200 400 600 800 1000 V VRMS 35 70 140 280 420 560 700 V VDC 50 100 200 400 600 800 1000 V IO A IFSM A VFM V TRR nS C pF RθJA TJ ℃ TSTG ℃ Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) 75 1.7 30 1.0 Typical Thermal Resistance Junction to Ambient(Note 1) Operating Temperature Range Storage Temperature Range Forward Voltage @IF=1.0A Peak Reverse Current @T =25 ℃ At Rated DC Blocking Voltage @T =125℃ 1.0 Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Average Rectified Output Current (Note 1) @T =55 ℃ 5.0 IR 100 15 50 17 Type Number uA -55 to+ 125 -55 to+ 150 1of2 3. Measured at 1.0 MHz and Applied reverse Voltage of 4.0V D.C 2. Reverse Recovery Test Conditions: IF=0.5A, IR=1A, Irr=0.25A. Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case ℃/W A A Plastic material-UL 94V-0 · flammability A J MIN. MAX MIN. DIA. DIA. DO-41 version:01 www.dyelec.com |
Numéro de pièce similaire - UF4001 |
|
Description similaire - UF4001 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |