Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS52 Fiches technique(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

No de pièce SS52
Description  Low Power Loss,High Efficiency
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DYELEC [DIYI Electronic Technology Co., Ltd.]
Site Internet  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SS52 Fiches technique(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  SS52 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SS52 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SS515-S520
SS58 - SS510
SS525
SS55 - SS56
SS52 - SS545
50
25
75
100
2.5
5.0
THRU
version:01
2of2
0
25
50
75
100
125
150
Fig. 1 Forward Current Derating Curve
0.01
0.1
1.0
10
0
0.4
0.8
1.2
V , INSTANTANEOUS FWD VOLTAGE (V)
Fig. 2 Typ. Forward Characteristics
F
T - 25ºC
A
I Pulse Width = 300 s
F
µ
0
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
Single Half-Sine-Wave
(JEDEC Method)
T = 100 C
˝
°
10
100
1000
0.1
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25°C
SS52
SS525
A
J
www.dyelec.com
AMBIENT TEMPERTURE(℃)


Numéro de pièce similaire - SS52

FabricantNo de pièceFiches techniqueDescription
logo
Jinan Jingheng (Group) ...
SS52 JINANJINGHENG-SS52 Datasheet
79Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS52 DGNJDZ-SS52 Datasheet
249Kb / 2P
   5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Guangdong Juxing Electr...
SS52 JUXING-SS52 Datasheet
534Kb / 2P
   Surface Mount Schottky Rectifiers
logo
Shenzhen Yixinwei Techn...
SS52 YIXIN-SS52 Datasheet
57Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS52 DGNJDZ-SS52 Datasheet
370Kb / 2P
   5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Description similaire - SS52

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
MBR20H200CT PANJIT-MBR20H200CT Datasheet
111Kb / 4P
   Low power loss, high efficiency.
logo
New Jersey Semi-Conduct...
MBR1635 NJSEMI-MBR1635 Datasheet
81Kb / 1P
   Low power loss, high efficiency
logo
DIYI Electronic Technol...
SS14L DYELEC-SS14L Datasheet
1Mb / 2P
   Low Power Loss,High Efficiency
S22 DYELEC-S22 Datasheet
1Mb / 2P
   Low Power Loss,High Efficiency
S32 DYELEC-S32 Datasheet
1Mb / 2P
   Low Power Loss,High Efficiency
SS32U DYELEC-SS32U Datasheet
1Mb / 2P
   Low Power Loss,High Efficiency
SS52U DYELEC-SS52U Datasheet
1Mb / 2P
   Low Power Loss,High Efficiency
logo
Sangdest Microelectroni...
SK32BF SMC-SK32BF Datasheet
252Kb / 4P
   Low power loss, high efficiency
logo
DIYI Electronic Technol...
KMB32S DYELEC-KMB32S Datasheet
1Mb / 2P
   Low Power Loss,High Efficiency
MUR810 DYELEC-MUR810 Datasheet
789Kb / 3P
   Low power loss, high efficiency
logo
Micro Commercial Compon...
MBR10U60 MCC-MBR10U60 Datasheet
466Kb / 3P
   Low Power loss, High efficiency
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com