Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DG4051EEQ-T1-GE3 Fiches technique(PDF) 13 Page - Vishay Siliconix

No de pièce DG4051EEQ-T1-GE3
Description  Low Capacitance, Low Charge Injection, 4- / 8-Channel, Triple SPDT, Analog Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG4051EEQ-T1-GE3 Fiches technique(HTML) 13 Page - Vishay Siliconix

Back Button DG4051EEQ-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix DG4051EEQ-T1-GE3 Datasheet HTML 10Page - Vishay Siliconix DG4051EEQ-T1-GE3 Datasheet HTML 11Page - Vishay Siliconix DG4051EEQ-T1-GE3 Datasheet HTML 12Page - Vishay Siliconix DG4051EEQ-T1-GE3 Datasheet HTML 13Page - Vishay Siliconix DG4051EEQ-T1-GE3 Datasheet HTML 14Page - Vishay Siliconix DG4051EEQ-T1-GE3 Datasheet HTML 15Page - Vishay Siliconix DG4051EEQ-T1-GE3 Datasheet HTML 16Page - Vishay Siliconix DG4051EEQ-T1-GE3 Datasheet HTML 17Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
DG4051E, DG4052E, DG4053E
www.vishay.com
Vishay Siliconix
S16-0623-Rev. A, 11-Apr-16
13
Document Number: 69685
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TEST CIRCUITS
Fig. 3 - Break-Before-Make
Fig. 4 - Charge Injection
A
B
C
ENABLE
GND
V-
V+
VO
50
Ω
300
Ω
35 pF
X
X0 - X7
DG4051E
A
B
ENABLE
GND
V-
V+
VO
50
Ω
300
Ω
35 pF
X or Y
X0 - X3 or
Y0- Y3
DG4052E
A or B
or C
ENABLE
GND
V-
V+
VO
50
Ω
300
Ω
35 pF
X or Y or Z
X0, X1 or Y0,
Y1 or Z0, Z1
DG4053E
0 V
V+
50 %
80 %
tD
VO
VA,B,C
VX0 or VY0 or VZ0
V+
V+
V+
0 V
A
B
C
ENABLE
GND
V-
V+
VO
1 nF
X or Y or Z
Xx or Yx or Zx
0 V
V+
VO
VENABLE
Rg
Channel
Select
Vg
ON
OFF
OFF
ΔVO
tr < 5 ns
tf < 5 ns


Numéro de pièce similaire - DG4051EEQ-T1-GE3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
DG4051EEN-T1-GE4 VISHAY-DG4051EEN-T1-GE4 Datasheet
416Kb / 21P
   Low Capacitance, Low Charge Injection, 4- / 8-Channel, Triple SPDT, 짹 5 V / 12 V / 5 V / 3 V Analog Multiplexers
08-Feb-17
More results

Description similaire - DG4051EEQ-T1-GE3

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
MUX508 TI1-MUX508 Datasheet
1Mb / 37P
[Old version datasheet]   Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
MUX508 TI1-MUX508_16 Datasheet
1Mb / 41P
[Old version datasheet]   Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
logo
Vishay Siliconix
DG4051E VISHAY-DG4051E_V01 Datasheet
416Kb / 21P
   Low Capacitance, Low Charge Injection, 4- / 8-Channel, Triple SPDT, 짹 5 V / 12 V / 5 V / 3 V Analog Multiplexers
08-Feb-17
logo
Analog Devices
ADG1212-EP AD-ADG1212-EP Datasheet
276Kb / 12P
   Low Capacitance, Low Charge Injection
REV. 0
ADG1212 AD-ADG1212_15 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
ADG1211 AD-ADG1211_15 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
ADG1236 AD-ADG1236_15 Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection
REV. 0
ADG1204 AD-ADG1204_15 Datasheet
398Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
ADG1213 AD-ADG1213_15 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
logo
Supertex, Inc
HV20220 SUTEX-HV20220_13 Datasheet
491Kb / 10P
   Low Charge Injection, 8-Channel, High Voltage Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com