Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS225U Fiches technique(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

No de pièce SS225U
Description  Low Power Loss,High Efficiency
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DYELEC [DIYI Electronic Technology Co., Ltd.]
Site Internet  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SS225U Fiches technique(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  SS225U Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SS225U Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
28
CJ
A
STG
J
JL
@T =100
@T =25
@T =90
RRM
0
RECTIFIER
5
0.05
0.1
200
60A
10
2.0
plastic SMA
SS22 U
T
SS
@IF=2.0A
60
2.0
SS22U THRU
SURFACE MOUNT SCHOTTKY BARRIER
Features
Schottky Brrier Chip
Low Power Loss,High Efficiency
·
Ideally Suited for Automatic Assembly
·
Plastic Case Material has UL Flammability
Classification Rating 94V-
Mechanical Data
·
Case: Molded
·
Terminals: Plated leads solderable per
MIL-STD-750,Method 2026 guaranteed
·
Polarity: Color band denotes cathode end
·
Mounting Position: Any
·
Making: Type Number
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ ambient temperature unless otherwise specified
Single phase,half wave,60Hz,resistive or inductive load
For capacitive load derate current by 20%
Type Number
SYMBOL
Unit
Maximum Recurrent Peak Reverse Voltage
V
V
Maximum RMS Voltage
VRMS
V
Maximum DC Blocking Voltage
VDC
V
Average Rectified Output Current
IO
A
Peak Forward Surge Current 8.3ms Single half
sine-wave superimposed on rated load (JEDEC
Method)
IFSM
A
Forward Voltage
VFM
V
Peak Reverse Current
IR
mA
At Rated DC Blocking Voltage
Typical Junction Capacitance (Note 2)
℃/W
Rθ
88
Operating Temperature Range
T
-55 to+150
Storage Temperature Range
-55 to +150
Note: 1.Pulse Test with PW=300usec,1%Duty Cycle.
2.Mounted on P.C.Board with 5.0 mm²(0.13mm thick)copper pad areas.
version:01
1of2
·
·
140
105
70
56
150
100
80
80
60
35
40
40
20
30
50 60
14
21
28
42
20
30
50
100 150 200
0.90
0.82
0.50
0.67
AMP
·
Surge Overload Rating to
Peak
A
A
pF
Typical Thermal Resistance per leg
SS
SS
SS
SS
SS
SS
SS
SS
SS
SS
22U 23U 24U 245U 25U 26U 28U 210U 215U 220U 225U
250
175
250
45
45
31
0.92
5
SMA/DO-214AC
0.086(2.62)
0.059(1.50)
0.051(1.30)
0.110(2.80)
0.094(2.40)
0.181(4.60)
0.157(4.00)
0.079(2.00)
0.060(1.52)
0.030(0.76)
0.208(5.28)
0.188(4.80)
0.012(0.305)
0.006(0.150)
0.008(0.203)
0.002(0.051)
Dimensions in inches and (millimeters)
0.010(0.25)
0.004(0.1)
www.dyelec.com


Numéro de pièce similaire - SS225U

FabricantNo de pièceFiches techniqueDescription
logo
DIYI Electronic Technol...
SS225 DYELEC-SS225 Datasheet
1Mb / 2P
   Low Power Loss,High Efficiency
logo
Sangdest Microelectroni...
SS225A SMC-SS225A Datasheet
264Kb / 5P
   Surge Overload Rating to 50A Peak
logo
DIYI Electronic Technol...
SS225T DYELEC-SS225T Datasheet
1Mb / 2P
   Schottky Brrier Chip
More results

Description similaire - SS225U

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
MBR20H200CT PANJIT-MBR20H200CT Datasheet
111Kb / 4P
   Low power loss, high efficiency.
logo
New Jersey Semi-Conduct...
MBR1635 NJSEMI-MBR1635 Datasheet
81Kb / 1P
   Low power loss, high efficiency
logo
DIYI Electronic Technol...
SS14L DYELEC-SS14L Datasheet
1Mb / 2P
   Low Power Loss,High Efficiency
S22 DYELEC-S22 Datasheet
1Mb / 2P
   Low Power Loss,High Efficiency
S32 DYELEC-S32 Datasheet
1Mb / 2P
   Low Power Loss,High Efficiency
SS32U DYELEC-SS32U Datasheet
1Mb / 2P
   Low Power Loss,High Efficiency
SS52U DYELEC-SS52U Datasheet
1Mb / 2P
   Low Power Loss,High Efficiency
logo
Sangdest Microelectroni...
SK32BF SMC-SK32BF Datasheet
252Kb / 4P
   Low power loss, high efficiency
logo
DIYI Electronic Technol...
KMB32S DYELEC-KMB32S Datasheet
1Mb / 2P
   Low Power Loss,High Efficiency
MUR810 DYELEC-MUR810 Datasheet
789Kb / 3P
   Low power loss, high efficiency
logo
Micro Commercial Compon...
MBR10U60 MCC-MBR10U60 Datasheet
466Kb / 3P
   Low Power loss, High efficiency
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com