Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BM92T10MWV-E2 Fiches technique(PDF) 26 Page - Rohm

No de pièce BM92T10MWV-E2
Description  Type-C USB Power Delivery Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BM92T10MWV-E2 Fiches technique(HTML) 26 Page - Rohm

Back Button BM92T10MWV-E2 Datasheet HTML 22Page - Rohm BM92T10MWV-E2 Datasheet HTML 23Page - Rohm BM92T10MWV-E2 Datasheet HTML 24Page - Rohm BM92T10MWV-E2 Datasheet HTML 25Page - Rohm BM92T10MWV-E2 Datasheet HTML 26Page - Rohm BM92T10MWV-E2 Datasheet HTML 27Page - Rohm BM92T10MWV-E2 Datasheet HTML 28Page - Rohm BM92T10MWV-E2 Datasheet HTML 29Page - Rohm BM92T10MWV-E2 Datasheet HTML 30Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
BM92T10MWV
26/27
TSZ02201-0232AA000180 -1-2
30, Jul.2015, Rev.001
© 2015 ROHM Co., Ltd. All rights reserved.
TSZ22111 • 15 • 001
www.rohm.com
9
Operational Notes
(1) Reverse Connection of Power Supply
Connecting the power supply in reverse polarity can damage the IC. Take precautions against reverse polarity when connecting
the power supply, such as mounting an external diode between the power supply and the IC’s power supply pins.
(2) Power Supply Lines
Design the PCB layout pattern to provide low impedance supply lines. Separate the ground and supply lines of the digital and
analog blocks to prevent noise in the ground and supply lines of the digital block from affecting the analog block. Furthermore,
connect a capacitor to ground at all power supply pins. Consider the effect of temperature and aging on the capacitance value
when using electrolytic capacitors.
(3) Ground Voltage
Ensure that no pins are at a voltage below that of the ground pin at any time, even during transient condition.
(4) Ground Wiring Pattern
When using both small-signal and large-current ground traces, the two ground traces should be routed separately but connected
to a single ground at the reference point of the application board to avoid fluctuations in the small-signal ground caused by large
currents. Also ensure that the ground traces of external components do not cause variations on the ground voltage. The ground
lines must be as short and thick as possible to reduce line impedance.
(5) Thermal Consideration
Should by any chance the power dissipation rating be exceeded the rise in temperature of the chip may result in deterioration of
the properties of the chip. In case of exceeding this absolute maximum rating, increase the board size and copper area to prevent
exceeding the Pd rating.
(6) Recommended Operating Conditions
These conditions represent a range within which the expected characteristics of the IC can be approximately obtained. The
electrical characteristics are guaranteed under the conditions of each parameter.
(7) Inrush Current
When power is first supplied to the IC, it is possible that the internal logic may be unstable and inrush current may flow
instantaneously due to the internal powering sequence and delays, especially if the IC has more than one power supply.
Therefore, give special consideration to power coupling capacitance, power wiring, width of ground wiring, and routing of
connections.
(8) Operation Under Strong Electromagnetic Field
Operating the IC in the presence of a strong electromagnetic field may cause the IC to malfunction.
(9) Testing on Application Boards
When testing the IC on an application board, connecting a capacitor directly to a low-impedance output pin may subject the IC to
stress. Always discharge capacitors completely after each process or step. The IC’s power supply should always be turned off
completely before connecting or removing it from the test setup during the inspection process. To prevent damage from static
discharge, ground the IC during assembly and use similar precautions during transport and storage.


Numéro de pièce similaire - BM92T10MWV-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BM92T20MWV ROHM-BM92T20MWV Datasheet
1Mb / 32P
   Type-C USB Power Delivery Controller
BM92T20MWV-E2 ROHM-BM92T20MWV-E2 Datasheet
1Mb / 32P
   Type-C USB Power Delivery Controller
BM92T30MWV ROHM-BM92T30MWV Datasheet
1Mb / 31P
   Type-C USB Power Delivery Controller
BM92T30MWV-E2 ROHM-BM92T30MWV-E2 Datasheet
1Mb / 31P
   Type-C USB Power Delivery Controller
BM92T50MWV ROHM-BM92T50MWV Datasheet
1Mb / 32P
   Type-C USB Power Delivery Controller
More results

Description similaire - BM92T10MWV-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BM92A50MWV ROHM-BM92A50MWV Datasheet
1Mb / 35P
   USB Type-C Power Delivery Controller
BM92A15MWV-Z ROHM-BM92A15MWV-Z Datasheet
1Mb / 37P
   USB Type-C Power Delivery Controller
BM92A30MWV-Z ROHM-BM92A30MWV-Z Datasheet
1Mb / 31P
   USB Type-C Power Delivery Controller
BD93E70GWL ROHM-BD93E70GWL Datasheet
910Kb / 21P
   USB Type-C Power Delivery Controller
11.Mar.2021 Rev.001
BM92A11MWV-Z ROHM-BM92A11MWV-Z Datasheet
1Mb / 36P
   USB Type-C Power Delivery Controller
06.Mar.2017 Rev.002
BM92T30MWV ROHM-BM92T30MWV Datasheet
1Mb / 31P
   Type-C USB Power Delivery Controller
BM92A20MWV-Z ROHM-BM92A20MWV-Z Datasheet
2Mb / 31P
   USB Type-C Power Delivery Controller
BM92A14MWV-Z ROHM-BM92A14MWV-Z Datasheet
1Mb / 37P
   USB Type-C Power Delivery Controller
BD93E30GWL ROHM-BD93E30GWL Datasheet
910Kb / 21P
   USB Type-C Power Delivery Controller
11.Mar.2021 Rev.001
BM92A20MWV ROHM-BM92A20MWV Datasheet
1Mb / 33P
   USB Type-C Power Delivery Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com