Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BM92T10MWV-E2 Fiches technique(PDF) 14 Page - Rohm

No de pièce BM92T10MWV-E2
Description  Type-C USB Power Delivery Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BM92T10MWV-E2 Fiches technique(HTML) 14 Page - Rohm

Back Button BM92T10MWV-E2 Datasheet HTML 10Page - Rohm BM92T10MWV-E2 Datasheet HTML 11Page - Rohm BM92T10MWV-E2 Datasheet HTML 12Page - Rohm BM92T10MWV-E2 Datasheet HTML 13Page - Rohm BM92T10MWV-E2 Datasheet HTML 14Page - Rohm BM92T10MWV-E2 Datasheet HTML 15Page - Rohm BM92T10MWV-E2 Datasheet HTML 16Page - Rohm BM92T10MWV-E2 Datasheet HTML 17Page - Rohm BM92T10MWV-E2 Datasheet HTML 18Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
BM92T10MWV
14/27
TSZ02201-0232AA000180 -1-2
30, Jul.2015, Rev.001
© 2015 ROHM Co., Ltd. All rights reserved.
TSZ22111 • 15 • 001
www.rohm.com
5.6
CC_PHY
5.6.1 Outline
CC_PHY has below functions of USB Type-C. (Refer to USB Type-C Spec)
- Defining Port Mode
> DFP Mode Condition
> UFP Mode Condition
> DRP Mode Condition
- DFP-to-UFP Attach / Detach Detection
- Plug Orientation / Cable Twist Detection
- USB Type-C VBUS Current Detection and Usage
- VCONN (Supply for SOP’) Control
- Base-Band Power Delivery Communication (BBPD communication)
- Discovery and Configuration of Functional Extensions
Figure 5-3. CC_PHY Block Diagram
[PORT_CONT]
This block chose the port mode according to the setting from MCU.
(DFP)
Variable current source is connected to CC terminal. These currents of each mode are 80
μA±20%: Default Current,
180
μA±8%: Medium Current and 330μA±8%: High Current.
(UFP)
Pull-down resistor (Rd=5.1k
Ω±10%) is connected to CC terminal.
(DRP)
Changing DFP and UFP is repeated frequently.
[CC_DET]
CC_DET has functions of “Attach / Detach Detection”, “Plug Orientation / Cable Twist Detection”, “Discovery and detect
extension mode” and “USB Type-C VBUS Current Detection”.
Attach / Detach is detected with monitoring voltage of CC terminal. When the voltage of CC terminal become under a
threshold voltage at DFP, attach is detected. Oppositely, when the voltage of CC terminal become over a threshold voltage,
detach is detected. When the voltage of CC terminal become over a threshold voltage at UFP, attach is detected.
CC1
CC2
CC DET
(CC Terminal
Condition Monitor)
BB_PHY
(BBPD
Communication
TX/RX)
VCONN_IN
GND
GND
Receptacle
Rd
Rd
PORT_CONT
UFP-CLAMP
VBUS_MONI
VBUS
XCALMP1OFF
XCALMP2OFF
[VCONNSW]
Power Switch
with OCP
5V


Numéro de pièce similaire - BM92T10MWV-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BM92T20MWV ROHM-BM92T20MWV Datasheet
1Mb / 32P
   Type-C USB Power Delivery Controller
BM92T20MWV-E2 ROHM-BM92T20MWV-E2 Datasheet
1Mb / 32P
   Type-C USB Power Delivery Controller
BM92T30MWV ROHM-BM92T30MWV Datasheet
1Mb / 31P
   Type-C USB Power Delivery Controller
BM92T30MWV-E2 ROHM-BM92T30MWV-E2 Datasheet
1Mb / 31P
   Type-C USB Power Delivery Controller
BM92T50MWV ROHM-BM92T50MWV Datasheet
1Mb / 32P
   Type-C USB Power Delivery Controller
More results

Description similaire - BM92T10MWV-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BM92A50MWV ROHM-BM92A50MWV Datasheet
1Mb / 35P
   USB Type-C Power Delivery Controller
BM92A15MWV-Z ROHM-BM92A15MWV-Z Datasheet
1Mb / 37P
   USB Type-C Power Delivery Controller
BM92A30MWV-Z ROHM-BM92A30MWV-Z Datasheet
1Mb / 31P
   USB Type-C Power Delivery Controller
BD93E70GWL ROHM-BD93E70GWL Datasheet
910Kb / 21P
   USB Type-C Power Delivery Controller
11.Mar.2021 Rev.001
BM92A11MWV-Z ROHM-BM92A11MWV-Z Datasheet
1Mb / 36P
   USB Type-C Power Delivery Controller
06.Mar.2017 Rev.002
BM92T30MWV ROHM-BM92T30MWV Datasheet
1Mb / 31P
   Type-C USB Power Delivery Controller
BM92A20MWV-Z ROHM-BM92A20MWV-Z Datasheet
2Mb / 31P
   USB Type-C Power Delivery Controller
BM92A14MWV-Z ROHM-BM92A14MWV-Z Datasheet
1Mb / 37P
   USB Type-C Power Delivery Controller
BD93E30GWL ROHM-BD93E30GWL Datasheet
910Kb / 21P
   USB Type-C Power Delivery Controller
11.Mar.2021 Rev.001
BM92A20MWV ROHM-BM92A20MWV Datasheet
1Mb / 33P
   USB Type-C Power Delivery Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com