Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BM92A50MWV Fiches technique(PDF) 5 Page - Rohm

No de pièce BM92A50MWV
Description  USB Type-C Power Delivery Controller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BM92A50MWV Fiches technique(HTML) 5 Page - Rohm

  BM92A50MWV Datasheet HTML 1Page - Rohm BM92A50MWV Datasheet HTML 2Page - Rohm BM92A50MWV Datasheet HTML 3Page - Rohm BM92A50MWV Datasheet HTML 4Page - Rohm BM92A50MWV Datasheet HTML 5Page - Rohm BM92A50MWV Datasheet HTML 6Page - Rohm BM92A50MWV Datasheet HTML 7Page - Rohm BM92A50MWV Datasheet HTML 8Page - Rohm BM92A50MWV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
5/31
TSZ02201-0232AA000470-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
21.Sep.2016 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
BM92A50MWV
2.
Pin Description
Table 2-1 Pin Description
PKG
PIN#
Pin Name
BLOCK
I/O
Type
Digital
I/O Level
Description
1
GND
GND
I
GND
Ground
2
VSTR/ATST2
TEST/Debug
IO
Analog
Analog TEST/ Debug Pin2
3
IDSEL/ATST1
TEST/Debug
I
Analog
VCCIN
SMBus ID (device address)
selection “H”:1Ah, “L”:18h
/Debug Pin1
4
XRST
Interface
I
Digital
VCCIN
Digital block Reset
5
VCCIN
USB-PD
O
Analog
Internal Power supply
(For internal use, need to
connect capacitor to GND
6
VSVR
POWER
I
Power
5V SVR INPUT and
SPDSRC_FET_SRC voltage
7
DSCHG
Interface
IO
Analog
Discharge NMOS Drain
8
GND
GND
I
GND
Ground
9
VB
POWER
I
Power
Power Source from VBUS
10
GPIO4
Interface
I
Digital
Mode fixation (Fix: L)
11
GPIO5
(D0)
Interface
O
Digital
VCCIN
D0 signal
12
GPIO6
(D1)
Interface
O
Digital
VCCIN
D1 signal
13
GPIO7
(D2)
Interface
O
Digital
VCCIN
D2 signal
14
DBGRSTCK
TEST
IO
Digital
VDDIO
Test for logic
15
DBGMODDT
TEST
IO
Digital
VDDIO
Test for logic
16
GPIO0
(VOUT_EN)
Interface
I
Digital
VDDIO
VOUT_EN signal
17
GPIO1
(ALERT#)
Interface
O
(Note 1)
Digital
VDDIO
Alert signal
18
VDDIO
POWER
I
Power
Interface Voltage
19
SMDATA
Interface
IO
Digital
VDDIO
SMBus Data
20
SMCLK
Interface
I
Digital
VDDIO
SMBus Clock
21
S2_DRV_G1
FET Gate
Control
O
Analog
Power Path FET Gate Control
SPDSNK_G1
22
S2_DRV_SRC
FET Gate
Control
I
Analog
Power Path FET BG/SRC
Voltage
SPDSNK_SRC
23
S2_DRV_G2
FET Gate
Control
O
Analog
Power Path FET Gate Control
SPDSNK_G2
24
S1_DRV_G1
FET Gate
Control
O
Analog
Power Path FET Gate Control
SPDSRC_G1
25
S1_DRV_SRC
FET Gate
Control
I
Analog
Power Path FET BG/SRC
Voltage
SPDSRC_SRC
26
S1_DRV_G2
FET Gate
Control
O
Analog
Power Path FET Gate Control
SPDSRC_G2
(Note 1) N-ch Open Drain


Numéro de pièce similaire - BM92A50MWV

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BM92A50MWV-Z ROHM-BM92A50MWV-Z Datasheet
1Mb / 31P
   USB Type-C Power Delivery Controller
More results

Description similaire - BM92A50MWV

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BM92A15MWV-Z ROHM-BM92A15MWV-Z Datasheet
1Mb / 37P
   USB Type-C Power Delivery Controller
BM92A30MWV-Z ROHM-BM92A30MWV-Z Datasheet
1Mb / 31P
   USB Type-C Power Delivery Controller
BD93E70GWL ROHM-BD93E70GWL Datasheet
910Kb / 21P
   USB Type-C Power Delivery Controller
11.Mar.2021 Rev.001
BM92A11MWV-Z ROHM-BM92A11MWV-Z Datasheet
1Mb / 36P
   USB Type-C Power Delivery Controller
06.Mar.2017 Rev.002
BM92T30MWV ROHM-BM92T30MWV Datasheet
1Mb / 31P
   Type-C USB Power Delivery Controller
BM92A20MWV-Z ROHM-BM92A20MWV-Z Datasheet
2Mb / 31P
   USB Type-C Power Delivery Controller
BM92A14MWV-Z ROHM-BM92A14MWV-Z Datasheet
1Mb / 37P
   USB Type-C Power Delivery Controller
BD93E30GWL ROHM-BD93E30GWL Datasheet
910Kb / 21P
   USB Type-C Power Delivery Controller
11.Mar.2021 Rev.001
BM92A20MWV ROHM-BM92A20MWV Datasheet
1Mb / 33P
   USB Type-C Power Delivery Controller
BM92T10MWV ROHM-BM92T10MWV Datasheet
1Mb / 31P
   Type-C USB Power Delivery Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com