Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD8266EFV-M Fiches technique(PDF) 7 Page - Rohm

No de pièce BD8266EFV-M
Description  4ch System Motor Driver for Car Audio
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD8266EFV-M Fiches technique(HTML) 7 Page - Rohm

Back Button BD8266EFV-M_16 Datasheet HTML 3Page - Rohm BD8266EFV-M_16 Datasheet HTML 4Page - Rohm BD8266EFV-M_16 Datasheet HTML 5Page - Rohm BD8266EFV-M_16 Datasheet HTML 6Page - Rohm BD8266EFV-M_16 Datasheet HTML 7Page - Rohm BD8266EFV-M_16 Datasheet HTML 8Page - Rohm BD8266EFV-M_16 Datasheet HTML 9Page - Rohm BD8266EFV-M_16 Datasheet HTML 10Page - Rohm BD8266EFV-M_16 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
7/23
TSZ02201-0G1G0BK00070-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
17.Aug.2016 Rev.010
www.rohm.com
TSZ22111・15・001
BD8266EFV-M
●Electrical Characteristics (Unless otherwise noted, Ta=-40 to 85℃,PowVCC1=PowVCC2=8V, BIAS=1.65V, RL=8Ω)
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
< Focus overcurrent protection function >
PRTC Default Voltage
VPRTREF
0
0.3
V
At no-load
PRTC Protection Detection Voltage
VPRTDET
2.5
3.0
3.5
V
PRTC Protection Release Voltage
VPRTOFF
0.5
1.0
1.5
V
PRTOUT Low Output Voltage
VPOL
0.1
0.4
V
PRTOUT:3.3V,
33kΩ pullup
OCP Detection Current
IOCP
470
mA
PRTC SINK Current
IPTCSINK
43
μA
PRTC=1V
●Electrical Characteristics (Unless otherwise noted, Ta=-40 to 85℃,PowVCC1=PowVCC2=5V, BIAS=1.65V, RL=8Ω)
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
Maximum Output Amplitude (CH1)
VOM1
3.7
4.1
V
RON(total)=1.7Ω(Typ.)
Equivalent
Maximum Output Amplitude (CH2)
VOM2
4.1
4.5
V
RON(total)=0.9Ω(Typ.)
Equivalent
Maximum Output Amplitude(CH3,4)
VOM34
3.4
3.8
V
RON(total)=2.5Ω(Typ.)
Equivalent


Numéro de pièce similaire - BD8266EFV-M_16

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD8266EFV-M ROHM-BD8266EFV-M Datasheet
990Kb / 25P
   Built-in thermal shutdown circuit
More results

Description similaire - BD8266EFV-M_16

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD8226EFV ROHM-BD8226EFV_13 Datasheet
920Kb / 20P
   4ch System Motor Driver For Car Audio
BD8271EFV ROHM-BD8271EFV Datasheet
857Kb / 25P
   3ch System Motor Driver For Car Audio
BD8229EFV ROHM-BD8229EFV Datasheet
490Kb / 12P
   4ch System Motor Driver IC
BD6640KVT ROHM-BD6640KVT Datasheet
318Kb / 6P
   4ch Sensorless System Motor Driver for MD
BD8229EFV ROHM-BD8229EFV_15 Datasheet
1Mb / 17P
   4ch System Motor Driver IC
BD6640KUT ROHM-BD6640KUT Datasheet
306Kb / 6P
   4ch Sensorless System Motor Driver for MD
BD8205EFV-M ROHM-BD8205EFV-M Datasheet
1Mb / 23P
   5ch System Motor Driver for Car AV
BD6641KUT ROHM-BD6641KUT Datasheet
222Kb / 6P
   4ch PWM Sensorless System Motor Driver for MD
BD6643KN ROHM-BD6643KN Datasheet
316Kb / 6P
   4ch PWM Sensorless System Motor Driver for MD
BD8255MUV-M ROHM-BD8255MUV-M_16 Datasheet
3Mb / 45P
   6ch System Motor Driver For Car AV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com