Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD8205EFV-ME2 Fiches technique(PDF) 4 Page - Rohm

No de pièce BD8205EFV-ME2
Description  5ch System Motor Driver for Car AV
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD8205EFV-ME2 Fiches technique(HTML) 4 Page - Rohm

  BD8205EFV-ME2 Datasheet HTML 1Page - Rohm BD8205EFV-ME2 Datasheet HTML 2Page - Rohm BD8205EFV-ME2 Datasheet HTML 3Page - Rohm BD8205EFV-ME2 Datasheet HTML 4Page - Rohm BD8205EFV-ME2 Datasheet HTML 5Page - Rohm BD8205EFV-ME2 Datasheet HTML 6Page - Rohm BD8205EFV-ME2 Datasheet HTML 7Page - Rohm BD8205EFV-ME2 Datasheet HTML 8Page - Rohm BD8205EFV-ME2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
TSZ22111
• 15 • 001
4/19
TSZ02201-0P5P0BK00810-1-2
04.Dec.2014 Rev.001
BD8205EFV-M
Electrical Characteristics (Unless otherwise noted Ta=25°C, VPOWVCC1=VPOWVCC2=8V, VBIAS=1.65V, RL=8Ω)
Parameter
Symbol
Limit
Unit
Condition
Min
Typ
Max
Quiescent Current
IQ
13
30
mA
At no-load, VMUTE1245,3=H
< Driver >
Output Offset (CHs 1, 2, 3)
VOOF123
-100
0
100
mV
Output Offset (CHs 4, 5)
VOOF45
-50
0
50
mV
Maximum Output Range
(CHs 1, 2, 3, 4, 5)
VOM
5.3
6.0
V
Total RON=2.5
Ω(Typ)
Equivalent
Closed Circuit Loop Gain
(CHs 1, 2, 3)
GV123
24.0
25.7
27.4
dB
Closed Circuit Loop Gain (CHs 4, 5)
GV45
15.5
17.5
19.5
dB
Input Impedance (CHs 1, 2, 3)
RIN123
13
20
27
k
Ω
Input Impedance (CHs 4, 5)
RIN45
30
47
64
k
Ω
< Others >
MUTE1245,3 Low Level Voltage
VML
0.5
V
MUTE1245,3 High Level Voltage
VMH
2.0
V
MUTE1245,3 Input Current
IMUTE
32
52
74
μA
VMUTE1245,3=3.3V
BIAS Drop Mute
VBIAS
0.5
0.7
0.9
V
BIAS Input Current
IBIAS
32
52
74
μA
VBIAS=1.65V
UVLO Detection Voltage
VUVLOD
3.4
3.8
4.2
V
UVLO Release Voltage
VUVLOR
3.6
4.0
4.4
V
VREG Voltage
VVREG
5.0
V
CVREG=0.1μF


Numéro de pièce similaire - BD8205EFV-ME2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD82000FVJ ROHM-BD82000FVJ Datasheet
162Kb / 5P
   Silicon Monolithic IC
BD82000FVJ ROHM-BD82000FVJ Datasheet
408Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82000FVJ ROHM-BD82000FVJ Datasheet
1Mb / 27P
   1.5A Current Limit High Side Switch ICs
BD82000FVJ-E2 ROHM-BD82000FVJ-E2 Datasheet
408Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82000FVJ-E2 ROHM-BD82000FVJ-E2 Datasheet
1Mb / 27P
   1.5A Current Limit High Side Switch ICs
More results

Description similaire - BD8205EFV-ME2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD8253EFV-M ROHM-BD8253EFV-M Datasheet
3Mb / 41P
   6ch System Motor Driver for Car AV
BD8255MUV-M ROHM-BD8255MUV-M_16 Datasheet
3Mb / 45P
   6ch System Motor Driver For Car AV
BD8256EFV-M ROHM-BD8256EFV-M_16 Datasheet
3Mb / 53P
   9ch System Motor Driver For Car AV
BD8203EFV ROHM-BD8203EFV_15 Datasheet
2Mb / 26P
   5ch System Motor Driver
BD6603KVT ROHM-BD6603KVT Datasheet
202Kb / 6P
   5ch Sensorless System Motor Driver for MD
BD8271EFV ROHM-BD8271EFV Datasheet
857Kb / 25P
   3ch System Motor Driver For Car Audio
BD8266EFV-M ROHM-BD8266EFV-M_16 Datasheet
1Mb / 27P
   4ch System Motor Driver for Car Audio
BD8226EFV ROHM-BD8226EFV_13 Datasheet
920Kb / 20P
   4ch System Motor Driver For Car Audio
logo
Princeton Technology Co...
PT5113 PTC-PT5113 Datasheet
197Kb / 4P
   5CH Motor Driver
logo
Rohm
BD6879KN ROHM-BD6879KN Datasheet
315Kb / 6P
   5ch Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com