Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SZ5-M2-W0-C8 Fiches technique(PDF) 31 Page - Seoul Semiconductor

No de pièce SZ5-M2-W0-C8
Description  Superior Efficacy & Lumen output with Small Form Factor
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEOUL [Seoul Semiconductor]
Site Internet  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SZ5-M2-W0-C8 Fiches technique(HTML) 31 Page - Seoul Semiconductor

Back Button SZ5-M2-W0-C8 Datasheet HTML 25Page - Seoul Semiconductor SZ5-M2-W0-C8 Datasheet HTML 26Page - Seoul Semiconductor SZ5-M2-W0-C8 Datasheet HTML 27Page - Seoul Semiconductor SZ5-M2-W0-C8 Datasheet HTML 28Page - Seoul Semiconductor SZ5-M2-W0-C8 Datasheet HTML 29Page - Seoul Semiconductor SZ5-M2-W0-C8 Datasheet HTML 30Page - Seoul Semiconductor SZ5-M2-W0-C8 Datasheet HTML 31Page - Seoul Semiconductor SZ5-M2-W0-C8 Datasheet HTML 32Page - Seoul Semiconductor SZ5-M2-W0-C8 Datasheet HTML 33Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
www.seoulsemicon.com
SZ5-M2-WX-XX - High-power LED
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
31
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev5.0, Sep 13, 2016
Product Data Sheet
Precaution for Use
SSC
표준화결론(개선후)
TOP & SIDETOP & SIDE
MSL (Moisture Sensitive Level)
LEVEL 3
LEVEL 2a
1. Shelf life in Sealing bag
저장기한
(
실링백 상태로)
Months
개월
12
개월
12
개월
Temperature
(maximum)
온도 (이하)
30℃
30℃
Humidity
(maximum)
습도 (미만)
50%RH
50%RH
2. Peak package body temperature
(
제품 최대 온도)
240℃
240℃
3. After this bag is
opened
실링백 개봉 후 조건
hours
시간 (이내)
168 hours
(7days)
672 hours
(28days)
Temperature
(maximum)
온도 (이하)
30℃
30℃
Humidity
(less than)
습도 (미만)-규격
Limit
성격
60%RH
60%RH
Stored
저장조건(미만)
10%RH
10%RH
4. Devices require bake,
before mounting, if:
사용 전 Baking 검사
a. Humiduty
Indicator Card
30%RH
30%RH
Temperature
온도 조건에서
23
±5℃
23
±5℃
b. is not met.
MSL Level (
미만)
3
3
5. If baking is required,
건조(baking) 조건
hours
시간 (이내)
10~24
hours
10~24
hours
Temperature
온도 조건
65
±5℃
65
±5℃
Humidity
(less than)
습도조건 (미만)
10%RH
10%RH
(12) VOCs (Volatile organic compounds) emitted from materials used in the construction of fixtures ca
n penetrate silicone encapsulants of LEDs and discolor when exposed to heat and photonic energy. T
he result can be a significant loss of light output from the fixture. Knowledge of the properties of the m
aterials selected to be used in the construction of fixtures can help prevent these issues.
(13) The slug is electrically isolated.
(14) Attaching LEDs, do not use adhesives that outgas organic vapor.
(15) The driving circuit must be designed to allow forward voltage only when it is ON or OFF. If the rev
erse voltage is applied to LED, migration can be generated resulting in LED damage.
(16) LEDs are sensitive to Electro-Static Discharge (ESD) and Electrical Over Stress (EOS). Below is
a list of suggestions that Seoul Semiconductor purposes to minimize these effects.
a. ESD (Electro Static Discharge)
Electrostatic discharge (ESD) is the defined as the release of static electricity when two objects come
into contact. While most ESD events are considered harmless, it can be an expensive problem in
many industrial environments during production and storage. The damage from ESD to an LEDs may
cause the product to demonstrate unusual characteristics such as:
- Increase in reverse leakage current lowered turn-on voltage
- Abnormal emissions from the LED at low current
The following recommendations are suggested to help minimize the potential for an ESD event.
One or more recommended work area suggestions:
- Ionizing fan setup
- ESD table/shelf mat made of conductive materials
- ESD safe storage containers
One or more personnel suggestion options:
- Antistatic wrist-strap
- Antistatic material shoes
- Antistatic clothes
Environmental controls:
- Humidity control (ESD gets worse in a dry environment)


Numéro de pièce similaire - SZ5-M2-W0-C8

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
SZ5-M2-W0-C8 SEOUL-SZ5-M2-W0-C8 Datasheet
1Mb / 30P
   Superior Efficacy & Lumen output with Small Form Factor
SZ5-M2-W0-C8 SEOUL-SZ5-M2-W0-C8 Datasheet
1Mb / 33P
   Superior Efficacy & Lumen output with Small Form Factor
SZ5-M2-W0-C8 SEOUL-SZ5-M2-W0-C8 Datasheet
1Mb / 33P
   Superior Efficacy & Lumen output with Small Form Factor
SZ5-M2-W0-C8 SEOUL-SZ5-M2-W0-C8 Datasheet
1Mb / 33P
   Superior Efficacy & Lumen output with Small Form Factor
SZ5-M2-W0-C8 SEOUL-SZ5-M2-W0-C8_16 Datasheet
1Mb / 33P
   Superior Efficacy & Lumen output with Small Form Factor
More results

Description similaire - SZ5-M2-W0-C8

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
SPR05F0D SEOUL-SPR05F0D Datasheet
806Kb / 19P
   Superior Efficacy & Lumen output with Small Form Factor
SZDR5A0B SEOUL-SZDR5A0B Datasheet
730Kb / 20P
   Superior Efficacy & Lumen output with Small Form Factor
SZ5-M2-WN-C8 SEOUL-SZ5-M2-WN-C8_16 Datasheet
1Mb / 33P
   Superior Efficacy & Lumen output with Small Form Factor
SPG05F0D SEOUL-SPG05F0D Datasheet
791Kb / 19P
   Superior Efficacy & Lumen output with Small Form Factor
SZ5-M2-W0-C8 SEOUL-SZ5-M2-W0-C8_16 Datasheet
1Mb / 33P
   Superior Efficacy & Lumen output with Small Form Factor
SPF05F0B SEOUL-SPF05F0B Datasheet
873Kb / 21P
   Superior Efficacy & Lumen output with Small Form Factor
SZDR5A0C SEOUL-SZDR5A0C Datasheet
722Kb / 20P
   Superior Efficacy & Lumen output with Small Form Factor
SZB05A0B SEOUL-SZB05A0B Datasheet
676Kb / 20P
   Superior Efficacy & Lumen output with Small Form Factor
SPW05F0D SEOUL-SPW05F0D Datasheet
852Kb / 19P
   Superior Efficacy & Lumen output with Small Form Factor
SZ5-M2-WX-XX SEOUL-SZ5-M2-WX-XX Datasheet
1Mb / 30P
   Superior Efficacy & Lumen output with Small Form Factor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com