Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SZ5-M2-W0-C8 Fiches technique(PDF) 3 Page - Seoul Semiconductor

No de pièce SZ5-M2-W0-C8
Description  Superior Efficacy & Lumen output with Small Form Factor
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEOUL [Seoul Semiconductor]
Site Internet  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SZ5-M2-W0-C8 Fiches technique(HTML) 3 Page - Seoul Semiconductor

  SZ5-M2-W0-C8 Datasheet HTML 1Page - Seoul Semiconductor SZ5-M2-W0-C8 Datasheet HTML 2Page - Seoul Semiconductor SZ5-M2-W0-C8 Datasheet HTML 3Page - Seoul Semiconductor SZ5-M2-W0-C8 Datasheet HTML 4Page - Seoul Semiconductor SZ5-M2-W0-C8 Datasheet HTML 5Page - Seoul Semiconductor SZ5-M2-W0-C8 Datasheet HTML 6Page - Seoul Semiconductor SZ5-M2-W0-C8 Datasheet HTML 7Page - Seoul Semiconductor SZ5-M2-W0-C8 Datasheet HTML 8Page - Seoul Semiconductor SZ5-M2-W0-C8 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
www.seoulsemicon.com
SZ5-M2-WX-XX - High-power LED
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
3
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev5.0, Sep 13, 2016
Product Data Sheet
Performance Characteristics
 전기적 특성 및 광 특성 스펙 테이블
 하기 예시와 같이 테이블에 맞는 조건을 기입
Table #. Electro Optical Characteristics,
IF = 350mA, Tj=25℃
- 전기적 특성 – 아래첨자/대문자 예
) IF VF ФV
- 온도적 특성 – 아래첨자/소문자 예) Ta/j Topr0 Tstg
Performance Characteristics (Table)
하기와 같은 표 사용시 해당 슬라이드 사용하시면 됩니다.
기입되어 있는 내용 참고하시고 내용 추가/수정 가능
- ex) Electro Optical Characteristics
- ex) Absolute Maximum Ratings
* Power Dissipation
: max current x max VF(@max current)
* VF 공차 : ±0.1V (STD 사양)
* 밝기 공차 : ±10% (STD 사양)
* 수명 조건 : 고객 협의 조건 기재
(1) Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram.
Color coordinate :
0.005, CCT 5% tolerance.
(2) Seoul Semiconductor maintains a tolerance of
7% on flux and power measurements.
(3) Ф
V is the total luminous flux output as measured with an integrating sphere.
(4) Tolerance is
2.0 on CRI measurements.
Part Number
CCT [K] [1]
Min. Luminous Flux [2]
Ф
V
[3] [lm]
@ 350mA
Min. Luminous Flux [2]
Ф
V
[3] [lm]
@ 85 °C
CRI
[4],
R
a
Min.
Max.
Group
Flux
[lm]
@85 °C
Flux
[lm]
@25 °C
700mA
1000mA
1500mA
Min.
SZ5-M2-W0-00
4,700
7,000
W2
144
160
256
331
437
70
W3
153
170
272
352
464
W4
160
178
285
368
485
W5
168
187
299
386
509
SZ5-M2-W0-C8
4,700
8,200
V3
123
140
218
284
374
80
W1
135
150
240
311
410
W2
144
160
256
331
437
W3
153
170
272
352
464
SZ5-M2-WN-00
3,700
4,700
W1
135
150
240
311
410
70
W2
144
160
256
331
437
W3
153
170
272
352
464
W4
160
178
285
368
485
SZ5-M2-WN-C8
3,700
4,700
V1
104
118.5
185
241
316
80
V2
114
130
203
264
347
V3
123
140
218
284
374
W1
135
150
240
311
410
SZ5-M2-WW-00
2,600
3,700
V2
114
130
203
264
347
70
V3
123
140
218
284
374
W1
135
150
240
311
410
W2
144
160
256
331
437
SZ5-M2-WW-C8
2,600
3,700
V1
104
118.5
185
241
316
80
V2
114
130
203
264
347
V3
123
140
218
284
374
Table 2. Product Selection Guide
Notes :


Numéro de pièce similaire - SZ5-M2-W0-C8

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
SZ5-M2-W0-C8 SEOUL-SZ5-M2-W0-C8 Datasheet
1Mb / 30P
   Superior Efficacy & Lumen output with Small Form Factor
SZ5-M2-W0-C8 SEOUL-SZ5-M2-W0-C8 Datasheet
1Mb / 33P
   Superior Efficacy & Lumen output with Small Form Factor
SZ5-M2-W0-C8 SEOUL-SZ5-M2-W0-C8 Datasheet
1Mb / 33P
   Superior Efficacy & Lumen output with Small Form Factor
SZ5-M2-W0-C8 SEOUL-SZ5-M2-W0-C8 Datasheet
1Mb / 33P
   Superior Efficacy & Lumen output with Small Form Factor
SZ5-M2-W0-C8 SEOUL-SZ5-M2-W0-C8_16 Datasheet
1Mb / 33P
   Superior Efficacy & Lumen output with Small Form Factor
More results

Description similaire - SZ5-M2-W0-C8

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
SPR05F0D SEOUL-SPR05F0D Datasheet
806Kb / 19P
   Superior Efficacy & Lumen output with Small Form Factor
SZDR5A0B SEOUL-SZDR5A0B Datasheet
730Kb / 20P
   Superior Efficacy & Lumen output with Small Form Factor
SZ5-M2-WN-C8 SEOUL-SZ5-M2-WN-C8_16 Datasheet
1Mb / 33P
   Superior Efficacy & Lumen output with Small Form Factor
SPG05F0D SEOUL-SPG05F0D Datasheet
791Kb / 19P
   Superior Efficacy & Lumen output with Small Form Factor
SZ5-M2-W0-C8 SEOUL-SZ5-M2-W0-C8_16 Datasheet
1Mb / 33P
   Superior Efficacy & Lumen output with Small Form Factor
SPF05F0B SEOUL-SPF05F0B Datasheet
873Kb / 21P
   Superior Efficacy & Lumen output with Small Form Factor
SZDR5A0C SEOUL-SZDR5A0C Datasheet
722Kb / 20P
   Superior Efficacy & Lumen output with Small Form Factor
SZB05A0B SEOUL-SZB05A0B Datasheet
676Kb / 20P
   Superior Efficacy & Lumen output with Small Form Factor
SPW05F0D SEOUL-SPW05F0D Datasheet
852Kb / 19P
   Superior Efficacy & Lumen output with Small Form Factor
SZ5-M2-WX-XX SEOUL-SZ5-M2-WX-XX Datasheet
1Mb / 30P
   Superior Efficacy & Lumen output with Small Form Factor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com