Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SZ5-M2-WW-00 Fiches technique(PDF) 15 Page - Seoul Semiconductor

No de pièce SZ5-M2-WW-00
Description  Superior Efficacy & Lumen output with Small Form Factor
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEOUL [Seoul Semiconductor]
Site Internet  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SZ5-M2-WW-00 Fiches technique(HTML) 15 Page - Seoul Semiconductor

Back Button SZ5-M2-WW-00_16 Datasheet HTML 11Page - Seoul Semiconductor SZ5-M2-WW-00_16 Datasheet HTML 12Page - Seoul Semiconductor SZ5-M2-WW-00_16 Datasheet HTML 13Page - Seoul Semiconductor SZ5-M2-WW-00_16 Datasheet HTML 14Page - Seoul Semiconductor SZ5-M2-WW-00_16 Datasheet HTML 15Page - Seoul Semiconductor SZ5-M2-WW-00_16 Datasheet HTML 16Page - Seoul Semiconductor SZ5-M2-WW-00_16 Datasheet HTML 17Page - Seoul Semiconductor SZ5-M2-WW-00_16 Datasheet HTML 18Page - Seoul Semiconductor SZ5-M2-WW-00_16 Datasheet HTML 19Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
www.seoulsemicon.com
SZ5-M2-WX-XX - High-power LED
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
15
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev5.0, Sep 13, 2016
Product Data Sheet
Color Bin Structure
 CIE Chromaticity Diagram
 그림 밑에 Description Table 필요 시 추가
-. X축 : Color coordinate x
-. Y축 : Color coordinate y
-. 좌표는 소문자임 (x, y)
-. 소수점은 통일할 것. (3자리 추천)
A11
A21
A31
A41
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3028
0.3304
0.3072
0.3349
0.3115
0.3393
0.3160
0.3437
0.3038
0.3256
0.3080
0.3299
0.3123
0.3342
0.3166
0.3384
0.3080
0.3299
0.3123
0.3342
0.3166
0.3384
0.3209
0.3426
0.3072
0.3349
0.3115
0.3393
0.3160
0.3437
0.3205
0.3481
A12
A22
A32
A42
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3038
0.3256
0.3080
0.3299
0.3123
0.3342
0.3166
0.3384
0.3048
0.3209
0.3089
0.3249
0.3131
0.3290
0.3172
0.3331
0.3089
0.3249
0.3131
0.3290
0.3172
0.3331
0.3213
0.3371
0.3080
0.3299
0.3123
0.3342
0.3166
0.3384
0.3209
0.3426
A13
A23
A33
A43
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3048
0.3209
0.3089
0.3249
0.3131
0.3290
0.3172
0.3331
0.3058
0.3161
0.3098
0.3200
0.3138
0.3239
0.3178
0.3277
0.3098
0.3200
0.3138
0.3239
0.3178
0.3277
0.3217
0.3316
0.3089
0.3249
0.3131
0.3290
0.3172
0.3331
0.3213
0.3371
A14
A24
A34
A44
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3058
0.3161
0.3098
0.3200
0.3138
0.3239
0.3178
0.3277
0.3068
0.3113
0.3107
0.3150
0.3146
0.3187
0.3184
0.3224
0.3107
0.3150
0.3146
0.3187
0.3184
0.3224
0.3221
0.3261
0.3098
0.3200
0.3138
0.3239
0.3178
0.3277
0.3217
0.3316
0.300
0.305
0.310
0.315
0.320
0.325
0.31
0.32
0.33
0.34
0.35
A44
A43
6000K
6500K
7000K
A41
A31
A21
A11
CIE X
A32
A42
A22
A12
A33
A23
A13
A34
A24
A14
CIE Chromaticity Diagram (Cool white), T
j=85℃, IF=700mA


Numéro de pièce similaire - SZ5-M2-WW-00_16

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
SZ5-M2-WW-00 SEOUL-SZ5-M2-WW-00 Datasheet
1Mb / 30P
   Superior Efficacy & Lumen output with Small Form Factor
SZ5-M2-WW-00 SEOUL-SZ5-M2-WW-00 Datasheet
1Mb / 33P
   Superior Efficacy & Lumen output with Small Form Factor
SZ5-M2-WW-00 SEOUL-SZ5-M2-WW-00 Datasheet
1Mb / 33P
   Superior Efficacy & Lumen output with Small Form Factor
SZ5-M2-WW-00 SEOUL-SZ5-M2-WW-00 Datasheet
1Mb / 33P
   Superior Efficacy & Lumen output with Small Form Factor
More results

Description similaire - SZ5-M2-WW-00_16

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
SPR05F0D SEOUL-SPR05F0D Datasheet
806Kb / 19P
   Superior Efficacy & Lumen output with Small Form Factor
SZDR5A0B SEOUL-SZDR5A0B Datasheet
730Kb / 20P
   Superior Efficacy & Lumen output with Small Form Factor
SZ5-M2-WN-C8 SEOUL-SZ5-M2-WN-C8_16 Datasheet
1Mb / 33P
   Superior Efficacy & Lumen output with Small Form Factor
SPG05F0D SEOUL-SPG05F0D Datasheet
791Kb / 19P
   Superior Efficacy & Lumen output with Small Form Factor
SZ5-M2-W0-C8 SEOUL-SZ5-M2-W0-C8_16 Datasheet
1Mb / 33P
   Superior Efficacy & Lumen output with Small Form Factor
SPF05F0B SEOUL-SPF05F0B Datasheet
873Kb / 21P
   Superior Efficacy & Lumen output with Small Form Factor
SZDR5A0C SEOUL-SZDR5A0C Datasheet
722Kb / 20P
   Superior Efficacy & Lumen output with Small Form Factor
SZB05A0B SEOUL-SZB05A0B Datasheet
676Kb / 20P
   Superior Efficacy & Lumen output with Small Form Factor
SPW05F0D SEOUL-SPW05F0D Datasheet
852Kb / 19P
   Superior Efficacy & Lumen output with Small Form Factor
SZ5-M2-WX-XX SEOUL-SZ5-M2-WX-XX Datasheet
1Mb / 30P
   Superior Efficacy & Lumen output with Small Form Factor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com