Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAW7C22B-IZ Fiches technique(PDF) 27 Page - Seoul Semiconductor

No de pièce SAW7C22B-IZ
Description  Superior High Intensity for High Voltage System
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEOUL [Seoul Semiconductor]
Site Internet  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAW7C22B-IZ Fiches technique(HTML) 27 Page - Seoul Semiconductor

Back Button SAW7C22B-IZ Datasheet HTML 23Page - Seoul Semiconductor SAW7C22B-IZ Datasheet HTML 24Page - Seoul Semiconductor SAW7C22B-IZ Datasheet HTML 25Page - Seoul Semiconductor SAW7C22B-IZ Datasheet HTML 26Page - Seoul Semiconductor SAW7C22B-IZ Datasheet HTML 27Page - Seoul Semiconductor SAW7C22B-IZ Datasheet HTML 28Page - Seoul Semiconductor SAW7C22B-IZ Datasheet HTML 29Page - Seoul Semiconductor SAW7C22B-IZ Datasheet HTML 30Page - Seoul Semiconductor SAW7C22B-IZ Datasheet HTML 31Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
www.seoulsemicon.com
Product Data Sheet
SAW7C22B-IZ
– Acrich MJT 3030
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
27
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev1.0, Nov 29, 2016
Handling of Silicone Resin for LEDs
(1) During processing, mechanical stress on the surface should be minimized as much as possible.
Sharp objects of all types should not be used to pierce the sealing compound.
(2) In general, LEDs should only be handled from the side. By the way, this also applies to LEDs
without a silicone sealant, since the surface can also become scratched.
(3) When populating boards in SMT production, there are basically no restrictions regarding the form
of the pick and place nozzle, except that mechanical pressure on the surface of the resin must be
prevented. This is assured by choosing a pick and place nozzle which is larger than the LED’s
reflector area.
(4) Silicone differs from materials conventionally used for the manufacturing of LEDs. These
conditions must be considered during the handling of such devices. Compared to standard
encapsulants, silicone is generally softer, and the surface is more likely to attract dust.
As mentioned previously, the increased sensitivity to dust requires special care during processing.
In cases where a minimal level of dirt and dust particles cannot be guaranteed, a suitable cleaning
solution must be applied to the surface after the soldering of components.
(5) SSC suggests using isopropyl alcohol for cleaning. In case other solvents are used, it must be
assured that these solvents do not dissolve the package or resin.
Ultrasonic cleaning is not recommended. Ultrasonic cleaning may cause damage to the LED.
(6) Please do not mold this product into another resin (epoxy, urethane, etc) and do not handle this.
product with acid or sulfur material in sealed space.


Numéro de pièce similaire - SAW7C22B-IZ

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
SAW09A0A SEOUL-SAW09A0A Datasheet
789Kb / 21P
   Superior high Flux for High Voltage System
SAW09H0A SEOUL-SAW09H0A Datasheet
823Kb / 24P
   Superior high Flux for High Voltage System
SAW0L7PA SEOUL-SAW0L7PA Datasheet
859Kb / 23P
   Superior high Flux for High Current System
SAW0LA0A SEOUL-SAW0LA0A Datasheet
816Kb / 24P
   Superior high Flux for High Voltage System
SAW0LH0A SEOUL-SAW0LH0A Datasheet
791Kb / 22P
   Superior high Flux for High Current System
More results

Description similaire - SAW7C22B-IZ

FabricantNo de pièceFiches techniqueDescription
logo
Seoul Semiconductor
SAW8CF2A SEOUL-SAW8CF2A Datasheet
1Mb / 30P
   Superior High Intensity for High Voltage System
SAW9C22B-NZ SEOUL-SAW9C22B-NZ Datasheet
1Mb / 31P
   Superior High Intensity for High Voltage System
SAW9CF2A SEOUL-SAW9CF2A Datasheet
1Mb / 30P
   Superior High Intensity for High Voltage System
SAW8CF2B SEOUL-SAW8CF2B Datasheet
1Mb / 30P
   Superior High Intensity for High Voltage System
SAW9CF2B SEOUL-SAW9CF2B Datasheet
1Mb / 25P
   Superior High Intensity for High Voltage System
SAW8C72A SEOUL-SAW8C72A Datasheet
1Mb / 30P
   Superior High Intensity for High Voltage System
SAW9C72A SEOUL-SAW9C72A Datasheet
1Mb / 27P
   Superior High Intensity for High Voltage System
SAW09A0A SEOUL-SAW09A0A Datasheet
789Kb / 21P
   Superior high Flux for High Voltage System
ST75LAPA SEOUL-ST75LAPA Datasheet
654Kb / 23P
   Superior high Flux for High Voltage System
SAW0LA0A SEOUL-SAW0LA0A Datasheet
816Kb / 24P
   Superior high Flux for High Voltage System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com