Moteur de recherche de fiches techniques de composants électroniques |
|
SAW0L7PA Fiches technique(PDF) 1 Page - Seoul Semiconductor |
|
SAW0L7PA Fiches technique(HTML) 1 Page - Seoul Semiconductor |
1 / 23 page Product Data Sheet Product Brief Description 제품사진 •아래규격에 부합하는 이미지만 가능: 없을 경우 마케팅 팀에 의뢰 •고해상도 •흰 배경 •표준크기: 제품이 가득 차게 가로 5cm 규격 으로 사각 위치에 맞게 (가로세로 비율 고정) Key Applications Features and Benefits Key Message: - ex) Enabling high flux systems while reduces LED count - ex) Enabling compact systems with high reliability - ex) High reliability and High quality of light - ex) Flicker-free AC/DC LED Solution - ex) High-efficient Dimming Solution Product Family: - ex) Mid-Power LED - ex) High-Power LED for Automotive - ex) Chip on Board Product ID (part number): - ex) STW8C2SA - ex) SZ5-M0-WN-C8 Description • Features and Benefits • Key Applications • •표는 반드시 “Table 번호#. 표 설명” 을 제목으로 한다. www.seoulsemicon.com 1 Font 글씨체 표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body) – Arial 9pt Certificate 아이콘 삽입 (해당되는 아이콘 오른쪽 에서 왼쪽방향으로 순차 삽입) SAW0L7PA – Acrich MJT 5050 Rev1.1, Dec 2, 2015 Superior high Flux for High Current System SAW0L7PA (Cool, Neutral) Acrich MJT 5050 • This White Colored surface-mount LED comes in standard package dimension. Package Size : 5.0x5.0x0.65mm • The MJT series of LEDs are designed for AC & DC(High Voltage) operation and high flux output applications. • It incorporates state of the art SMD design and low thermal resistant material. • The MJT is ideal light sources for general illumination applications and custom designed solutions. • General lighting • Architectural lighting • LED Bulbs • Decorative / Pathway lighting Part Number CCT Color Min. Typ. Max. SAW0L7PA Cool White 4,700K 5,600K 7,000K Neutral White 3,700K 4,200K 4,700K Table 1. Product Selection Table TV, PC, NB, MNT, Mobile Automotive Lighting, MR16, PAR, down light Bulb, LFT Outdoor, streetlight, tunnel, parking Home appliance Architectural, Entertainment Sign, Channel Sensor, Torch Application 응용제품 아이콘 삽입 (왼쪽 하단부터 오른쪽방향 순차 삽입) • Super high Flux output and high Luminance • Designed for high voltage operation • High Color Quality with CRI Min. 70 • SMT solderable • Lead Free product • RoHS compliant RoHS LM-80 MacAdam 3-Step RoHS |
Numéro de pièce similaire - SAW0L7PA |
|
Description similaire - SAW0L7PA |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |