Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD800-11TO Fiches technique(PDF) 2 Page - Sensortechnics GmbH

No de pièce AD800-11TO
Description  800 關m active area
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SENSORTECHNICS [Sensortechnics GmbH]
Site Internet  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

AD800-11TO Fiches technique(HTML) 2 Page - Sensortechnics GmbH

  AD800-11TO Datasheet HTML 1Page - Sensortechnics GmbH AD800-11TO Datasheet HTML 2Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
First Sensor APD Data Sheet
First Sensor APD Data Sheet
Part Description AD800-11 TO
Part Description AD800-11 TO
Order # 500970
Order # 500970
Version 20-06-11
Version 20-06-11
Quantum efficiency (23 °C)
Capacitance as fct of reverse bias (23 °C)
Multiplication as fct of bias (23 °C)
Dark current as fct of bias (23 °C)
Application hints:
• For high gain applications bias voltage should be temperature compensated
• Please consider basic ESD protection while handling
• Use low noise read-out - IC
• For further questions please refer to document "Instructions for handling and processing"
• Optimum gain: 50-80
Package dimension:
Small quantities: Foam pad, boxed (12 cm x 16.5 cm)
Disclaimer:
Due to our strive for continuous improvement, specifications are subject to change within our PCN policy according to JESD46C.
European, International Sales:
Pacific Silicon Sensor, Inc.
E-Mail: sales@pacific-sensor.com
Phone: +49-30-6399-2399
Fax:
+49-30-6399-23752
Fax:
+1-818-889-7053
Phone: +1-818-706-3400
Westlake Village
5700 Corsa Avenue #105
First Sensor AG
Peter-Behrens-Strasse 15
12459 Berlin
Germany
E-Mail: sales.opto@first-sensor.com
USA:
CA 91362 USA
• Current should be limited by a protecting resistor or current limiting - IC
inside the power supply
• For low light level applications blocking of ambient light should be used
0
20
40
60
80
100
350
450
550
650
750
850
950
Wavelength (nm)
0
10
20
30
40
50
60
70
80
0
10
20
30
40
50
60
70
80
90
100
Reverse bias (V)
1
10
100
1.000
20
40
60
80
100
120
140
160
180
Reverse bias [V]
1,0E-11
1,0E-10
1,0E-09
1,0E-08
1,0E-07
20
40
60
80
100
120
140
160
180
Reverse bias [V]
Diode, protective circuit
Read-out circuit or
f.e. 50 Load resistance
min. 0,1 µF,
closest to APD
Current limiting resistor
Bias supply voltage
APD


Numéro de pièce similaire - AD800-11TO

FabricantNo de pièceFiches techniqueDescription
logo
Sensortechnics GmbH
AD800-10TO SENSORTECHNICS-AD800-10TO Datasheet
307Kb / 2P
   800 關m active area
More results

Description similaire - AD800-11TO

FabricantNo de pièceFiches techniqueDescription
logo
Sensortechnics GmbH
AD800-10TO SENSORTECHNICS-AD800-10TO Datasheet
307Kb / 2P
   800 關m active area
AD500-10 SENSORTECHNICS-AD500-10 Datasheet
307Kb / 2P
   500 關m active area
AD4000-10TO SENSORTECHNICS-AD4000-10TO Datasheet
365Kb / 2P
   4000 關m active area
AD1500-10TO SENSORTECHNICS-AD1500-10TO Datasheet
307Kb / 2P
   첩 1500 關m active area
AD1900-11TO SENSORTECHNICS-AD1900-11TO Datasheet
413Kb / 2P
   첩 1900 關m active area
logo
OptoDiode Corp
AXUV300C OPTODIODE-AXUV300C Datasheet
309Kb / 2P
   Rectangular active area
AXUV20A OPTODIODE-AXUV20A_18 Datasheet
455Kb / 3P
   Circular Active Area
logo
Sensortechnics GmbH
AD500-9-400M-TO5 SENSORTECHNICS-AD500-9-400M-TO5 Datasheet
590Kb / 3P
   0.500 mm active area
AD500-8-13G SENSORTECHNICS-AD500-8-13G Datasheet
258Kb / 3P
   0.500 mm active area
AD500-9-8015-TO52 SENSORTECHNICS-AD500-9-8015-TO52 Datasheet
410Kb / 3P
   0.500 mm active area
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com