Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AOB20B65M1 Fiches technique(PDF) 1 Page - Alpha & Omega Semiconductors

No de pièce AOB20B65M1
Description  Very fast and soft recovery freewheeling diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AOSMD [Alpha & Omega Semiconductors]
Site Internet  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOB20B65M1 Fiches technique(HTML) 1 Page - Alpha & Omega Semiconductors

  AOB20B65M1 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOB20B65M1 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOB20B65M1 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOB20B65M1 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOB20B65M1 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOB20B65M1 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOB20B65M1 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOB20B65M1 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOB20B65M1 Datasheet HTML 9Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AOK20B65M1/AOT20B65M1/AOB20B65M1
650V, 20A Alpha IGBT
TM
With soft and fast recovery anti-parallel diode
General Description
Product Summary
VCE
IC (TC=100°C)
20A
VCE(sat) (TJ=25°C)
1.7V
Applications
• Latest Alpha IGBT (α IGBT) technology
• 650V breakdown voltage
• Very fast and soft recovery freewheeling diode
• High efficient turn-on di/dt controllability
• Low VCE(sat) enables high efficiencies
• Low turn-off switching loss and softness
• Very good EMI behavior
• High short-circuit ruggedness
650V
• Motor Drives
• Sewing Machines
• Home Appliances
• Fan, Pumps, Vacuum Cleaner
• Other Hard Switching Applications
G
C
E
G
C
E
TO-220
TO-247
C
E
TO-263
D2PAK
C
E
G
Symbol
V CE
V GE
I CM
I LM
Diode Pulsed Current, Limited by TJmax
I FM
t SC
T J , T STG
T L
Symbol
R θ JA
R θ JC
R θ JC
1) Allowed number of short circuits: <1000; time between short circuits: >1s.
Maximum Junction-to-Ambient
5
µs
TC=100°C
Maximum lead temperature for soldering
purpose, 1/8" from case for 5 seconds
AOK20B65M1
TO247
Tube
240
Parameter
A
60
AOB20B65M1
TO263
Tape & Reel
800
TO220
Tube
1000
°C/W
1.5
300
-55 to 175
227
°C/W
114
°C
AOK20B65M1
AOT(B)20B65M1
40
65
60
W
Units
A
60
Thermal Characteristics
°C
Power Dissipation
P D
Short circuit withstanding time 1)
VGE=15V, VCC≤400V, TJ≤175°C
Junction and Storage Temperature Range
TC=25°C
Maximum Diode Junction-to-Case
°C/W
0.66
Maximum IGBT Junction-to-Case
V
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
AOK20B65M1/AOT(B)20B65M1
Collector-Emitter Voltage
650
Orderable Part Number
AOT20B65M1
V
A
I C
Turn off SOA, VCE≤650V, Limited by TJmax
Pulsed Collector Current, Limited by TJmax
Gate-Emitter Voltage
TC=100°C
A
Minimum Order Quantity
Package Type
Form
Continuous Diode
Forward Current
TC=25°C
I F
40
A
TC=100°C
Continuous Collector
Current
TC=25°C
20
40
20
±30
E
AOT20B65M1
G
C
AOK20B65M1
G
AOB20B65M1
Rev.3.0: May 2016
www.aosmd.com
Page 1 of 9


Numéro de pièce similaire - AOB20B65M1

FabricantNo de pièceFiches techniqueDescription
logo
Alpha & Omega Semicondu...
AOB20C60 AOSMD-AOB20C60 Datasheet
79Kb / 3P
   Plastic Encapsulated Device
AOB20C60P AOSMD-AOB20C60P Datasheet
452Kb / 6P
   600V,20A N-Channel MOSFET
logo
Inchange Semiconductor ...
AOB20C60P ISC-AOB20C60P Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Alpha & Omega Semicondu...
AOB20C60PL AOSMD-AOB20C60PL Datasheet
452Kb / 6P
   600V,20A N-Channel MOSFET
AOB20C60PL AOSMD-AOB20C60PL Datasheet
452Kb / 6P
   High Current Capability
More results

Description similaire - AOB20B65M1

FabricantNo de pièceFiches techniqueDescription
logo
Alpha & Omega Semicondu...
AOD7B65M3 AOSMD-AOD7B65M3 Datasheet
540Kb / 9P
   Very fast and soft recovery freewheeling diode
AOB5B65M1 AOSMD-AOB5B65M1 Datasheet
558Kb / 9P
   Very fast and soft recovery freewheeling diode
AOD5B65M1 AOSMD-AOD5B65M1 Datasheet
548Kb / 9P
   Very fast and soft recovery freewheeling diode
logo
Vishay Siliconix
BYT43 VISHAY-BYT43 Datasheet
46Kb / 4P
   Very Fast Soft Recovery Rectifier
Rev. 3, 24-Jun-98
BYV98 VISHAY-BYV98 Datasheet
37Kb / 3P
   Very Fast Soft-Recovery Rectifiers
Rev. 2, 24-Jun-98
logo
Shenzhen Ping Sheng Ele...
BYV26 PFS-BYV26 Datasheet
242Kb / 3P
   Very Fast Soft-Recovery Avalanche Rectifier
logo
Vishay Siliconix
BYV26 VISHAY-BYV26 Datasheet
41Kb / 4P
   Very Fast Soft-Recovery Avalanche Rectifier
Rev. 2, 24-Jun-98
logo
SanRex Corporation
DBA200UA60 SANREX-DBA200UA60 Datasheet
128Kb / 2P
   Fast & Soft Recovery Diode
DBA100UA60 SANREX-DBA100UA60 Datasheet
120Kb / 2P
   Fast & Soft Recovery Diode
DBA200UA40 SANREX-DBA200UA40 Datasheet
120Kb / 2P
   Fast & Soft Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com