Moteur de recherche de fiches techniques de composants électroniques |
|
HCPL-7800A Fiches technique(PDF) 11 Page - Agilent(Hewlett-Packard) |
|
HCPL-7800A Fiches technique(HTML) 11 Page - Agilent(Hewlett-Packard) |
11 / 17 page 1-226 Figure 10. 200 mV Nonlinearity Drift vs. Temperature. Figure 11. 200 mV Nonlinearity Drift vs. VDD1 (VDD2 = 5 V). Figure 12. 200 mV Nonlinearity Drift vs. VDD2 (VDD1 = 5 V). Figure 18. Typical Output Supply Current vs. Input Voltage. Figure 16. Typical Input Current vs. Input Voltage. Figure 17. Typical Input Supply Current vs. Input Voltage. Figure 13. 100 mV Nonlinearity Error Plot. Figure 14. Typical Output Voltages vs. Input Voltage. Figure 15. Typical Input Current vs. Input Voltage. 0.10 0.05 0 -0.05 -40 -20 0 20 40 60 80 100 0.15 -0.10 T – TEMPERATURE – °C A MEAN ± 2 SIGMA 0.04 0.02 0 -0.02 4.6 4.8 5.0 5.2 5.4 5.6 0.06 -0.04 V – INPUT SUPPLY VOLTAGE – V DD1 -0.06 MEAN ± 2 SIGMA 4.4 0.04 0.02 0 -0.02 4.6 4.8 5.0 5.2 5.4 5.6 0.06 -0.04 V – OUTPUT SUPPLY VOLTAGE – V DD2 MEAN ± 2 SIGMA 4.4 0.05 0 -0.05 -0.10 -0.05 0 0.05 0.10 0.10 -0.15 V – INPUT VOLTAGE – V IN -0.10 -0.20 MEAN ± 2 SIGMA 0.15 3.0 2.5 2.0 1.5 -0.4 -0.2 0 0.2 3.5 1.0 V – INPUT VOLTAGE – V IN -0.6 4.0 0.4 0.6 POSITIVE OUTPUT (PIN 7) NEGATIVE OUTPUT (PIN 6) -400 -600 -800 -1000 -0.1 0 0.1 0.2 -200 -1200 V – INPUT VOLTAGE – V IN -0.2 0 -2 -4 -6 -8 -2 0 2 4 0 -10 V – INPUT VOLTAGE – V IN -4 2 -6 6 9.5 9.0 8.5 -0.1 0 0.1 0.2 10.0 V – INPUT VOLTAGE – V IN -0.2 10.5 -0.3 0.3 -0.4 0.4 T = -40°C T = 25°C T = 85°C A A A 10.5 10.0 12.0 -0.1 0 0.1 0.2 11.0 V – INPUT VOLTAGE – V IN -0.2 11.5 -0.3 0.3 -0.4 0.4 T = 85°C T = 25°C T = -40°C A A A |
Numéro de pièce similaire - HCPL-7800A |
|
Description similaire - HCPL-7800A |