Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-270L060 Fiches technique(PDF) 10 Page - Agilent(Hewlett-Packard)

No de pièce HCPL-270L060
Description  Low Input Current High Gain LVTTL/LVCMOS Compatible 3.3 V Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-270L060 Fiches technique(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HCPL-270L060 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-270L060 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-270L060 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-270L060 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-270L060 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-270L060 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-270L060 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-270L060 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-270L060 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Figure 1. Current transfer ratio vs. forward
current.
Figure 2. Output current vs. input diode
forward current.
Figure 3. Input diode forward current vs.
forward voltage.
Figure 4. Forward voltage vs. temperature.
1.6
1.5
1.4
1.3
-60
-20
20
40
100
TA – TEMPERATURE – °C
60
80
0
-40
1.2
IF = 1.6 mA
IF – INPUT DIODE FORWARD CURRENT – mA
0.01
0.01
0.1
10
0.1
1.0
10
100
TA = 25° C
TA = 0° C
TA = 70° C
TA = 85° C
TA = -40° C
1
VF – FORWARD VOLTAGE – V
100
10
0.1
0.01
1.1
1.2
1.3
1.4
1.6
1.5
1.0
0.001
1000
VF
+
TA = 25°C
TA = 0°C
IF
TA = 85°C
TA = 70°C
TA = -40°C
IF – FORWARD CURRENT – mA
2000
1600
800
400
0.1
1.0
10
1200
0
VCC = 3.3 V
VO = 0.4 V
85°C
70°C
25°C
70°C
-40°C


Numéro de pièce similaire - HCPL-270L060

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-270L AVAGO-HCPL-270L Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatbie Optocouplers
HCPL-270L AVAGO-HCPL-270L Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatible Optocouplers
logo
Broadcom Corporation.
HCPL-270L BOARDCOM-HCPL-270L Datasheet
101Kb / 2P
   Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
More results

Description similaire - HCPL-270L060

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-070L-500E AVAGO-HCPL-070L-500E Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatible Optocouplers
logo
Fairchild Semiconductor
FOD070L FAIRCHILD-FOD070L Datasheet
352Kb / 17P
   LVTTL/LVCMOS COMPATIBLE LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-270L AVAGO-HCPL-270L Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatbie Optocouplers
HCPL-050L AVAGO-HCPL-050L Datasheet
281Kb / 12P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
logo
Agilent(Hewlett-Packard...
HCPL-050L HP-HCPL-050L Datasheet
87Kb / 11P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
logo
Fairchild Semiconductor
FOD073L FAIRCHILD-FOD073L_09 Datasheet
291Kb / 12P
   LVTTL/LVCMOS Compatible Low Input Current High Gain Split Darlington Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-060L-000E AVAGO-HCPL-060L-000E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-060L-500E AVAGO-HCPL-060L-500E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-000E AVAGO-HCPL-260L-000E Datasheet
216Kb / 20P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL260L HP-HCPL260L Datasheet
187Kb / 14P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com