Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-270L060 Fiches technique(PDF) 6 Page - Agilent(Hewlett-Packard)

No de pièce HCPL-270L060
Description  Low Input Current High Gain LVTTL/LVCMOS Compatible 3.3 V Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-270L060 Fiches technique(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HCPL-270L060 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-270L060 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-270L060 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-270L060 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-270L060 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-270L060 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-270L060 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-270L060 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-270L060 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Absolute Maximum Ratings (No Derating Required up to +85˚C)
Parameter
Symbol
Min.
Max.
Units
Storage Temperature
TS
–55
125
˚C
Operating Temperature
TA
–40
85
˚C
Average Forward Input Current
IF(AVG)
20
mA
Peak Forward Input Current
IF(PEAK)
40
mA
(50% Duty Cycle, 1 ms Pulse Width)
Peak Transient Input Current
IF(TRAN)
1.0
A
(< 1
µs Pulse Width, 300 pps)
Reverse Input Voltage
VR
5V
Input Power Dissipation
PI
35
mW
Output Current (Pin 6)
IO
60
mA
Emitter Base Reverse Voltage (Pin 5-7)
VEB
0.5
V
Supply Voltage and Output Voltage
VCC
–0.5
7
V
Output Power Dissipation
PO
100
mW
Total Power Dissipation
PT
135
mW
Lead Solder Temperature (for Through Hole Devices)
260˚C for 10 sec., 1.6 mm below seating plane.
Reflow Temperature Profile
See Package Outline Drawings section.
(for SOIC-8 and Option #300)
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Power Supply Voltage
VCC
2.7
3.3
V
Forward Input Current (ON)
IF(ON)
0.5
12.0
mA
Forward Input Voltage (OFF)
VF(OFF)
0
0.8
V
Operating Temperature
TA
070
˚C


Numéro de pièce similaire - HCPL-270L060

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-270L AVAGO-HCPL-270L Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatbie Optocouplers
HCPL-270L AVAGO-HCPL-270L Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatible Optocouplers
logo
Broadcom Corporation.
HCPL-270L BOARDCOM-HCPL-270L Datasheet
101Kb / 2P
   Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
More results

Description similaire - HCPL-270L060

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-070L-500E AVAGO-HCPL-070L-500E Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatible Optocouplers
logo
Fairchild Semiconductor
FOD070L FAIRCHILD-FOD070L Datasheet
352Kb / 17P
   LVTTL/LVCMOS COMPATIBLE LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-270L AVAGO-HCPL-270L Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatbie Optocouplers
HCPL-050L AVAGO-HCPL-050L Datasheet
281Kb / 12P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
logo
Agilent(Hewlett-Packard...
HCPL-050L HP-HCPL-050L Datasheet
87Kb / 11P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
logo
Fairchild Semiconductor
FOD073L FAIRCHILD-FOD073L_09 Datasheet
291Kb / 12P
   LVTTL/LVCMOS Compatible Low Input Current High Gain Split Darlington Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-060L-000E AVAGO-HCPL-060L-000E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-060L-500E AVAGO-HCPL-060L-500E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-000E AVAGO-HCPL-260L-000E Datasheet
216Kb / 20P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL260L HP-HCPL260L Datasheet
187Kb / 14P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com