Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL58831 Fiches technique(PDF) 5 Page - Intersil Corporation

No de pièce ISL58831
Description  Dual Laser Driver with APC Amplifier and Spread Spectrum Oscillator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL58831 Fiches technique(HTML) 5 Page - Intersil Corporation

  ISL58831 Datasheet HTML 1Page - Intersil Corporation ISL58831 Datasheet HTML 2Page - Intersil Corporation ISL58831 Datasheet HTML 3Page - Intersil Corporation ISL58831 Datasheet HTML 4Page - Intersil Corporation ISL58831 Datasheet HTML 5Page - Intersil Corporation ISL58831 Datasheet HTML 6Page - Intersil Corporation ISL58831 Datasheet HTML 7Page - Intersil Corporation ISL58831 Datasheet HTML 8Page - Intersil Corporation ISL58831 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ISL58831
5
FN7440.1
January 28, 2016
Submit Document Feedback
NOTE: Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Voltages Applied to:
VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +6.0V
WEN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VDD +0.5V
IINx . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +5.0V
IOUT. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VDD+0.5V
Power Dissipation (maximum) . . . . . . . . . . . . . . . . . . . . . . . . . . . See page 9
IOUT Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . 300mA average, 500mAP-P
Thermal Resistance (Typical)
JA (°C/W)
24 Ld QFN Package (Note 4). . . . . . . . . . . . . . . . . . . . . .
42
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . .+150°C
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
Recommended Operating Conditions
Operating Ambient Temperature Range . . . . . . . . . . . . . . . . 0°C to +80°C
VDD. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5V ±10%
RFREQ. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1500Ω (minimum)
RAMP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .500Ω (minimum)
FOSC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100MHz to 600MHz
AOSC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .20mAP-P to 100mAP-P
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and
operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
4.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications VDD = 5V, TA = +25°C, ENABLE = HI, WEN = HI, OSCEN = LO, SEL1 = HI, unless otherwise specified.
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD
Supply Voltage
4.5
5.0
5.5
V
IS1
Supply Current (Disabled)
ENABLE = <0.5V
0.1
100
µA
IS2
Supply Current
IINR = 0µA, IIN2/3/4 = 20µA
34
40
46
mA
IS3
Supply Current
OSCEN = HI, IINR = 0µA, IIN2/3/4 = 20µA
50
60
70
mA
IS4
Supply Current
IINR = 0µA, IIN2/3/4 = 500µA
61
73
85
mA
IS5
Supply Current
IINR = 200µA, IIN2/3/4 = 500µA
94
112
130
mA
DVLO
Digital Low Voltage
WEN2/3/4, OSCEN inputs
1.3
V
EVLO
Enable Low Voltage
ENABLE pin (to guarantee IS1)
0.5
V
DVHI
Digital High Voltage
WEN2/3/4, OSCEN inputs
2.2
V
EVHI
Enable High Voltage
ENABLE pin only
2.2
V
DVHICD
Digital High Voltage
SEL1 only
2.2
V
DVLOCD
Digital Low Voltage
SEL1 only
1.3
V
DILO
Digital Low Current
SEL1, OSCEN, ENABLE, WEN = 0.0V
-100
µA
DIHI
Digital High Current
SEL1, OSCEN, ENABLE, WEN = 5.0V
100
µA
VSHUT
VDD Shutdown Voltage
3.5
3.9
V
Laser Amplifier VDD = 5V, TA = +25°C, ENABLE = HI unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
GAINR
Best Fit Current Gain
Channel R - IOUT1 (Note 5)
140
165
190
mA/mA
GAINR2
Best Fit Current Gain
Channel R2 - IOUT2 (Note 5)70
82
95
mA/mA
GAIN2
Best Fit Current Gain
Channel 2 - IOUT1 (Note 5)
210
250
290
mA/mA
GAIN3
Best Fit Current Gain
Channel 3 - IOUT1 (Note 5)
170
200
230
mA/mA
GAIN4
Best Fit Current Gain
Channel 4 - IOUT1 (Note 5)80
100
120
mA/mA
IOUTR
Output Current
VDD = 4.5V, VOUT = 3.4V, output is sourcing,
channel R - IOUT1 (Note 5), IINR = 2mA
150
mA


Numéro de pièce similaire - ISL58831

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL58831 RENESAS-ISL58831 Datasheet
687Kb / 12P
   Dual Laser Driver with APC Amplifier and Spread Spectrum Oscillator
Jan 28, 2016
ISL58831CRZ RENESAS-ISL58831CRZ Datasheet
687Kb / 12P
   Dual Laser Driver with APC Amplifier and Spread Spectrum Oscillator
Jan 28, 2016
ISL58831CRZ-T13 RENESAS-ISL58831CRZ-T13 Datasheet
687Kb / 12P
   Dual Laser Driver with APC Amplifier and Spread Spectrum Oscillator
Jan 28, 2016
More results

Description similaire - ISL58831

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL58831 RENESAS-ISL58831 Datasheet
687Kb / 12P
   Dual Laser Driver with APC Amplifier and Spread Spectrum Oscillator
Jan 28, 2016
logo
Elantec Semiconductor
EL6258C ELANTEC-EL6258C Datasheet
135Kb / 2P
   3-Channel Laser Driver Oscillator APC Amplifier
logo
ECS, Inc.
ECS-3250SS ECS-ECS-3250SS Datasheet
203Kb / 2P
   SPREAD SPECTRUM OSCILLATOR
logo
Elantec Semiconductor
EL6241C ELANTEC-EL6241C Datasheet
138Kb / 2P
   Dual Laser Driver with APC Amp
EL6240C ELANTEC-EL6240C Datasheet
138Kb / 2P
   Dual Laser Driver with APC Amp
EL6280C ELANTEC-EL6280C Datasheet
136Kb / 2P
   Dual Laser Driver with APC Amp
EL6270C ELANTEC-EL6270C Datasheet
37Kb / 2P
   Laser Driver with Ocillator and APC
EL6273C ELANTEC-EL6273C Datasheet
135Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6242C ELANTEC-EL6242C Datasheet
140Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
EL6245C ELANTEC-EL6245C Datasheet
135Kb / 2P
   3-Channel Laser Diode Driver w/Oscillator & APC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com