Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL58792CRTZ Fiches technique(PDF) 8 Page - Intersil Corporation

No de pièce ISL58792CRTZ
Description  Laser Diode Driver with Serial Control and Write Current DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL58792CRTZ Fiches technique(HTML) 8 Page - Intersil Corporation

Back Button ISL58792CRTZ Datasheet HTML 4Page - Intersil Corporation ISL58792CRTZ Datasheet HTML 5Page - Intersil Corporation ISL58792CRTZ Datasheet HTML 6Page - Intersil Corporation ISL58792CRTZ Datasheet HTML 7Page - Intersil Corporation ISL58792CRTZ Datasheet HTML 8Page - Intersil Corporation ISL58792CRTZ Datasheet HTML 9Page - Intersil Corporation ISL58792CRTZ Datasheet HTML 10Page - Intersil Corporation ISL58792CRTZ Datasheet HTML 11Page - Intersil Corporation ISL58792CRTZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ISL58792
8
FN7580.3
December 14, 2015
Submit Document Feedback
Read DAC (12-bit) DC Specifications Standard conditions apply unless otherwise noted.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 13)
TYP
MAX
(Note 13)
UNIT
DNL-R
Read DAC Differential Non-Linearity
PREAD: Reg 0-19 + Reg 1-09
-2
+2
LSB
INL-R
Read DAC Integral Non-Linearity
@ 900h on Resistive Load.
0V to ~3V
+90
LSB
IOUT-R-DAC-RED
Read Output Current, Read DAC at
Full-Scale, IOUT1 or IOUT2
PREAD = 0xFFF, IAPC = 0mA,
Reg 1-21 = 8F
120
150
180
mA
PSRR-FS
Power Supply Rejection - Full-Scale
Current
Varying the VSO (Note 18)
-42
dB
TC-FS-IOUT
Temperature Coefficient - Full-Scale
Current
Not including the RSET tempco
(Note 19) 0°C to +85°C
-48
ppm/
C
ZS-R
Zero-Scale Error
VIOUT = 2V (Note 20)
-80
0
80
LSB
NOTES:
18. Full scale output current power supply sensitivity (SFS) is measured by varying the VSO from 4.5V to 5.5V DC and measuring the effect of this signal
on the full-scale output current.
19. Full scale output current temperature coefficient (TFS) is given by delta (full scale output current)/
(T).
20. Zero-scale error (ZS) is the deviation from zero current output when the digital input code is zero.
HFM (High Frequency Modulator) Standard conditions unless otherwise noted.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 13)
TYP
MAX
(Note 13)
UNIT
IMAX-RED-OFF-LINK
Max HFM Off DC Output, IOUT1 or IOUT2 in
Link Mode
HFMOFF = 0xFFF
110
145
180
mA
IMAX-RED-OFF-UNLINK
Max HFM Off DC Output, IOUT1 or IOUT2 in
Unlink Mode
HFMOFF = 0xFFF
100
135
170
mA
IMAX-BLUE-OFF
Max HFM Off DC Output, IBLUE
HFMOFF = 0xFFF
45
62
75
mA
IMIN-RED-OFF
Min HFM Off DC Output, IOUT1 or IOUT2
HFMOFF = 0x000
-3
0
3
mA
IMIN-BLUE-OFF
Min HFM Off DC Output, IBLUE
HFMOFF = 0x000
-3
0
3
mA
IMAX-RED-ON-LINK
Max HFM Oscillator Output, IOUT1 or IOUT2
in Link Mode
HFMON = Reg 0-17h = 0xFF
118
mAP-P
IMAX-RED-ON-UNLINK
Max HFM Oscillator Output, IOUT1 or IOUT2
in Unlink Mode
HFMON = Reg 0-17h = 0xFF
114
mAP-P
IMAX-BLUE-ON
Max HFM Oscillator Output, IBLUE
HFMON = 0xFF
60
mAP-P
FOSC-HI-MAX
Max HFM Frequency, High Range
Reg 0-16 = FFh, Reg X-00 bit 6 = 0
900
1086
1300
MHz
FOSC-HI-MIN
Min HFM Frequency, High Range
Reg 0-16 = 01h, Reg X-00 bit 6 = 0
135
190
255
MHz
FOSC-LO-MAX
Max HFM Frequency, Low Range
Reg 0-16 = FFh, Reg X-00 bit 6 =1
470
565
670
MHz
FOSC-LO-MIN
Min HFM Frequency, Low Range
Reg 0-16 = 01h, Reg X-00 bit 6 = 1
55
80
110
MHz
PSRROSC-FREQ
PSRR - HFM Frequency
VSO from 4.5V to 5.0V
0.5
%/V
PSRROSC-AMP-IOUT
PSRR - HFM Amplitude
350MHz; HFMON = FFh; Link
3
%/V
PSRROSC-AMP-IBLUE
PSRR - HFM Amplitude
700MHz; HFMON = FFh; Link
1.2
%/V
TFOSC400MAX
HFM Frequency Temperature Coefficient
Range from 200MHz to 400MHz
0 - 900
ppm/
C
TFOSC900MAX
HFM Frequency Temperature Coefficient
Range from 400MHz to 900MHz
±250
ppm/
C
VRFREQ
RFREQ Pin Voltage
RFREQ = 4.7k
0.91.031.2
V
SS-WIDTH-10h
Spread Spectrum Spreading Width
RFREQ = 4.7kReg 1-18 = 10h,
Reg 0-16 = 26h; Reg X-00 bit 6 = 0
0.15
0.35
0.75
%
SS-WIDTH-70h
Spread Spectrum Spreading Width
RFREQ = 4.7kReg 1-18 = 70h,
Reg 0-16 = 26h; Reg X-00 bit 6 = 0
0.65
1.4
2.1
%


Numéro de pièce similaire - ISL58792CRTZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL58792CRTZ RENESAS-ISL58792CRTZ Datasheet
788Kb / 16P
   Laser Diode Driver with Serial Control and Write Current DAC
ISL58792CRTZ-T13 RENESAS-ISL58792CRTZ-T13 Datasheet
788Kb / 16P
   Laser Diode Driver with Serial Control and Write Current DAC
ISL58792CRTZ-T7A RENESAS-ISL58792CRTZ-T7A Datasheet
788Kb / 16P
   Laser Diode Driver with Serial Control and Write Current DAC
More results

Description similaire - ISL58792CRTZ

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL58792 RENESAS-ISL58792 Datasheet
788Kb / 16P
   Laser Diode Driver with Serial Control and Write Current DAC
logo
Intersil Corporation
ISL58781 INTERSIL-ISL58781 Datasheet
404Kb / 15P
   Laser Diode Driver with Serial Control and Write Current DAC
logo
Renesas Technology Corp
ISL58781 RENESAS-ISL58781 Datasheet
822Kb / 15P
   Laser Diode Driver with Serial Control and Write Current DAC
December 3, 2015
ISL58797 RENESAS-ISL58797 Datasheet
195Kb / 2P
   Laser Diode Driver with Write Current DAC and PDIC Control Outputs
logo
Intersil Corporation
ISL58797 INTERSIL-ISL58797 Datasheet
116Kb / 2P
   Laser Diode Driver with Write Current DAC and PDIC Control Outputs
logo
Renesas Technology Corp
ISL58797 RENESAS-ISL58797_V01 Datasheet
207Kb / 2P
   Laser Diode Driver with Write Current DAC and PDIC Control Outputs
April 26, 2012
logo
Analog Devices
AD9661A AD-AD9661A Datasheet
174Kb / 12P
   Laser Diode Driver with Light Power Control
REV. 0
logo
Vitesse Semiconductor C...
VSC7938 VITESSE-VSC7938 Datasheet
213Kb / 16P
   Laser Diode Driver with Automatic Power Control
logo
Analog Devices
AD9661A AD-AD9661A_15 Datasheet
626Kb / 12P
   Laser Diode Driver with Light Power Control
REV. 0
logo
Vitesse Semiconductor C...
VSC7939 VITESSE-VSC7939 Datasheet
226Kb / 18P
   Laser Diode Driver with Automatic Power Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com