Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL33357EIRZ-T Fiches technique(PDF) 4 Page - Intersil Corporation

No de pièce ISL33357EIRZ-T
Description  Full fail-safe (open/short) RS-485/422 port 2 Rx
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL33357EIRZ-T Fiches technique(HTML) 4 Page - Intersil Corporation

  ISL33357EIRZ-T Datasheet HTML 1Page - Intersil Corporation ISL33357EIRZ-T Datasheet HTML 2Page - Intersil Corporation ISL33357EIRZ-T Datasheet HTML 3Page - Intersil Corporation ISL33357EIRZ-T Datasheet HTML 4Page - Intersil Corporation ISL33357EIRZ-T Datasheet HTML 5Page - Intersil Corporation ISL33357EIRZ-T Datasheet HTML 6Page - Intersil Corporation ISL33357EIRZ-T Datasheet HTML 7Page - Intersil Corporation ISL33357EIRZ-T Datasheet HTML 8Page - Intersil Corporation ISL33357EIRZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ISL33354E, ISL33357E
4
FN8775.1
October 21, 2016
Submit Document Feedback
Typical Operating Circuits
FIGURE 1. 1 PORT IN RS-232 MODE AND 1 PORT IN RS-485 MODE
9, 26
VCC
T2OUT
T1OUT
T2IN
T1IN
0.1µF
+
0.1µF
+
0.1µF
23
22
7
6
1
2
3
17
V+
V-
C1+
C1-
C2+
C2-
+
0.1µF
28
27
R1OUT
R1IN
4
5kΩ
R2OUT
R2IN
525
5kΩ
C1
C2
+ C3
C4
GND
+5V
+
0.1µF
8, 15
NOTE: PINOUT FOR SSOP
24
R
R
D
D
Z
Y
DI
20
11
10
RO
B
13
A
12
DE485
19
VCC
18
D
R
RE485
16
SHDN
21
SLOW485
14
VCC


Numéro de pièce similaire - ISL33357EIRZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL33357EIRZ-T RENESAS-ISL33357EIRZ-T Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL33357EIRZ-T7A RENESAS-ISL33357EIRZ-T7A Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
More results

Description similaire - ISL33357EIRZ-T

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3460 MAXIM-MAX3460 Datasheet
376Kb / 14P
   5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 1; 2/03
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
logo
Intersil Corporation
ISL3259E INTERSIL-ISL3259E Datasheet
638Kb / 15P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3179E INTERSIL-ISL3179E Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
ISL3259E INTERSIL-ISL3259E_08 Datasheet
664Kb / 16P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3160E RENESAS-ISL3160E Datasheet
1Mb / 20P
   짹10kV ESD Protected, 125째C, 40Mbps, 5V, Full-Duplex, Full Fail-Safe RS-485/RS-422 Transceiver
ISL3159E RENESAS-ISL3159E Datasheet
1Mb / 17P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com