Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL33354E Fiches technique(PDF) 7 Page - Intersil Corporation

No de pièce ISL33354E
Description  Full fail-safe (open/short) RS-485/422 port 2 Rx
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL33354E Fiches technique(HTML) 7 Page - Intersil Corporation

Back Button ISL33354E Datasheet HTML 3Page - Intersil Corporation ISL33354E Datasheet HTML 4Page - Intersil Corporation ISL33354E Datasheet HTML 5Page - Intersil Corporation ISL33354E Datasheet HTML 6Page - Intersil Corporation ISL33354E Datasheet HTML 7Page - Intersil Corporation ISL33354E Datasheet HTML 8Page - Intersil Corporation ISL33354E Datasheet HTML 9Page - Intersil Corporation ISL33354E Datasheet HTML 10Page - Intersil Corporation ISL33354E Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
ISL33354E, ISL33357E
7
FN8775.1
October 21, 2016
Submit Document Feedback
Input Current
IIN1
Pins without pull-ups or pull-downs
Full
-2
-
2
µA
IIN2
SLOW485, DE485, RE485, SHDN
Full
-25
-
25
µA
DC CHARACTERISTICS - RS-485 RECEIVER INPUTS (PORT 2)
Receiver Differential Threshold
Voltage
VTH
-7V ≤ VCM ≤ 12V, full fail-safe
Full
-0.2
-
-0.04
V
Receiver Input Hysteresis
VTH
VCM = 0V
25
-
35
-
mV
Receiver Input Current (A, B)
IIN
VCC = 0V or 4.5 to 5.5V
VIN = 12V
Full
-
-
0.8
mA
VIN = -7V
Full
-0.64
--
mA
Receiver Input Resistance
RIN
-7V ≤ VCM ≤ 12V, VCC = 0 (Note 13) or
4.5V ≤ VCC ≤ 5.5V
Full
15
--
DC CHARACTERISTICS - RS-232 RECEIVER INPUTS (PORT 1)
Receiver Input Voltage Range
VIN
Full
-25
-
25
V
Receiver Input Threshold
VIL
Full
-
1.4
0.8
V
VIH
Full
2.4
1.9
-
V
Receiver Input Hysteresis
VTH
25
-
0.5
-
V
Receiver Input Resistance
RIN
VIN = ±15V, VCC powered up (Note 13)Full
3
5
7
DC CHARACTERISTICS - RECEIVER OUTPUTS (PORTS 1 and 2)
Receiver Output High Voltage
VOH
IO = -2mA
Full
3.5
4.6
-
V
Receiver Output Low Voltage
VOL
IO = 3mA
Full
-
0.1
0.4
V
Receiver Short-Circuit Current
IOSR
0V ≤ VO ≤ VCC
Full
7
-
85
mA
Receiver Three-State Output Current
IOZR
Output disabled, 0V ≤ VO ≤ VCC
Full
-
-
±10
µA
POWER SUPPLY CHARACTERISTICS
No-Load Supply Current, (Note 11)ICC
SHDN = VCC
Full
-
3.7
7
mA
Shutdown Supply Current
ISHDN
SHDN = SLOW485 = GND, RE485 = VCC,
DE485 = GND
Full
-
55
160
µA
ESD CHARACTERISTICS
Bus Pins (A, B, Y, Z, RxIN, TxOUT)
Human body model, Bus pin to GND
25
-
±15
-
kV
All Other Pins
Human body model (per JEDEC)
25
-
±4
-
kV
Machine model (per JEDEC)
25
-
±200
-
V
RS-232 DRIVER AND RECEIVER SWITCHING CHARACTERISTICS (PORT 1)
Driver Output Transition Region
Slew Rate
SR
RL =3kΩ, measured from
3V to -3V or -3V to 3V
CL ≥15pF
Full
-
18
30
V/µs
CL ≤2500pF
Full
4
12
-
V/µs
Driver Output Transition Time
tr, tf
RL =3kΩ, CL = 2500pF, 10% - 90%
Full
0.22
1.2
3.1
µs
Driver Propagation Delay
tDPHL
RL =3kΩ CL = 1000pF (Figure 7)
Full
-
1
2
µs
tDPLH
Full
-
1.2
2
µs
Driver Propagation Delay Skew
tDSKEW
tDPHL - tDPLH (Figure 7)
Full
-
240
400
ns
Driver Enable Time from Shutdown
tDENSD
VOUT = ±3.0V, CL = 1000pF
25
-
20
-
µs
Driver Maximum Data Rate
DRD
RL =3kΩ, CL = 1000pF, one transmitter
switching
Full
460
650
-
kbps
Electrical Specifications Test Conditions: VCC = 4.5V to 5.5V, C1 - C4 = 0.1µF, unless otherwise specified. Typicals are at VCC = 5V,
TA = +25°C (Note 10). (Continued) Boldface limits apply across the operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 15)TYP
MAX
(Note 15)UNIT


Numéro de pièce similaire - ISL33354E

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL33354E INTERSIL-ISL33354E Datasheet
820Kb / 23P
   Operates from a single 3.3V supply
logo
Renesas Technology Corp
ISL33354E RENESAS-ISL33354E Datasheet
1Mb / 23P
   3.3V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL33354E RENESAS-ISL33354E Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL33354EIAZ RENESAS-ISL33354EIAZ Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
ISL33354EIAZ-T RENESAS-ISL33354EIAZ-T Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
More results

Description similaire - ISL33354E

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3460 MAXIM-MAX3460 Datasheet
376Kb / 14P
   5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 1; 2/03
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
logo
Intersil Corporation
ISL3259E INTERSIL-ISL3259E Datasheet
638Kb / 15P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3179E INTERSIL-ISL3179E Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
ISL3259E INTERSIL-ISL3259E_08 Datasheet
664Kb / 16P
   짹15kV ESD Protected, 100Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3160E RENESAS-ISL3160E Datasheet
1Mb / 20P
   짹10kV ESD Protected, 125째C, 40Mbps, 5V, Full-Duplex, Full Fail-Safe RS-485/RS-422 Transceiver
ISL3159E RENESAS-ISL3159E Datasheet
1Mb / 17P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com