Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL22346WM Fiches technique(PDF) 3 Page - Intersil Corporation

No de pièce ISL22346WM
Description  Controlled Baseline with One Wafer Fabrication Site and
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22346WM Fiches technique(HTML) 3 Page - Intersil Corporation

  ISL22346WM Datasheet HTML 1Page - Intersil Corporation ISL22346WM Datasheet HTML 2Page - Intersil Corporation ISL22346WM Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6624.1
November 11, 2011
ISL22346WM
Thin Shrink Small Outline Plastic Packages (TSSOP)
α
INDEX
AREA
E1
D
N
12
3
-B-
0.10(0.004)
C A
M
BS
e
-A-
b
M
-C-
A1
A
SEATING PLANE
0.10(0.004)
c
E
0.25(0.010)
B
M
M
L
0.25
0.010
GAUGE
PLANE
A2
NOTES:
1. These package dimensions are within allowable dimensions of
JEDEC MO-153-AC, Issue E.
2. Dimensioning and tolerancing per ANSI Y14.5M
-1982.
3. Dimension “D” does not include mold flash, protrusions or gate burrs.
Mold flash, protrusion and gate burrs shall not exceed 0.15mm
(0.006 inch) per side.
4. Dimension “E1” does not include interlead flash or protrusions. Inter-
lead flash and protrusions shall not exceed 0.15mm (0.006 inch) per
side.
5. The chamfer on the body is optional. If it is not present, a visual index
feature must be located within the crosshatched area.
6. “L” is the length of terminal for soldering to a substrate.
7. “N” is the number of terminal positions.
8. Terminal numbers are shown for reference only.
9. Dimension “b” does not include dambar protrusion. Allowable dambar
protrusion shall be 0.08mm (0.003 inch) total in excess of “b” dimen-
sion at maximum material condition. Minimum space between protru-
sion and adjacent lead is 0.07mm (0.0027 inch).
10. Controlling dimension: MILLIMETER. Converted inch dimensions
are not necessarily exact. (Angles in degrees)
0.05(0.002)
M20.173
20 LEAD THIN SHRINK SMALL OUTLINE PLASTIC
PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
-
0.047
-
1.20
-
A1
0.002
0.006
0.05
0.15
-
A2
0.031
0.051
0.80
1.05
-
b
0.0075
0.0118
0.19
0.30
9
c
0.0035
0.0079
0.09
0.20
-
D
0.252
0.260
6.40
6.60
3
E1
0.169
0.177
4.30
4.50
4
e
0.026 BSC
0.65 BSC
-
E
0.246
0.256
6.25
6.50
-
L
0.0177
0.0295
0.45
0.75
6
N20
20
7
α
0o
8o
0o
8o
-
Rev. 1 6/98


Numéro de pièce similaire - ISL22346WM

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL22346WM INTERSIL-ISL22346WM Datasheet
101Kb / 3P
   Low Noise, Low Power I2C® Bus, 128 Taps
November 11, 2011
logo
Renesas Technology Corp
ISL22346WM RENESAS-ISL22346WM Datasheet
206Kb / 3P
   Quad Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power I2C Bus, 128 Taps
November 11, 2011
logo
Intersil Corporation
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
101Kb / 3P
   Low Noise, Low Power I2C® Bus, 128 Taps
November 11, 2011
logo
Renesas Technology Corp
ISL22346WMVEP RENESAS-ISL22346WMVEP Datasheet
206Kb / 3P
   Quad Digitally Controlled Potentiometers (XDCP™) Low Noise, Low Power I2C Bus, 128 Taps
November 11, 2011
More results

Description similaire - ISL22346WM

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLV5638-EP TI-TLV5638-EP Datasheet
626Kb / 20P
[Old version datasheet]   Controlled Baseline One Assembly/Test Site, One Fabrication Site
logo
List of Unclassifed Man...
CPCI-6510 ETC2-CPCI-6510 Datasheet
564Kb / 2P
   One PCI-Express x8 XMC site
logo
Abracon Corporation
AB18X5-RTC ABRACON-AB18X5-RTC Datasheet
655Kb / 37P
   Baseline timekeeping features
Revision: C
logo
PowerDynamics, Inc
3352E02010 POWERDYNAMICS-3352E02010 Datasheet
266Kb / 1P
   Waterproof RJ45 Jack With Cable and Wafer (IP68)
logo
TE Connectivity Ltd
C-1513431 TEC-C-1513431 Datasheet
188Kb / 2P
   802.11b Diversity Antenna Fabrication Drawing
logo
M/A-COM Technology Solu...
628702A MA-COM-628702A Datasheet
33Kb / 2P
   Test Site Transfer
logo
Pan Jit International I...
QR606F PANJIT-QR606F Datasheet
298Kb / 8P
   Planar structure with EPI wafer
QR406F PANJIT-QR406F Datasheet
287Kb / 8P
   Planar structure with EPI wafer
QR406D PANJIT-QR406D Datasheet
287Kb / 8P
   Planar structure with EPI wafer
QR1006 PANJIT-QR1006 Datasheet
235Kb / 7P
   Planar structure with EPI wafer
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com