Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

9ZXL1930 Fiches technique(PDF) 10 Page - Integrated Device Technology

No de pièce 9ZXL1930
Description  19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZXL1930 Fiches technique(HTML) 10 Page - Integrated Device Technology

Back Button 9ZXL1930 Datasheet HTML 6Page - Integrated Device Technology 9ZXL1930 Datasheet HTML 7Page - Integrated Device Technology 9ZXL1930 Datasheet HTML 8Page - Integrated Device Technology 9ZXL1930 Datasheet HTML 9Page - Integrated Device Technology 9ZXL1930 Datasheet HTML 10Page - Integrated Device Technology 9ZXL1930 Datasheet HTML 11Page - Integrated Device Technology 9ZXL1930 Datasheet HTML 12Page - Integrated Device Technology 9ZXL1930 Datasheet HTML 13Page - Integrated Device Technology 9ZXL1930 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
9ZXL1930
19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
IDT®
19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
10
9ZXL1930
REV D 112015
Clock Periods–Differential Outputs with Spread Spectrum Disabled
Clock Periods–Differential Outputs with Spread Spectrum Enabled
Test Loads
1 Clock
1us
0.1s
0.1s
0.1s
1us
1 Clock
-c2c jitter
AbsPer
Min
-SSC
Short-Term
Average
Min
- ppm
Long-Term
Average
Min
0 ppm
Period
Nominal
+ ppm
Long-Term
Average
Max
+SSC
Short-Term
Average
Max
+c2c jitter
AbsPer
Max
100.00
9.94900
9.99900
10.00000
10.00100
10.05100
ns
1,2,3
133.33
7.44925
7.49925
7.50000
7.50075
7.55075
ns
1,2,4
DIF
Measurement Window
Units
Notes
SSC OFF
Center
Freq.
MHz
1 Clock
1us
0.1s
0.1s
0.1s
1us
1 Clock
-c2c jitter
AbsPer
Min
-SSC
Short-Term
Average
Min
- ppm
Long-Term
Average
Min
0 ppm
Period
Nominal
+ ppm
Long-Term
Average
Max
+SSC
Short-Term
Average
Max
+c2c jitter
AbsPer
Max
99.75
9.94906
9.99906
10.02406
10.02506
10.02607
10.05107
10.10107
ns
1,2,3
133.00
7.44930
7.49930
7.51805
7.51880
7.51955
7.53830
7.58830
ns
1,2,4
Notes:
1
Guaranteed by design and characterization, not 100% tested in production.
3 Driven by SRC output of main clock, 100 MHz PLL Mode or Bypass mode
4 Driven by CPU output of main clock, 133 MHz PLL Mode or Bypass mode
2 All Long Term Accuracy specifications are guaranteed with the assumption that the input clock complies with CK420BQ/CK410B+ accuracy
requirements (+/-100ppm). The 9ZXL1930 itself does not contribute to ppm error.
DIF
Notes
Measurement Window
Units
SSC ON
Center
Freq.
MHz
Differential Output Terminations
DIF Zo (Ω)Rs (Ω)
100
33
85
27
Differential Zo,
10 inches
LP-HCSL
Differential
Output
9ZXL Differential Test Loads
Rs
Rs
2pF
2pF


Numéro de pièce similaire - 9ZXL1930

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
9ZXL1930 IDT-9ZXL1930 Datasheet
234Kb / 18P
   Fixed feedback path
logo
Renesas Technology Corp
9ZXL1930 RENESAS-9ZXL1930 Datasheet
445Kb / 19P
   19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
REV D 112015
9ZXL1930BKLF RENESAS-9ZXL1930BKLF Datasheet
445Kb / 19P
   19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
REV D 112015
9ZXL1930BKLFT RENESAS-9ZXL1930BKLFT Datasheet
445Kb / 19P
   19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
REV D 112015
logo
Integrated Device Techn...
9ZXL1930D IDT-9ZXL1930D Datasheet
359Kb / 24P
   19-Output DB1900Z Derivative for PCIe Gen1?? and UPI
More results

Description similaire - 9ZXL1930

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
9ZXL1930 RENESAS-9ZXL1930 Datasheet
445Kb / 19P
   19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
REV D 112015
logo
Integrated Device Techn...
9ZXL1950 IDT-9ZXL1950_17 Datasheet
267Kb / 18P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
9ZXL1950 IDT-9ZXL1950_15 Datasheet
296Kb / 18P
   19-output DB1900Z Low-Power Derivative w/85ohm Terminations
logo
Renesas Technology Corp
9ZXL1950 RENESAS-9ZXL1950 Datasheet
573Kb / 19P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
MAY 11, 2017
logo
Integrated Device Techn...
9ZXL1550 IDT-9ZXL1550_15 Datasheet
301Kb / 18P
   15-output DB1900Z Low-Power Derivative
9ZXL1530 IDT-9ZXL1530_15 Datasheet
227Kb / 19P
   15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
logo
Renesas Technology Corp
9ZXL1550 RENESAS-9ZXL1550 Datasheet
496Kb / 19P
   15-output DB1900Z Low-Power Derivative
11/20/15
9ZXL1530 RENESAS-9ZXL1530 Datasheet
439Kb / 20P
   15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
2019
logo
Integrated Device Techn...
9ZXL1930D IDT-9ZXL1930D Datasheet
359Kb / 24P
   19-Output DB1900Z Derivative for PCIe Gen1?? and UPI
logo
Renesas Technology Corp
9Z61195D RENESAS-9Z61195D Datasheet
691Kb / 24P
   19-Output DB1900Z Derivative for PCIe Gen1–4 and UPI for Dell Servers
September 14, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com