Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

9ZXL1550 Fiches technique(PDF) 7 Page - Integrated Device Technology

No de pièce 9ZXL1550
Description  15-output DB1900Z Low-Power Derivative
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZXL1550 Fiches technique(HTML) 7 Page - Integrated Device Technology

Back Button 9ZXL1550 Datasheet HTML 3Page - Integrated Device Technology 9ZXL1550 Datasheet HTML 4Page - Integrated Device Technology 9ZXL1550 Datasheet HTML 5Page - Integrated Device Technology 9ZXL1550 Datasheet HTML 6Page - Integrated Device Technology 9ZXL1550 Datasheet HTML 7Page - Integrated Device Technology 9ZXL1550 Datasheet HTML 8Page - Integrated Device Technology 9ZXL1550 Datasheet HTML 9Page - Integrated Device Technology 9ZXL1550 Datasheet HTML 10Page - Integrated Device Technology 9ZXL1550 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
REVISION E 11/20/15
7
15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
9ZXL1550 DATASHEET
Electrical Characteristics–DIF LP-HCSL Differential Outputs
Electrical Characteristics–Current Consumption
TA = TCOM; Supply Voltage VDD/VDDA = 3.3 V +/-5%, VDDIO = 1.05 to 3.3V +/-5%. See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Slew rate
Trf
Scope averaging on
1.5
2.7
4
V/ns
1, 2, 3
Slew rate matching
∆Trf
Slew rate matching.
8.8
20
%
1, 2, 4
Voltage High
VHigh
660
787
850
Voltage Low
VLow
-150
33
150
Max Voltage
Vmax
845
1150
Min Voltage
Vmin
-300
9
Crossing Voltage (abs)
Vcross_abs
Scope averaging off
250
471
550
mV
1, 5
Crossing Voltage (var)
∆-Vcross
Scope averaging off
14
140
mV
1, 6
2 Measured from differential waveform
6 The total variation of all Vcross measurements in any particular system. Note that this is a subset of Vcross_min/max (Vcross
absolute) allowed. The intent is to limit Vcross induced modulation by setting ∆-Vcross to be smaller than Vcross absolute.
mV
Statistical measurement on single-ended signal
using oscilloscope math function. (Scope
averaging on)
Single ended signal using absolute value.
Includes 300mV of over/undershoot. (Scope
mV
1Guaranteed by design and characterization, not 100% tested in production. C
L = 2pF with RS = 27Ω for Zo = 85Ω differential trace
impedance.
3 Slew rate is measured through the Vswing voltage range centered around differential 0V. This results in a +/-150mV window around
differential 0V.
4 Matching applies to rising edge rate for Clock and falling edge rate for Clock#. It is measured using a +/-75mV window centered on
the average cross point where Clock rising meets Clock# falling. The median cross point is used to calculate the voltage thresholds the
oscilloscope is to use for the edge rate calculations.
5 Vcross is defined as voltage where Clock = Clock# measured on a component test board and only applies to the differential rising
edge (i.e. Clock rising and Clock# falling).
TA = TCOM; Supply Voltage VDD/VDDA = 3.3 V +/-5%, VDDIO = 1.05 to 3.3V +/-5%. See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
IDDVDD
All outputs 100MHz, CL = 2pF; Zo = 85Ω
17
30
mA
1
IDDVDDA/R
All outputs 100MHz, CL = 2pF; Zo = 85Ω
15
20
mA
1
IDDVDDIO
All outputs 100MHz, CL = 2pF; Zo = 85Ω
112
150
mA
1
IDDVDDPD
All differential pairs low-low
2.1
4
mA
1
IDDVDDA/RPD
All differential pairs low-low
4.4
7
mA
1
IDDVDDIOPD
All differential pairs low-low
0.0
1.5
mA
1
1Guaranteed by design and characterization, not 100% tested in production.
Operating Supply Current
Powerdown Current


Numéro de pièce similaire - 9ZXL1550

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
9ZXL1550 IDT-9ZXL1550 Datasheet
301Kb / 18P
   PLL or bypass mode
logo
Renesas Technology Corp
9ZXL1550 RENESAS-9ZXL1550 Datasheet
496Kb / 19P
   15-output DB1900Z Low-Power Derivative
11/20/15
9ZXL1550BKLF RENESAS-9ZXL1550BKLF Datasheet
496Kb / 19P
   15-output DB1900Z Low-Power Derivative
11/20/15
9ZXL1550BKLFT RENESAS-9ZXL1550BKLFT Datasheet
496Kb / 19P
   15-output DB1900Z Low-Power Derivative
11/20/15
logo
Integrated Device Techn...
9ZXL1550DKILF IDT-9ZXL1550DKILF Datasheet
292Kb / 23P
   15-Output DB1900Z Derivative for PCIe Gen1?? and UPI
More results

Description similaire - 9ZXL1550

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
9ZXL1530 IDT-9ZXL1530_15 Datasheet
227Kb / 19P
   15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
logo
Renesas Technology Corp
9ZXL1550 RENESAS-9ZXL1550 Datasheet
496Kb / 19P
   15-output DB1900Z Low-Power Derivative
11/20/15
9ZXL1530 RENESAS-9ZXL1530 Datasheet
439Kb / 20P
   15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
2019
logo
Integrated Device Techn...
9ZXL1930 IDT-9ZXL1930_15 Datasheet
231Kb / 18P
   19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
logo
Renesas Technology Corp
9ZXL1930 RENESAS-9ZXL1930 Datasheet
445Kb / 19P
   19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
REV D 112015
logo
Integrated Device Techn...
9ZXL1530D IDT-9ZXL1530D Datasheet
292Kb / 23P
   15-Output DB1900Z Derivative for PCIe Gen1?? and UPI
9ZXL1950 IDT-9ZXL1950_17 Datasheet
267Kb / 18P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
9ZXL1950 IDT-9ZXL1950_15 Datasheet
296Kb / 18P
   19-output DB1900Z Low-Power Derivative w/85ohm Terminations
logo
Renesas Technology Corp
9ZXL1950 RENESAS-9ZXL1950 Datasheet
573Kb / 19P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
MAY 11, 2017
logo
Integrated Device Techn...
9ZXL1930D IDT-9ZXL1930D Datasheet
359Kb / 24P
   19-Output DB1900Z Derivative for PCIe Gen1?? and UPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com