Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

9ZXL1530 Fiches technique(PDF) 2 Page - Integrated Device Technology

No de pièce 9ZXL1530
Description  15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

9ZXL1530 Fiches technique(HTML) 2 Page - Integrated Device Technology

  9ZXL1530_15 Datasheet HTML 1Page - Integrated Device Technology 9ZXL1530_15 Datasheet HTML 2Page - Integrated Device Technology 9ZXL1530_15 Datasheet HTML 3Page - Integrated Device Technology 9ZXL1530_15 Datasheet HTML 4Page - Integrated Device Technology 9ZXL1530_15 Datasheet HTML 5Page - Integrated Device Technology 9ZXL1530_15 Datasheet HTML 6Page - Integrated Device Technology 9ZXL1530_15 Datasheet HTML 7Page - Integrated Device Technology 9ZXL1530_15 Datasheet HTML 8Page - Integrated Device Technology 9ZXL1530_15 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
9ZXL1530
15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
IDT®
15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
2
9ZXL1530
REV D 112015
Pin Configuration
Power Management Table
Power Connections
Functionality at Power-up (PLL mode)
PLL Operating Mode
Tri-Level Input Thresholds
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
VDDA 1
48 VDDIO
GNDA 247 GND
100M_133M# 346 DIF_9#
HIBW_BYPM_LOBW# 4
45
DIF_9
CKPWRGD_PD# 544 DIF_8#
GND 643 DIF_8
VDDR 742 GND
DIF_IN 841 VDD
DIF_IN# 940 DIF_7#
SMB_A0_tri 10
39 DIF_7
SMBDAT 11
38
DIF_6#
SMBCLK 12
37
DIF_6
SMB_A1_tri 13
36
VDDIO
FBOUT_NC# 14
35
GND
FBOUT_NC 15
34
DIF_5#
GND 16
33 DIF_5
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
Note: Pins with ^ prefix have internal 120K pullup
Pins with v prefix have internal 120K pulldowm
9ZXL1530
Control Bits
CK PWRGD_PD#
DIF_IN/
DIF_IN#
SMBus
EN bit
DIF_x/
DIF_x#
FBOUT_NC /
FBOU T_NC#
0
X
X
Low /Low
Low/Low
OFF
0
Low /Low
Running
ON
1
Running
Running
ON
Inputs
PLL State
1
Running
Outputs
VDD
VDD IO
GND
1
2
Analog PLL
7
6
Analog Input
26, 41, 58
19,31,36,48,51
,63
16,20,25,32,3
5,42,47,52,57
,64
D IF clocks
Pin N umber
Description
100M_133M#
DIF_IN
(MHz)
DIFx
(MHz)
1
100.00
DIF_IN
0
133.33
DIF_IN
Hi BW_B ypM_LoBW# Byte0, bit (7:6)
Low ( PLL Low BW)
00
Mid (Bypass)
01
High (PLL High BW)
11
NOTE: PLL is off in Bypass mode
Level
Voltage
Low
<0.8V
Mid
1.2<Vin<1.8V
High
Vin > 2.2V


Numéro de pièce similaire - 9ZXL1530_15

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
9ZXL1530BKLF RENESAS-9ZXL1530BKLF Datasheet
439Kb / 20P
   15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
2019
9ZXL1530BKLFT RENESAS-9ZXL1530BKLFT Datasheet
439Kb / 20P
   15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
2019
logo
Integrated Device Techn...
9ZXL1530D IDT-9ZXL1530D Datasheet
292Kb / 23P
   15-Output DB1900Z Derivative for PCIe Gen1?? and UPI
9ZXL1530DKILF IDT-9ZXL1530DKILF Datasheet
292Kb / 23P
   15-Output DB1900Z Derivative for PCIe Gen1?? and UPI
logo
Renesas Technology Corp
9ZXL1530DKILF RENESAS-9ZXL1530DKILF Datasheet
1Mb / 35P
   15 to 19-Output Buffers for PCIe Gen1–5 and UPI
August 25, 2020
More results

Description similaire - 9ZXL1530_15

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
9ZXL1550 IDT-9ZXL1550_15 Datasheet
301Kb / 18P
   15-output DB1900Z Low-Power Derivative
logo
Renesas Technology Corp
9ZXL1550 RENESAS-9ZXL1550 Datasheet
496Kb / 19P
   15-output DB1900Z Low-Power Derivative
11/20/15
9ZXL1530 RENESAS-9ZXL1530 Datasheet
439Kb / 20P
   15-OUTPUT DB1900Z LOW-POWER DERIVATIVE
2019
logo
Integrated Device Techn...
9ZXL1930 IDT-9ZXL1930_15 Datasheet
231Kb / 18P
   19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
logo
Renesas Technology Corp
9ZXL1930 RENESAS-9ZXL1930 Datasheet
445Kb / 19P
   19-OUTPUT DB1900Z LOW-POWER DERIVATIVE
REV D 112015
logo
Integrated Device Techn...
9ZXL1530D IDT-9ZXL1530D Datasheet
292Kb / 23P
   15-Output DB1900Z Derivative for PCIe Gen1?? and UPI
9ZXL1950 IDT-9ZXL1950_17 Datasheet
267Kb / 18P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
9ZXL1950 IDT-9ZXL1950_15 Datasheet
296Kb / 18P
   19-output DB1900Z Low-Power Derivative w/85ohm Terminations
logo
Renesas Technology Corp
9ZXL1950 RENESAS-9ZXL1950 Datasheet
573Kb / 19P
   19-Output DB1900Z Low-Power Derivative with 85ohm Terminations
MAY 11, 2017
logo
Integrated Device Techn...
9ZXL1930D IDT-9ZXL1930D Datasheet
359Kb / 24P
   19-Output DB1900Z Derivative for PCIe Gen1?? and UPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com