Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF1407STRLPbF Fiches technique(PDF) 1 Page - Infineon Technologies AG

No de pièce IRF1407STRLPbF
Description  HEXFET짰 Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRF1407STRLPbF Fiches technique(HTML) 1 Page - Infineon Technologies AG

  IRF1407STRLPbF Datasheet HTML 1Page - Infineon Technologies AG IRF1407STRLPbF Datasheet HTML 2Page - Infineon Technologies AG IRF1407STRLPbF Datasheet HTML 3Page - Infineon Technologies AG IRF1407STRLPbF Datasheet HTML 4Page - Infineon Technologies AG IRF1407STRLPbF Datasheet HTML 5Page - Infineon Technologies AG IRF1407STRLPbF Datasheet HTML 6Page - Infineon Technologies AG IRF1407STRLPbF Datasheet HTML 7Page - Infineon Technologies AG IRF1407STRLPbF Datasheet HTML 8Page - Infineon Technologies AG IRF1407STRLPbF Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
 
IRF1407SPbF
IRF1407LPbF
VDSS
75V
RDS(on)
0.0078

ID
100A
Description
Advanced HEXFET® Power MOSFETs from International
Rectifier utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area.
This benefit,
combined with the fast switching speed and ruggedized device
design that HEXFET power MOSFETs are well known for,
provides the designer with an extremely efficient and reliable
device for use in a wide variety of applications.
The D2Pak is a surface mount power package capable of
accommodating die sizes up to HEX-4. It provides the highest
power capability and the lowest possible on-resistance in any
existing surface mount package. The D2Pak is suitable for high
current applications because of its low internal connection
resistance and can dissipate up to 2.0W in a typical surface
mount application.
The through-hole version (IRF1407L) is available for low-profile
applications.
1
2016-5-26
 
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V 
100
A
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V 
70
IDM
Pulsed Drain Current 
520
PD @TA = 25°C
Maximum Power Dissipation
3.8
W
PD @TC = 25°C
Maximum Power Dissipation
200
W
Linear Derating Factor
1.3
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy (Thermally Limited) 
390
mJ
IAR
Avalanche Current 
See Fig.15,16, 12a, 12b
A
EAR
Repetitive Avalanche Energy 
mJ
dv/dt
Peak Diode Recovery dv/dt
4.6
V/ns
TJ
Operating Junction and
-55 to + 175
 
TSTG
Storage Temperature Range
°C 
Soldering Temperature, for 10 seconds (1.6mm from case)
300
 
Mounting torque, 6-32 or M3 screw
10 lbf•in (1.1N•m)
 
Absolute Maximum Ratings
Thermal Resistance  
Symbol
Parameter
Typ.
Max.
Units
RJC
Junction-to-Case
–––
0.75
°C/W
RJA
Junction-to-Ambient ( PCB Mount, steady state) 
–––
40
D2 Pak
IRF1407SPbF
G
D
S
Gate
Drain
Source
Benefits
 Advanced Process Technology
 Ultra Low On-Resistance
 Dynamic dv/dt Rating
 175°C Operating Temperature
 Fast Switching
 Repetitive Avalanche Allowed up to Tjmax
 Lead-Free
S
D
G
S
D
G
D
TO-262 Pak
IRF1407LPbF
Base part number
Package Type
Standard Pack
Form
Quantity
IRF1407LPbF
TO-262
Tube
50
IRF1407LPbF (Obsolete)
IRF1407SPbF
D2-Pak
Tape and Reel Left
800
IRF1407STRLPbF
Orderable Part Number
HEXFET® Power MOSFET


Numéro de pièce similaire - IRF1407STRLPbF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF1407S IRF-IRF1407S Datasheet
159Kb / 11P
   Power MOSFET(Vdss = 75V, Rds(on) = 0.0078?? Id = 100A??
logo
Inchange Semiconductor ...
IRF1407S ISC-IRF1407S Datasheet
189Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRF1407SPBF IRF-IRF1407SPBF Datasheet
258Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 75V , RDS(on) = 0.0078廓 , ID = 100A )
IRF1407SPBF IRF-IRF1407SPBF Datasheet
259Kb / 12P
   Advanced Process Technology
IRF1407SPBF IRF-IRF1407SPBF_15 Datasheet
259Kb / 12P
   Advanced Process Technology
More results

Description similaire - IRF1407STRLPbF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com