Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRFB38N20DPBF Fiches technique(PDF) 1 Page - Infineon Technologies AG

No de pièce IRFB38N20DPBF
Description  HEXFET짰 Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRFB38N20DPBF Fiches technique(HTML) 1 Page - Infineon Technologies AG

  IRFB38N20DPBF Datasheet HTML 1Page - Infineon Technologies AG IRFB38N20DPBF Datasheet HTML 2Page - Infineon Technologies AG IRFB38N20DPBF Datasheet HTML 3Page - Infineon Technologies AG IRFB38N20DPBF Datasheet HTML 4Page - Infineon Technologies AG IRFB38N20DPBF Datasheet HTML 5Page - Infineon Technologies AG IRFB38N20DPBF Datasheet HTML 6Page - Infineon Technologies AG IRFB38N20DPBF Datasheet HTML 7Page - Infineon Technologies AG IRFB38N20DPBF Datasheet HTML 8Page - Infineon Technologies AG IRFB38N20DPBF Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
 
IRFB38N20DPbF
IRFS38N20DPbF
IRFSL38N20DPbF
VDS
200
V
VDS(Avalanche) min.
260
V
RDS(on) max @ 10V
54
m

TJ max
175
°C
Key Parameters
1
2016-5-31
Absolute Maximum Ratings
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V 
43*
A
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V 
30*
IDM
Pulsed Drain Current 
180
PD @TA = 25°C
Maximum Power Dissipation 
3.8
W
PD @TC = 25°C
Maximum Power Dissipation 
300*
W
Linear Derating Factor
2.0*
W/°C
VGS
Gate-to-Source Voltage
± 30
V
dv/dt
Peak Diode Recovery dv/dt
9.5
V/ns
TJ
Operating Junction and
-55 to + 175
 
TSTG
Storage Temperature Range
°C 
Soldering Temperature, for 10 seconds (1.6mm from case)
300
 
Mounting torque, 6-32 or M3 screw
 
10 lbf•in (1.1N•m)
 
Thermal Resistance  
Symbol
Parameter
Typ.
Max.
Units
RJC
Junction-to-Case
–––
0.47*
°C/W
RJA
Junction-to-Ambient ( PCB Mount, steady state) 
–––
40
RCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
RJA
Junction-to-Ambient 
–––
62
D2 Pak
IRFS38N20DPbF
G
D
S
Gate
Drain
Source
Applications
 High frequency DC-DC converters
 Plasma Display Panel
S
D
G
S
D
G
D
TO-262 Pak
IRFSL38N20DPbF
HEXFET® Power MOSFET
S
D
G
D
TO-220AB
IRFB38N20DPbF
Base part number
Package Type
Standard Pack
Form
Quantity
IRFB38N20DPbF
TO-220
Tube
50
IRFB38N20DPbF
IRFSL38N20DPbF
TO-262
Tube
50
IRFSL38N20DPbF
IRFS38N20DPbF
D2-Pak
Tube
50
IRFS38N20DPbF
Tape and Reel Left
800
IRFS38N20DTRLPbF
Orderable Part Number
Benefits
 Low Gate-to-Drain Charge to Reduce Switching Losses
 Fully Characterized Capacitance Including Effective COSS
to Simplify
Design, (See App. Note AN1001)
 Fully Characterized Avalanche Voltage and Current
 Lead-Free
* RJC (end of life) for D2Pak and TO-262 = 0.50°C/W. This is the maximum measured value after 1000 temperature
cycles from -55 to 150°C and is accounted for by the physical wear out of the die attach medium.
Notes  through  are on page 2.


Numéro de pièce similaire - IRFB38N20DPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRFB38N20DPBF IRF-IRFB38N20DPBF Datasheet
275Kb / 11P
   HEXFET Power MOSFET
IRFB38N20DPBF IRF-IRFB38N20DPBF Datasheet
715Kb / 11P
   HEXFET Power MOSFET
More results

Description similaire - IRFB38N20DPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com