Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2677S-12 Fiches technique(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM2677S-12
Description  SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator with Sync
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2677S-12 Fiches technique(HTML) 6 Page - National Semiconductor (TI)

Back Button LM2677S-12 Datasheet HTML 2Page - National Semiconductor (TI) LM2677S-12 Datasheet HTML 3Page - National Semiconductor (TI) LM2677S-12 Datasheet HTML 4Page - National Semiconductor (TI) LM2677S-12 Datasheet HTML 5Page - National Semiconductor (TI) LM2677S-12 Datasheet HTML 6Page - National Semiconductor (TI) LM2677S-12 Datasheet HTML 7Page - National Semiconductor (TI) LM2677S-12 Datasheet HTML 8Page - National Semiconductor (TI) LM2677S-12 Datasheet HTML 9Page - National Semiconductor (TI) LM2677S-12 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Typical Performance Characteristics
Normalized
Output Voltage
Line Regulation
10130109
10130110
Efficiency vs Input Voltage
Efficiency vs I
LOAD
10130111
10130112
Switch Current Limit
Operating Quiescent Current
10130104
10130105
www.national.com
6


Numéro de pièce similaire - LM2677S-12

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2677S-12/NOPB TI1-LM2677S-12/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   LM2677 SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
More results

Description similaire - LM2677S-12

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2678 NSC-LM2678 Datasheet
459Kb / 27P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678S-12 NSC-LM2678S-12 Datasheet
356Kb / 23P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2670 NSC-LM2670 Datasheet
459Kb / 26P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync
logo
Texas Instruments
LM2678S-ADJ TI-LM2678S-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678SX-3.3 TI-LM2678SX-3.3 Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678SD-5.0 TI-LM2678SD-5.0 Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2670SX-33 TI-LM2670SX-33 Datasheet
1Mb / 36P
[Old version datasheet]   LM2670 SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync
LM2670EP TI1-LM2670EP Datasheet
494Kb / 28P
[Old version datasheet]   LM2670EP Enhanced Plastic SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator with Sync
logo
National Semiconductor ...
LM2676 NSC-LM2676 Datasheet
350Kb / 25P
   SIMPLE SWITCHER High Efficiency 3A Step-Down Voltage Regulator
LM2678 NSC-LM2678_05 Datasheet
836Kb / 27P
   SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com