Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC74AC4040 Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce MC74AC4040
Description  12-Stage Binary Ripple Counter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC4040 Fiches technique(HTML) 4 Page - ON Semiconductor

  MC74AC4040_15 Datasheet HTML 1Page - ON Semiconductor MC74AC4040_15 Datasheet HTML 2Page - ON Semiconductor MC74AC4040_15 Datasheet HTML 3Page - ON Semiconductor MC74AC4040_15 Datasheet HTML 4Page - ON Semiconductor MC74AC4040_15 Datasheet HTML 5Page - ON Semiconductor MC74AC4040_15 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC74AC4040
www.onsemi.com
4
DC CHARACTERISTICS (unless otherwise specified)
Symbol
Parameter
Value
Unit
ICC
Maximum Quiescent Supply Voltage
80
mA
Vin = VCC or GND
VCC = 5.5 V, TA = Worst Case
ICC
Maximum Quiescent Supply Current
8.0
mA
Vin = VCC or GND
VCC = 5.5 V, TA = 25°C
DC CHARACTERISTICS
Symbol
Parameter
VCC
(V)
74AC
74AC
Unit
Conditions
TA = +25°C
TA = −40°C to +85°C
Typ
Guaranteed Limits
VIH
Minimum High Level Input Voltage
3.0
2.1
2.1
VOUT = 0.1 V
4.5
3.15
3.15
V
or VCC − 0.1 V
5.5
3.85
3.85
VIL
Maximum Low Level Input Voltage
3.0
0.9
0.9
VOUT = 0.1 V
4.5
1.35
1.35
V
or VCC − 0.1 V
5.5
1.65
1.65
VOH
Minimum High Level Output Voltage
3.0
2.99
2.9
2.9
IOUT = −50 mA
4.5
4.49
4.4
4.4
V
5.5
5.49
5.4
5.4
V
*VIN = VIL or VIH
3.0
2.56
2.46
−12 mA
4.5
3.86
3.76
IOH
−24 mA
5.5
4.86
4.76
−24 mA
VOL
Maximum Low Level Output Voltage
3.0
0.002
0.1
0.1
IOUT = 50 mA
4.5
0.001
0.1
0.1
V
5.5
0.001
0.1
0.1
V
*VIN = VIL or VIH
3.0
0.36
0.44
12 mA
4.5
0.36
0.44
IOL
24 mA
5.5
0.36
0.44
24 mA
IIN
Maximum Input Leakage Current
5.5
±0.1
±1.0
mA
VI = VCC, GND
IOLD
Minimum Dynamic Output Current
{
5.5
75
mA
VOLD = 1.65 V Max
IOHD
5.5
−75
mA
VOHD = 3.85 V Min
*All outputs loaded; thresholds on input associated with output under test.
†Maximum test duration 2.0 ms, one output loaded at a time.


Numéro de pièce similaire - MC74AC4040_15

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC74AC4040D MOTOROLA-MC74AC4040D Datasheet
136Kb / 5P
   12-STAGE BINARY RIPPLE COUNTER
logo
ON Semiconductor
MC74AC4040D ONSEMI-MC74AC4040D Datasheet
84Kb / 6P
   12?뭆tage Binary Ripple Counter
November, 2006 ??Rev. 7
MC74AC4040DG ONSEMI-MC74AC4040DG Datasheet
84Kb / 6P
   12?뭆tage Binary Ripple Counter
November, 2006 ??Rev. 7
MC74AC4040DR2 ONSEMI-MC74AC4040DR2 Datasheet
84Kb / 6P
   12?뭆tage Binary Ripple Counter
November, 2006 ??Rev. 7
MC74AC4040DR2G ONSEMI-MC74AC4040DR2G Datasheet
84Kb / 6P
   12?뭆tage Binary Ripple Counter
November, 2006 ??Rev. 7
More results

Description similaire - MC74AC4040_15

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC74HC4040A ONSEMI-MC74HC4040A Datasheet
170Kb / 8P
   12-Stage Binary Ripple Counter
May, 2000 ??Rev. 3
logo
Integral Corp.
IW4040B INTEGRAL-IW4040B Datasheet
59Kb / 7P
   12-Stage Binary Ripple Counter
logo
Motorola, Inc
MC74AC4040 MOTOROLA-MC74AC4040 Datasheet
136Kb / 5P
   12-STAGE BINARY RIPPLE COUNTER
logo
Nexperia B.V. All right...
HEF4040B-Q100 NEXPERIA-HEF4040B-Q100 Datasheet
680Kb / 13P
   12-stage binary ripple counter
74HC4040-Q100 NEXPERIA-74HC4040-Q100 Datasheet
762Kb / 19P
   12-stage binary ripple counter
logo
NXP Semiconductors
74HC4040 PHILIPS-74HC4040 Datasheet
137Kb / 24P
   12-stage binary ripple counter
Rev. 03-14 September 2005
logo
Nexperia B.V. All right...
74HCT4040 NEXPERIA-74HCT4040 Datasheet
275Kb / 16P
   12-stage binary ripple counter
Rev. 7 - 26 May 2021
logo
NXP Semiconductors
74LV4040 PHILIPS-74LV4040 Datasheet
133Kb / 14P
   12-stage binary ripple counter
1998 Jun 23
logo
ON Semiconductor
MC74HC4040A ONSEMI-MC74HC4040A_14 Datasheet
123Kb / 8P
   12-Stage Binary Ripple Counter
August, 2014 ??Rev. 9
logo
Nexperia B.V. All right...
HEF4040B NEXPERIA-HEF4040B Datasheet
211Kb / 11P
   12-stage binary ripple counter
Rev. 10 - 7 December 2021
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com