Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDC6333C Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FDC6333C
Description  30V N & P-Channel PowerTrench MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6333C Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FDC6333C Datasheet HTML 1Page - Fairchild Semiconductor FDC6333C Datasheet HTML 2Page - Fairchild Semiconductor FDC6333C Datasheet HTML 3Page - Fairchild Semiconductor FDC6333C Datasheet HTML 4Page - Fairchild Semiconductor FDC6333C Datasheet HTML 5Page - Fairchild Semiconductor FDC6333C Datasheet HTML 6Page - Fairchild Semiconductor FDC6333C Datasheet HTML 7Page - Fairchild Semiconductor FDC6333C Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FDC6333C Rev C (W)
Electrical Characteristics
T
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V,
ID = 250
µA
VGS = 0 V,
ID = –250
µA
Q1
Q2
30
–30
V
∆BVDSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250
µA,Ref. to 25°C
ID = –250
µA,Ref. to 25°C
Q1
Q2
27
–22
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 24 V,
VGS = 0 V
VDS = –24 V, VGS = 0 V
Q1
Q2
1
–1
µA
IGSSF
Gate–Body Leakage, Forward
VGS = 16 V,
VDS = 0 V
VGS = 25 V,
VDS = 0 V
Q1
Q2
100
100
nA
IGSSR
Gate–Body Leakage, Reverse
VGS = –16 V, VDS = 0 V
VGS = –25 V, VDS = 0 V
Q1
Q2
–100
–100
nA
On Characteristics
(Note 2)
VGS(th)
Q1
VDS = VGS, ID = 250
µA
1
1.8
3
Gate Threshold Voltage
Q2
VDS = VGS, ID = –250
µA
–1
–1.8
–3
V
∆VGS(th)
Q1
ID = 250
µA,Ref. To 25°C
4
∆T
J
Gate Threshold Voltage
Temperature Coefficient
Q2
ID = –250
µA,Ref. to 25°C
–4
mV/
°C
RDS(on)
Q1
VGS = 10 V,
ID = 2.5 A
VGS = 4.5 V,
ID = 2.0 A
VGS = 10 V, ID = 2.5 A,TJ=125
°C
73
90
106
95
150
148
Static Drain–Source
On–Resistance
Q2
VGS = –10 V, ID = –2.0 A
VGS =– 4.5 V, ID = –1.7 A
VGS = 10 V, ID= –2.0 A,TJ=125
°C
95
142
149
130
220
216
m
ID(on)
Q1
VGS = 10 V,
VDS = 5 V
8
On–State Drain Current
Q2
VGS = –10 V, VDS = –5 V
–8
A
gFS
Q1
VDS = 5 V
ID = 2.5 A
7
Forward Transconductance
Q2
VDS = –5 V
ID = –2.0A
3
S
Dynamic Characteristics
Ciss
Q1
VDS=15 V, V GS= 0 V, f=1.0MHz
282
Input Capacitance
Q2
VDS=–15 V, V GS= 0 V, f=1.0MHz
185
pF
Coss
Q1
VDS=15 V, V GS= 0 V, f=1.0MHz
49
Output Capacitance
Q2
VDS=–15 V, V GS= 0 V, f=1.0MHz
56
pF
Crss
Q1
VDS=15 V, V GS= 0 V, f=1.0MHz
20
Reverse Transfer Capacitance
Q2
VDS=–15 V, V GS= 0 V, f=1.0MHz
26
pF
Switching Characteristics (Note 2)
td(on)
Q1
4.5
9
Turn–On Delay Time
Q2
4.5
9
ns
tr
Q1
6
12
Turn–On Rise Time
Q2
13
23
ns
td(off)
Q1
19
34
Turn–Off Delay Time
Q2
11
20
ns
tf
Q1
1.5
3
Turn–Off Fall Time
Q2
For Q1:
VDS =15 V,
I DS= 1 A
VGS= 10 V,
RGEN = 6
For Q2:
VDS =–15 V,
I DS= –1 A
VGS= –10 V,
RGEN = 6
2
4
ns
Qg
Q1
4.7
6.6
Total Gate Charge
Q2
4.1
5.7
nC
Qgs
Q1
0.9
Gate–Source Charge
Q2
0.8
nC
Qgd
Q1
0.6
Gate–Drain Charge
Q2
For Q1:
VDS =15 V,
I DS= 2.5 A
VGS= 10 V,
RGEN = 6
For Q2:
VDS =–15 V,
I DS= –2.0 A
VGS= –10 V,
0.4
nC


Numéro de pièce similaire - FDC6333C

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDC6330 FAIRCHILD-FDC6330 Datasheet
185Kb / 7P
   Integrated Load Switch
FDC6330L FAIRCHILD-FDC6330L Datasheet
185Kb / 7P
   Integrated Load Switch
logo
ON Semiconductor
FDC6330L ONSEMI-FDC6330L Datasheet
291Kb / 4P
   Integrated Load Switch
October-2017, Rev. 2
logo
Fairchild Semiconductor
FDC6331L FAIRCHILD-FDC6331L Datasheet
57Kb / 4P
   Integrated Load Switch
FDC6331L FAIRCHILD-FDC6331L Datasheet
91Kb / 4P
   Integrated Load Switch
More results

Description similaire - FDC6333C

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS8333C FAIRCHILD-FDS8333C Datasheet
134Kb / 8P
   30V N & P-Channel PowerTrench MOSFETs
FDG6335N FAIRCHILD-FDG6335N Datasheet
66Kb / 5P
   20V N & P-Channel PowerTrench MOSFETs
FDG6332C FAIRCHILD-FDG6332C Datasheet
93Kb / 8P
   20V N & P-Channel PowerTrench MOSFETs
FDC6420C FAIRCHILD-FDC6420C Datasheet
102Kb / 8P
   20V N & P-Channel PowerTrench MOSFETs
logo
First Silicon Co., Ltd
FTK3710 FS-FTK3710 Datasheet
896Kb / 6P
   30V NP Dual Channel MOSFETs
logo
FETek Technology Corp.
FKBB3909 FETEK-FKBB3909 Datasheet
1,012Kb / 9P
   30V NP Dual Channel MOSFETs
Ver : A
logo
First Silicon Co., Ltd
FTK3714NP FS-FTK3714NP Datasheet
1Mb / 4P
   30V NP Dual Channel MOSFETs
logo
Fairchild Semiconductor
SI6415DQ FAIRCHILD-SI6415DQ Datasheet
108Kb / 5P
   30V P-Channel PowerTrench MOSFET
NDS9430 FAIRCHILD-NDS9430_02 Datasheet
139Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDS6675A FAIRCHILD-FDS6675A Datasheet
107Kb / 5P
   30V P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com