Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4423DY Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce SI4423DY
Description  P-Channel 20-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4423DY Fiches technique(HTML) 2 Page - Vishay Siliconix

  SI4423DY Datasheet HTML 1Page - Vishay Siliconix SI4423DY Datasheet HTML 2Page - Vishay Siliconix SI4423DY Datasheet HTML 3Page - Vishay Siliconix SI4423DY Datasheet HTML 4Page - Vishay Siliconix SI4423DY Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Si4423DY
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 72085
S-03540—Rev. B, 24-Mar-03
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = - 600 mA
- 0.4
- 0.9
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "8 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 16 V, VGS = 0 V
-1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = - 16 V, VGS = 0 V, TJ = 70_C
-10
mA
On-State Drain Currenta
ID(on)
VDS = - 5 V, VGS = - 4.5 V
-30
A
VGS = - 4.5 V, ID = - 14 A
0.006
0.0075
Drain-Source On-State Resistancea
rDS(on)
VGS = - 2.5 V, ID = - 13 A
0.0071
0.009
W
DS(on)
VGS = - 1.8 V, ID = - 12 A
0.009
0.0115
Forward Transconductancea
gfs
VDS = - 10 V, ID = - 14 A
60
S
Diode Forward Voltagea
VSD
IS = - 2.7 A, VGS = 0 V
- 0.6
- 1.1
V
Dynamicb
Total Gate Charge
Qg
116
175
Gate-Source Charge
Qgs
VDS = - 10 V, VGS = - 5 V, ID = - 14 A
16
nC
Gate-Drain Charge
Qgd
27
Turn-On Delay Time
td(on)
75
115
Rise Time
tr
VDD = - 10 V, RL = 10 W
165
250
ns
Turn-Off Delay Time
td(off)
VDD = 10 V, RL = 10 W
ID ^ - 1 A, VGEN = - 4.5 V, RG = 6 W
460
700
ns
Fall Time
tf
210
320
Gate Resistance
Rg
3.2
W
Source-Drain Reverse Recovery Time
trr
IF = - 2.1 A, di/dt = 100 A/ms
105
160
ns
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
10
20
30
40
50
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
0
10
20
30
40
50
0
1234
5
VGS = 5 thru 2 V
TC = 125_C
-55
_C
25
_C
Output Characteristics
Transfer Characteristics
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
1.5 V


Numéro de pièce similaire - SI4423DY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4423DY VISHAY-SI4423DY Datasheet
172Kb / 8P
   P-Channel 20-V (D-S) MOSFET
01-Jan-2022
SI4423DY VISHAY-SI4423DY_V01 Datasheet
172Kb / 8P
   P-Channel 20-V (D-S) MOSFET
01-Jan-2022
More results

Description similaire - SI4423DY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com