Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4941EDY Fiches technique(PDF) 6 Page - Vishay Siliconix

No de pièce SI4941EDY
Description  Dual P-Channel 30-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4941EDY Fiches technique(HTML) 6 Page - Vishay Siliconix

  SI4941EDY Datasheet HTML 1Page - Vishay Siliconix SI4941EDY Datasheet HTML 2Page - Vishay Siliconix SI4941EDY Datasheet HTML 3Page - Vishay Siliconix SI4941EDY Datasheet HTML 4Page - Vishay Siliconix SI4941EDY Datasheet HTML 5Page - Vishay Siliconix SI4941EDY Datasheet HTML 6Page - Vishay Siliconix SI4941EDY Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
6
Document Number: 74248
S-72693-Rev. B, 24-Dec-07
Vishay Siliconix
Si4941EDY
New Product
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see http://www.vishay.com/ppg?74248.
Normalized Thermal Transient Impedance, Junction-to-Ambient
10 -3
10 -2
1
10
600
10 -1
10 -4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 85 °C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
Normalized Thermal Transient Impedance, Junction-to-Foot
10 -3
10 -2
1
10
10 -1
10 -4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)


Numéro de pièce similaire - SI4941EDY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4941EDY VISHAY-SI4941EDY Datasheet
134Kb / 7P
   Dual P-Channel 30-V (D-S) MOSFET
01-Jan-2022
SI4941EDY VISHAY-SI4941EDY Datasheet
164Kb / 7P
   Dual P-Channel 30-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI4941EDY-T1-E3 VBSEMI-SI4941EDY-T1-E3 Datasheet
1,023Kb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4941EDY VISHAY-SI4941EDY_V01 Datasheet
134Kb / 7P
   Dual P-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

Description similaire - SI4941EDY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4953DY VISHAY-SI4953DY Datasheet
43Kb / 4P
   Dual P-Channel 30-V(D-S) MOSFET
Rev. E, 18-Aug-03
SIA931DJ VISHAY-SIA931DJ Datasheet
277Kb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. A, 13-May-13
SI3993DV VISHAY-SI3993DV Datasheet
204Kb / 10P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. C, 02-Nov-09
SI7997DP VISHAY-SI7997DP Datasheet
482Kb / 13P
   Dual P-Channel 30 V (D-S) MOSFET
Rev. A, 09-Aug-10
logo
Anachip Corp
AF4935 ANACHIP-AF4935 Datasheet
149Kb / 3P
   Dual P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4927DY VISHAY-SI4927DY Datasheet
271Kb / 3P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. B, 02-Jan-06
SI7941DP VISHAY-SI7941DP Datasheet
274Kb / 3P
   Dual P-Channel 30-V (D-S) MOSFET
31-May-04
SI7921DN VISHAY-SI7921DN Datasheet
186Kb / 5P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. B, 27-Jun-05
logo
Guangdong Kexin Industr...
KI4923DY KEXIN-KI4923DY Datasheet
51Kb / 2P
   Dual P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7945DP VISHAY-SI7945DP_06 Datasheet
207Kb / 4P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. B, 27-Feb-06
logo
Guangdong Kexin Industr...
KI4953DY KEXIN-KI4953DY Datasheet
50Kb / 2P
   Dual P-Channel 30-V(D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com