Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4650DY Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SI4650DY
Description  Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4650DY Fiches technique(HTML) 1 Page - Vishay Siliconix

  SI4650DY Datasheet HTML 1Page - Vishay Siliconix SI4650DY Datasheet HTML 2Page - Vishay Siliconix SI4650DY Datasheet HTML 3Page - Vishay Siliconix SI4650DY Datasheet HTML 4Page - Vishay Siliconix SI4650DY Datasheet HTML 5Page - Vishay Siliconix SI4650DY Datasheet HTML 6Page - Vishay Siliconix SI4650DY Datasheet HTML 7Page - Vishay Siliconix SI4650DY Datasheet HTML 8Page - Vishay Siliconix SI4650DY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Vishay Siliconix
Si4650DY
Document Number: 70449
S10-0105-Rev. D, 18-Jan-10
www.vishay.com
1
Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET
100 % Rg and UIS Tested
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Notebook Logic dc-to-dc
Low Current dc-to-dc
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a, e
Qg (Typ.)
Channel-1
30
0.018 at VGS = 10 V
8.0
10.5
0.022 at VGS = 4.5 V
8.0
Channel-2
30
0.018 at VGS = 10 V
8.0
10.5
0.022 at VGS = 4.5 V
8.0
SCHOTTKY PRODUCT SUMMARY
VDS (V)
VSD (V)
Diode Forward Voltage
IF (A)
a
30
0.43 V at 1.0 A
2.8
D1
G1
D1
S2
G2
SO-8
5
6
7
8
Top View
2
3
4
1
S1/D2
S1/D2
S1/D2
Ordering Information: Si4650DY-T1-E3 (Lead (Pb)-free)
Si4650DY-T1-GE3 (Lead (Pb)-free and Halogen-free)
N-Channel MOSFET
D1
G1
S1
N-Channel MOSFET
D2
G2
S2
Schottky Diode
Notes:
a. Based on TC = 25 °C.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. Maximum under steady state conditions is 110 °C/W (Channel-1) and 110 °C/W (Channel-2).
e. Package limited.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Channel-1
Channel-2
Unit
Drain-Source Voltage
VDS
30
30
V
Gate-Source Voltage
VGS
± 20
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
8.0e
8.0e
A
TC = 70 °C
7.8
7.8
TA = 25 °C
7.8b, c
7.8b, c
TA = 70 °C
6.2b, c
6.2b, c
Pulsed Drain Current (10 µs Pulse Width)
IDM
30
30
Source-Drain Current Diode Current
TC = 25 °C
IS
2.8
2.8
TA = 25 °C
1.8b, c
1.8b, c
Pulsed Source-Drain Current
ISM
30
30
Single Pulse Avalanche Current
L = 0.1 mH
IAS
20
20
Single Pulse Avalanche Energy
EAS
20
20
mJ
Maximum Power Dissipation
TC = 25 °C
PD
3.1
3.1
W
TC = 70 °C
22
TA = 25 °C
2b, c
2b, c
TA = 70 °C
1.2b, c
1.2b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Channel-1
Channel-2
Unit
Typ.
Max.
Typ.
Max.
Maximum Junction-to-Ambientb, d
t
≤ 10 s
RthJA
52
62.5
52
62.5
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
35
40
35
40


Numéro de pièce similaire - SI4650DY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4650DY VISHAY-SI4650DY Datasheet
154Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI4650DY VISHAY-SI4650DY_V01 Datasheet
154Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results

Description similaire - SI4650DY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4808DY VISHAY-SI4808DY Datasheet
46Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4818DY VISHAY-SI4818DY Datasheet
68Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4816BDY VISHAY-SI4816BDY Datasheet
88Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 09-Aug-04
SI4854DY VISHAY-SI4854DY Datasheet
53Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 16-Apr-01
SI4834BDY-T1-E3 VISHAY-SI4834BDY-T1-E3 Datasheet
261Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-May-09
SI4834BDY VISHAY-SI4834BDY Datasheet
93Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. C, 29-Dec-03
SI4310BDY VISHAY-SI4310BDY_V01 Datasheet
152Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI7872DP VISHAY-SI7872DP_V01 Datasheet
149Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
18-Jul-08
SI7842DP VISHAY-SI7842DP_V01 Datasheet
133Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIZ980BDT VISHAY-SIZ980BDT Datasheet
239Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com