Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

8V79S680 Fiches technique(PDF) 8 Page - Integrated Device Technology

No de pièce 8V79S680
Description  JESD204B Compliant Fanout Buffer and Divider
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

8V79S680 Fiches technique(HTML) 8 Page - Integrated Device Technology

Back Button 8V79S680 Datasheet HTML 4Page - Integrated Device Technology 8V79S680 Datasheet HTML 5Page - Integrated Device Technology 8V79S680 Datasheet HTML 6Page - Integrated Device Technology 8V79S680 Datasheet HTML 7Page - Integrated Device Technology 8V79S680 Datasheet HTML 8Page - Integrated Device Technology 8V79S680 Datasheet HTML 9Page - Integrated Device Technology 8V79S680 Datasheet HTML 10Page - Integrated Device Technology 8V79S680 Datasheet HTML 11Page - Integrated Device Technology 8V79S680 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
8
©2016 Integrated Device Technology, Inc
August 4, 2016
8V79S680 Datasheet
Figure 3: DCB Functional Diagram
Table 4: DCB Delay Unit at fDCO = 983.04MHz
TDCB
Delay Unit (ps)
DLC
NDCB
DLC[1:0] Setting
Numeric Value
131
00
1
1
262
01
2
2
393
10
3
3
524
11
4
4
Table 5: DCB Divider Configuration Examplesa
a. fDCO = 983.04MHz.
fIN (MHz)
TDCB
Delay Unit in ps
DLC
PDCB
MDCB
245.76
131
1
24
96
262
2
24
48
393
3
24
32
524
4
24
24
491.52
131
1
48
96
262
2
48
48
393
3
48
32
524
4
48
24
983.04
131
1
96
96
262
2
96
48
393
3
96
32
524
4
96
24
f
IN
P
DCB
----------------
f
DCO
M
DCB
N
DCB
----------------------------------------
=
f
DCO
983MHz
20MHz
=
DCO
983.04±20MHz
÷MDCB
÷PDCB
Digital
Hold
fIN
Delay Unit TDCB
131ps · (1+DLC[1:0])
f1
f2
DCB_CAL
DLC[1:0]
÷NDCB


Numéro de pièce similaire - 8V79S680

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
8V79S680 RENESAS-8V79S680 Datasheet
1Mb / 46P
   JESD204B Compliant Fanout Buffer and Divider
January 11, 2019
logo
Integrated Device Techn...
8V79S680NLGI IDT-8V79S680NLGI Datasheet
698Kb / 49P
   JESD204B-Compliant Fanout Buffer and Divider
8V79S680NLGI8 IDT-8V79S680NLGI8 Datasheet
698Kb / 49P
   JESD204B-Compliant Fanout Buffer and Divider
8V79S680 IDT-8V79S680_17 Datasheet
698Kb / 49P
   JESD204B-Compliant Fanout Buffer and Divider
More results

Description similaire - 8V79S680

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
8V79S680 IDT-8V79S680_17 Datasheet
698Kb / 49P
   JESD204B-Compliant Fanout Buffer and Divider
logo
Renesas Technology Corp
8V79S680 RENESAS-8V79S680 Datasheet
1Mb / 46P
   JESD204B Compliant Fanout Buffer and Divider
January 11, 2019
8V79S683 RENESAS-8V79S683 Datasheet
1Mb / 53P
   JESD204B/C Compliant Fanout Buffer and Divider
September 13, 2021
8T49NS010 RENESAS-8T49NS010 Datasheet
925Kb / 38P
   Clock Synthesizer and Fanout Buffer/Divider
10/15/15
8V74S4622 RENESAS-8V74S4622 Datasheet
587Kb / 17P
   Clock Fanout Buffer/Frequency Divider
05/11/15
logo
Integrated Device Techn...
ICS87004BGI-03LF IDT-ICS87004BGI-03LF Datasheet
254Kb / 12P
   LVCMOS/LVTTL FANOUT BUFFER/DIVIDER
logo
Renesas Technology Corp
ICS87004I-03 RENESAS-ICS87004I-03 Datasheet
367Kb / 16P
   LVCMOS/ LVTTL Fanout Buffer/ Divider
2019
8T73S1802 RENESAS-8T73S1802 Datasheet
1Mb / 25P
   1:2 Clock Fanout Buffer and Frequency Divider
January 21, 2018
8T74S208B RENESAS-8T74S208B Datasheet
662Kb / 22P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
August 10, 2016
logo
Integrated Device Techn...
874208I IDT-874208I Datasheet
298Kb / 19P
   2.5V Differential LVDS Clock Divider and Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com