Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI3993CDV Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SI3993CDV
Description  Dual P-Channel 30 V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3993CDV Fiches technique(HTML) 1 Page - Vishay Siliconix

  SI3993CDV Datasheet HTML 1Page - Vishay Siliconix SI3993CDV Datasheet HTML 2Page - Vishay Siliconix SI3993CDV Datasheet HTML 3Page - Vishay Siliconix SI3993CDV Datasheet HTML 4Page - Vishay Siliconix SI3993CDV Datasheet HTML 5Page - Vishay Siliconix SI3993CDV Datasheet HTML 6Page - Vishay Siliconix SI3993CDV Datasheet HTML 7Page - Vishay Siliconix SI3993CDV Datasheet HTML 8Page - Vishay Siliconix SI3993CDV Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Vishay Siliconix
Si3993CDV
New Product
Document Number: 67331
S11-0240-Rev. A, 14-Feb-11
www.vishay.com
1
Dual P-Channel 30 V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
RDS(on) ()ID (A)
a
Qg (Typ.)
- 30
0.111 at VGS = - 10 V
- 2.9
2.7 nC
0.188 at VGS = - 4.5 V
- 2.2
Ordering Information: Si3993CDV-T1-GE3 (Lead (Pb)-free and Halogen-free)
TSOP-6
Top View
6
4
1
2
3
5
2.85 mm
3 mm
D2
G2
S1
S2
D1
G1
Marking Code
MJ
XXX
Lot Traceability
and Date Code
Part # Code
S2
G2
D2
P-Channel MOSFET
S1
G1
D1
P-Channel MOSFET
Notes:
a. TC = 25 °C.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. Maximum under steady state conditions is 150 °C/W.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
- 30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
- 2.9
A
TC = 70 °C
- 2.3
TA = 25 °C
- 2.6b, c
TA = 70 °C
- 2.1b, c
Pulsed Drain Current
IDM
- 8
Continuous Source-Drain Diode Current
TC = 25 °C
IS
- 1.17
TA = 25 °C
- 0.95b, c
Maximum Power Dissipation
TC = 25 °C
PD
1.4
W
TC = 70 °C
0.9
TA = 25 °C
1.14b, c
TA = 70 °C
0.73b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
 5 s
RthJA
93
110
°C/W
Maximum Junction-to-Foot
Steady State
RthJF
75
90
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
TrenchFET® Power MOSFET
100 % Rg Tested
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Load Switch for Portable Applications
Battery Switch for Portable Devices
Computers
- Bus Switch
- Load Switch


Numéro de pièce similaire - SI3993CDV

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI3993CDV VISHAY-SI3993CDV Datasheet
264Kb / 11P
   Dual P-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI3993CDV-T1-GE3 VISHAY-SI3993CDV-T1-GE3 Datasheet
264Kb / 11P
   Dual P-Channel 30 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI3993CDV-T1-GE3 VBSEMI-SI3993CDV-T1-GE3 Datasheet
528Kb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI3993CDV VISHAY-SI3993CDV_V01 Datasheet
264Kb / 11P
   Dual P-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Description similaire - SI3993CDV

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4953DY VISHAY-SI4953DY Datasheet
43Kb / 4P
   Dual P-Channel 30-V(D-S) MOSFET
Rev. E, 18-Aug-03
SIA931DJ VISHAY-SIA931DJ Datasheet
277Kb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. A, 13-May-13
SI3993DV VISHAY-SI3993DV Datasheet
204Kb / 10P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. C, 02-Nov-09
SI7997DP VISHAY-SI7997DP Datasheet
482Kb / 13P
   Dual P-Channel 30 V (D-S) MOSFET
Rev. A, 09-Aug-10
logo
Anachip Corp
AF4935 ANACHIP-AF4935 Datasheet
149Kb / 3P
   Dual P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4927DY VISHAY-SI4927DY Datasheet
271Kb / 3P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. B, 02-Jan-06
SI7941DP VISHAY-SI7941DP Datasheet
274Kb / 3P
   Dual P-Channel 30-V (D-S) MOSFET
31-May-04
SI7921DN VISHAY-SI7921DN Datasheet
186Kb / 5P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. B, 27-Jun-05
logo
Guangdong Kexin Industr...
KI4923DY KEXIN-KI4923DY Datasheet
51Kb / 2P
   Dual P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7945DP VISHAY-SI7945DP_06 Datasheet
207Kb / 4P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. B, 27-Feb-06
logo
Guangdong Kexin Industr...
KI4953DY KEXIN-KI4953DY Datasheet
50Kb / 2P
   Dual P-Channel 30-V(D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com