Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMA5J150A Fiches technique(PDF) 1 Page - SUNMATE electronic Co., LTD

No de pièce SMA5J150A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUNMATE [SUNMATE electronic Co., LTD]
Site Internet  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SMA5J150A Fiches technique(HTML) 1 Page - SUNMATE electronic Co., LTD

  SMA5J150A Datasheet HTML 1Page - SUNMATE electronic Co., LTD SMA5J150A Datasheet HTML 2Page - SUNMATE electronic Co., LTD SMA5J150A Datasheet HTML 3Page - SUNMATE electronic Co., LTD SMA5J150A Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Value
VOLTAGE RANGE: 5.0 - 440 V
SMA5J5.0A(CA) - SMA5J440A(CA)
POWER: 500Wa t t s
Glass Passivated Die Construction
Uni- and Bi-Directional Versions Available
Excellent Clamping Capability
Fast Response Time
Plastic Material: UL Flammability
Classification Rating 94V-0
Features
Notes:
(1) Non-repetitive current pulse, per Fig. 3 and derated above TA = 25 °C per Fig. 2.
(2) Mounted on 0.2 x 0.2" (5.0 x 5.0 mm) copper pads to each terminal
Peak pulse power dissipation with a 10/1000 µs waveform (1)(2) (Fig. 1)
PPPM
500
W
Peak pulse current with a 10/1000 µs waveform (1)
IPPM
See next table
A
Peak forward surge current 8.3 ms single half sine-wave uni-directional only (2)
IFSM
40
A
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C
!
!
!
!
!
Maximum Ratings @ TA = 25°C unless otherwise specified
Characteristic
1 of 4
www.sunmate.tw
Symbol
Unit
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
Case: SMA/DO-214AC, Molded Plastic
!
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
Weight: 0.064 grams (approx.)
Mechanical Data
A
B
C
D
G
H
E
J
Dim
MinMax
A
2.29
2.92
B
4.00
4.60
C
1.27
1.63
D
0.15
0.31
E
4.80
5.59
G
0.10
0.20
H
0.76
1.52
J
2.01
2.62
All Dimensions in mm
SMA(DO-214AC)


Numéro de pièce similaire - SMA5J150A

FabricantNo de pièceFiches techniqueDescription
logo
SUNMATE electronic Co.,...
SMA5J150CA SUNMATE-SMA5J150CA Datasheet
749Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
More results

Description similaire - SMA5J150A

FabricantNo de pièceFiches techniqueDescription
logo
SUNMATE electronic Co.,...
MMF11A SUNMATE-MMF11A Datasheet
811Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
MMF24A SUNMATE-MMF24A Datasheet
811Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
MMF24CA SUNMATE-MMF24CA Datasheet
811Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
MMF28CA SUNMATE-MMF28CA Datasheet
811Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
MMF36CA SUNMATE-MMF36CA Datasheet
811Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
1SMB11CA SUNMATE-1SMB11CA Datasheet
979Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
1SMB51CA SUNMATE-1SMB51CA Datasheet
979Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
1SMB85A SUNMATE-1SMB85A Datasheet
979Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
SMAJ120A SUNMATE-SMAJ120A Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
SMAJ150CA SUNMATE-SMAJ150CA Datasheet
787Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
SMA5J22CA SUNMATE-SMA5J22CA Datasheet
749Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com