Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

N01S830BAT22ET Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce N01S830BAT22ET
Description  1 Mb Ultra-Low Power Serial SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N01S830BAT22ET Fiches technique(HTML) 2 Page - ON Semiconductor

  N01S830BAT22ET Datasheet HTML 1Page - ON Semiconductor N01S830BAT22ET Datasheet HTML 2Page - ON Semiconductor N01S830BAT22ET Datasheet HTML 3Page - ON Semiconductor N01S830BAT22ET Datasheet HTML 4Page - ON Semiconductor N01S830BAT22ET Datasheet HTML 5Page - ON Semiconductor N01S830BAT22ET Datasheet HTML 6Page - ON Semiconductor N01S830BAT22ET Datasheet HTML 7Page - ON Semiconductor N01S830BAT22ET Datasheet HTML 8Page - ON Semiconductor N01S830BAT22ET Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
N01S830HA, N01S830BA
www.onsemi.com
2
Table 1. DEVICE OPTIONS
Device / Part Number
Power Supply
Speed
Package
Temperature
Range
Function
N01S830HAT22
HV 2.5 V − 5.5 V
20 MHz for I−Temp,
16 MHz E−Temp
TSSOP−8
I, E
HOLD
N01S830BAT22
HV 2.5 V − 5.5 V
20 MHz for I−Temp,
16 MHz E−Temp
TSSOP−8
I, E
BBU − Battery Back-up
Table 2. PIN NAMES
Pin Name
Pin Function
CS
Chip Select
SCK
Serial Clock
SI / SIO0
Data Input − SPI mode
Data Input/Output 0 − DUAL and QUAD mode
SO / SIO1
Data Output − SPI mode
Data Input/Output 1 − DUAL and QUAD mode
NC / SIO2
No Connect − SPI and DUAL mode
Data Input/Output 2 − QUAD mode
HOLD / SIO3
HOLD Version
HOLD Input − SPI and DUAL mode
Data Input/Output 3 − QUAD mode
VBAT
BBU Version
Battery Supply − SPI and DUAL mode
VCC
Power
VSS
Ground
Figure 1. Functional Block Diagram
SRAM
Array
Control
Logic
Interface
Circuitry
Decode
Logic
Data Flow
Circuitry
CS
SI / SIO0
SO / SIO1
SIO2
HOLD / SIO3
SCK
Battery Controls
VBAT
(HOLD Version)
(BBU Version)
Table 3. CONTROL SIGNAL DESCRIPTIONS
Signal
Mode
Used
Name
Description
CS
All
Chip Select
A low level selects the device and a high level puts the device in standby mode. If CS is brought
high during a program cycle, the cycle will complete and then the device will enter standby mode.
When CS is high, SO is in high-Z. CS must be driven low after power-up prior to any sequence
being started.
SCK
All
Serial Clock
Synchronizes all activities between the memory and controller. All incoming addresses, data and
instructions are latched on the rising edge of SCK. Data out is updated after the falling edge of
SCK.
SI
SPI
Serial Data In
Receives instructions, addresses and data on the rising edge of SCK.
SO
SPI
Serial Data Out
Data is transferred out after the falling edge of SCK.


Numéro de pièce similaire - N01S830BAT22ET

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
N01S830BAT22I ONSEMI-N01S830BAT22I Datasheet
136Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
September, 2013 ??Rev. 0
N01S830BAT22IT ONSEMI-N01S830BAT22IT Datasheet
136Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
September, 2013 ??Rev. 0
More results

Description similaire - N01S830BAT22ET

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
N01S818HA ONSEMI-N01S818HA Datasheet
132Kb / 12P
   1 Mb Ultra-Low Power Serial SRAM
September, 2013 ??Rev. 0
N01S830HA ONSEMI-N01S830HA Datasheet
136Kb / 13P
   1 Mb Ultra-Low Power Serial SRAM
September, 2013 ??Rev. 0
CAT24M01 ONSEMI-CAT24M01_18 Datasheet
384Kb / 18P
   EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 4
NV25M01 ONSEMI-NV25M01_18 Datasheet
277Kb / 15P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 1
CAV24M01 ONSEMI-CAV24M01_18 Datasheet
269Kb / 14P
   EEPROM Serial 1-Mb I2C
May, 2018 ??Rev. 2
CAT25M01 ONSEMI-CAT25M01_18 Datasheet
337Kb / 17P
   EEPROM Serial 1-Mb SPI
June, 2018 ??Rev. 3
NV25M01 ONSEMI-NV25M01 Datasheet
109Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
September, 2016 ??Rev. P1
CAV25M01 ONSEMI-CAV25M01_15 Datasheet
124Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
December, 2015 ??Rev. 3
CAV25M01 ONSEMI-CAV25M01 Datasheet
175Kb / 13P
   1 Mb SPI Serial CMOS EEPROM
June, 2013 ??Rev. 1
CAT25M01 ONSEMI-CAT25M01_16 Datasheet
117Kb / 14P
   1 Mb SPI Serial CMOS EEPROM
October, 2016 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com