Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD16933EFV-E2 Fiches technique(PDF) 8 Page - Rohm

No de pièce BD16933EFV-E2
Description  Automotive 3ch Half Bridge Driver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD16933EFV-E2 Fiches technique(HTML) 8 Page - Rohm

Back Button BD16933EFV-E2 Datasheet HTML 4Page - Rohm BD16933EFV-E2 Datasheet HTML 5Page - Rohm BD16933EFV-E2 Datasheet HTML 6Page - Rohm BD16933EFV-E2 Datasheet HTML 7Page - Rohm BD16933EFV-E2 Datasheet HTML 8Page - Rohm BD16933EFV-E2 Datasheet HTML 9Page - Rohm BD16933EFV-E2 Datasheet HTML 10Page - Rohm BD16933EFV-E2 Datasheet HTML 11Page - Rohm BD16933EFV-E2 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
8/21
TSZ02201-0H5H0B301770-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
25.Apr.2016 Rev.002
www.rohm.com
TSZ22111
• 15 • 001
BD16933EFV-C
Typical Performance Curves
(Unless otherwise specified, VVS =7V to 36V, -40°C ≤Ta ≤+125°C)
0
0.3
0.6
0.9
1.2
1.5
0
0.2
0.4
0.6
0.8
1
Output Current [A]
Figure 7. Output On Resistance vs Output Current
Figure 8. Output On Resistance vs Output Current
(Output ON Resistance High Side, VVS = 12V)
(Output ON Resistance High Side, Ta=25
C)
Figure 9. Output On Resistance vs Output Current
Figure 10. Output On Resistance vs Output Current
(Output ON Resistance Low Side, Vvs = 12V)
(Output ON Resistance Low Side, Ta=25
C)
0
0.3
0.6
0.9
1.2
1.5
0
0.2
0.4
0.6
0.8
1
Output Current [A]
0
0.3
0.6
0.9
1.2
1.5
0
0.2
0.4
0.6
0.8
1
Output Current [A]
0
0.3
0.6
0.9
1.2
1.5
0
0.2
0.4
0.6
0.8
1
Output Current [A]
Vcc=5V
TEST1=TEST2=0V
Ta=-40
C
Ta=125
C
Ta=25
C
Ta=125
C
Ta=25
C
Ta=-40
C
Vcc=5V
TEST1=TEST2=0V
Vvs=12V
Vvs=36V
Vvs=7V
Vvs=36V
Vvs=12V
Vvs=7V
Vcc=5V
TEST1=TEST2=0V
Vcc=5V
TEST1=TEST2=0V


Numéro de pièce similaire - BD16933EFV-E2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
   AEC-Q100 Qualified
More results

Description similaire - BD16933EFV-E2

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DRV8702D-Q1 TI1-DRV8702D-Q1 Datasheet
1Mb / 66P
[Old version datasheet]   Automotive Half-Bridge Gate Driver
logo
Allegro MicroSystems
A4926 ALLEGRO-A4926 Datasheet
785Kb / 36P
   Automotive Half-Bridge MOSFET Driver
A4928 ALLEGRO-A4928 Datasheet
1Mb / 41P
   Automotive Half-Bridge MOSFET Driver
A4927 ALLEGRO-A4927 Datasheet
857Kb / 40P
   Automotive Half-Bridge MOSFET Driver
logo
Texas Instruments
DRV8904-Q1 TI1-DRV8904-Q1 Datasheet
1Mb / 96P
[Old version datasheet]   Automotive multi-channel half-bridge driver
logo
Allegro MicroSystems
AMT49502 ALLEGRO-AMT49502 Datasheet
1Mb / 45P
   80 V Automotive Half-Bridge MOSFET Driver
A89503 ALLEGRO-A89503 Datasheet
1Mb / 45P
   80 V Automotive Half-Bridge MOSFET Driver
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com